![]() |
Electronic Components Datasheet Search |
|
1N6515U Datasheet (PDF) - List of Unclassifed Manufacturers |
1N6515U Datasheet (HTML) - List of Unclassifed Manufacturers |
1N6515U Datasheet (PDF) |
![]() |
Download Datasheet |
Part No. | 1N6515U |
Download | 1N6515U Click to view |
File Size | 99.58 Kbytes |
Page | 2 Pages |
Maker | ETC [List of Unclassifed Manufacturers] |
Homepage | |
Logo | |
Description | 2,000 V - 5,000 V Rectifiers |
Related Electronics Part Number |
Part Number | Components Description | Html View | Manufacturer |
X06FF3 | 600 V - 1 000 V Rectifiers | 1 2 | List of Unclassifed Manufacturers |
K25S | 2 500 V - 10 000 V Rectifiers | 1 2 | List of Unclassifed Manufacturers |
M50FF3 | 5 000 V - 16 000 V Rectifiers | 1 2 | List of Unclassifed Manufacturers |
1N6513 | 2 000 V - 10 000 V Rectifiers 0.5 A - 2.0 A Forward Current 70 ns Recovery Time | 1 2 | List of Unclassifed Manufacturers |
1N6521 | 2 000 V - 10 000 V Rectifiers | 1 2 | List of Unclassifed Manufacturers |
1N6521U | 2 000 V - 5 000 V Rectifiers | 1 2 | List of Unclassifed Manufacturers |
1N6837 | 2 000 V - 5 000 V Rectifiers | 1 2 | List of Unclassifed Manufacturers |
Z25UFG | 2 500 V - 10 000 V Rectifiers 0.50 A - 1.5 A Forward Current 100 ns Recovery Time | 1 2 | List of Unclassifed Manufacturers |
Z25SG | 2 500 V - 10 000 V Rectifiers 0.50 A - 1.5 A Forward Current 3000 ns Recovery Time | 1 2 | List of Unclassifed Manufacturers |
1N6529 | 2 000 V - 10 000 V Rectifiers | 1 2 | List of Unclassifed Manufacturers |
Datasheet Page |
1 2 |
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Alldatasheet API | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn |