Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SPC-54 Datasheet (PDF) - Murata Power Solutions Inc.

SPC-54 Datasheet PDF - Murata Power Solutions Inc.
Part # SPC-54
Download  SPC-54 Download

File Size   623.47 Kbytes
Page   13 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description 240W PoE Regulated Converter

SPC-54 Datasheet (PDF)

Go To PDF Page Download Datasheet
SPC-54 Datasheet PDF - Murata Power Solutions Inc.

Part # SPC-54
Download  SPC-54 Click to download

File Size   623.47 Kbytes
Page   13 Pages
Manufacturer  MURATA-PS [Murata Power Solutions Inc.]
Direct Link  http://www.murata-ps.com
Logo MURATA-PS - Murata Power Solutions Inc.
Description 240W PoE Regulated Converter

SPC-54 Datasheet (HTML) - Murata Power Solutions Inc.

Back Button SPC-54 Datasheet HTML 1Page - Murata Power Solutions Inc. SPC-54 Datasheet HTML 2Page - Murata Power Solutions Inc. SPC-54 Datasheet HTML 3Page - Murata Power Solutions Inc. SPC-54 Datasheet HTML 4Page - Murata Power Solutions Inc. SPC-54 Datasheet HTML 5Page - Murata Power Solutions Inc. SPC-54 Datasheet HTML 6Page - Murata Power Solutions Inc. SPC-54 Datasheet HTML 7Page - Murata Power Solutions Inc. SPC-54 Datasheet HTML 8Page - Murata Power Solutions Inc. SPC-54 Datasheet HTML 9Page - Murata Power Solutions Inc. SPC-54 Datasheet HTML 10Page - Murata Power Solutions Inc. Next Button 



Similar Part No. - SPC-54

ManufacturerPart #DatasheetDescription
logo
Murata Power Solutions ...
SPC-54-4.4-L12PG-C MURATA-PS-SPC-54-4.4-L12PG-C Datasheet
1Mb / 14P
   240W PoE Regulated Converter
2023
SPC-54/4.4-L12PG-C MURATA-PS-SPC-54/4.4-L12PG-C Datasheet
1Mb / 14P
   240W PoE Regulated Converter
2023
More results


Similar Description - SPC-54

ManufacturerPart #DatasheetDescription
logo
MORNSUN Science& Techno...
LI240-10B24 MORNSUN-LI240-10B24_15 Datasheet
234Kb / 4P
   240W, AC/DC converter
logo
Level One
FEP-1611 LVL1-FEP-1611_16 Datasheet
357Kb / 3P
   16-Port Fast Ethernet PoE Switch, 240W, 802.3at PoEplus
logo
Monolithic Power System...
EV8007-V-00A MPS-EV8007-V-00A Datasheet
511Kb / 10P
   IEEE 802.3af PoE PD Interface with 13W Primary-side Regulated Flyback Converter
EV8007-V-00C MPS-EV8007-V-00C Datasheet
513Kb / 9P
   IEEE 802.3af PoE PD Interface with 13W Primary-side Regulated Flyback Converter
logo
GAPTEC Electronic GmbH ...
240ACDR GAPTEC-240ACDR Datasheet
2Mb / 5P
   240W - Single Output AC-DC Converter - Universal Input - Isolated & Regulated Industrial DIN Rail Power Supply
logo
Monolithic Power System...
EV8007-V-00D MPS-EV8007-V-00D Datasheet
465Kb / 9P
   IEEE 802.3af PoE PD Interface with 13W Primary-side Regulated Flyback Converter
logo
Microchip Technology
PD-9501G-SFP MICROCHIP-PD-9501G-SFP Datasheet
494Kb / 2P
   PoE Media Converter, 60W PoE Output
7/21
logo
Level One
FGP-2410 LVL1-FGP-2410_16 Datasheet
869Kb / 4P
   26-Port Fast Ethernet PoE Switch, 2 x SFP/RJ45 Combo Gigabit, 802.3at PoE, 24 PoE Outputs, 240W
logo
Vicor Corporation
DCM300P138X500A40 VICOR-DCM300P138X500A40 Datasheet
1Mb / 25P
   Regulated DC Converter
DCM3414X50M26C2YZZ VICOR-DCM3414X50M26C2YZZ Datasheet
1Mb / 22P
   Regulated DC Converter
More results




About Murata Power Solutions Inc.


Murata Power Solutions is a subsidiary of Murata Manufacturing, a Japanese multinational electronics company.

Murata Power Solutions specializes in the design and manufacture of power management solutions, including DC-DC converters, AC-DC power supplies, and EMI filters.

The company provides innovative and reliable power management solutions for a wide range of applications in industries such as medical, industrial, and transportation, among others.

With its advanced technology and quality products, Murata Power Solutions has established itself as a leading provider of power management solutions in the global market.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com