Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

K9D1G08V0M Datasheet (PDF) - Samsung semiconductor

K9D1G08V0M Datasheet PDF - Samsung semiconductor
Part # K9D1G08V0M
Download  K9D1G08V0M Download

File Size   657.43 Kbytes
Page   37 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 64MB & 128MB SmartMediaTM Card

K9D1G08V0M Datasheet (PDF)

Go To PDF Page Download Datasheet
K9D1G08V0M Datasheet PDF - Samsung semiconductor

Part # K9D1G08V0M
Download  K9D1G08V0M Click to download

File Size   657.43 Kbytes
Page   37 Pages
Manufacturer  SAMSUNG [Samsung semiconductor]
Direct Link  http://www.samsung.com/Products/Semiconductor
Logo SAMSUNG - Samsung semiconductor
Description 64MB & 128MB SmartMediaTM Card

K9D1G08V0M Datasheet (HTML) - Samsung semiconductor

Back Button K9D1G08V0M Datasheet HTML 1Page - Samsung semiconductor K9D1G08V0M Datasheet HTML 2Page - Samsung semiconductor K9D1G08V0M Datasheet HTML 3Page - Samsung semiconductor K9D1G08V0M Datasheet HTML 4Page - Samsung semiconductor K9D1G08V0M Datasheet HTML 5Page - Samsung semiconductor K9D1G08V0M Datasheet HTML 6Page - Samsung semiconductor K9D1G08V0M Datasheet HTML 7Page - Samsung semiconductor K9D1G08V0M Datasheet HTML 8Page - Samsung semiconductor K9D1G08V0M Datasheet HTML 9Page - Samsung semiconductor K9D1G08V0M Datasheet HTML 10Page - Samsung semiconductor Next Button 

K9D1G08V0M Product details

GENERAL DESCRIPTION
Offered in 128Mx8bit or 64Mx16bit, the K9F1GXXX0M is 1G bit with spare 32M bit capacity. Its NAND cell provides the most cost effective solution for the solid state mass storage market. A program operation can be performed in typical 300ms on the 2112-byte(X8 device) or 1056-word(X16 device) page and an erase operation can be performed in typical 2ms on a 128K-byte(X8 device) or 64K-word(X16 device) block. Data in the data page can be read out at 50ns(1.8V device : 80ns) cycle time per byte(X8 device) or word(X16 device).. The I/O pins serve as the ports for address and data input/output as well as command input. The on-chip write controller automates all program and erase functions including pulse repetition, where required, and internal verification and margin ing of data. Even the write-intensive systems can take advantage of the K9F1GXXX0M¢s extended reliability of 100K program/erase cycles by providing ECC(Error Correcting Code) with real time mapping-out algorithm. The K9F1GXXX0M is an optimum solution for large nonvolatile storage applications such as solid state file storage and other portable applications requiring non-volatility.

FEATURES
· Voltage Supply
   -1.8V device(K9F1GXXQ0M): 1.70V~1.95V
   - 2.65V device(K9F1GXXD0M) : 2.4~2.9V
   -3.3V device(K9F1GXXU0M): 2.7 V ~3.6 V
· Organization
   - Memory Cell Array
   -X8 device(K9F1G08X0M) : (128M + 4,096K)bit x 8bit
   -X16 device(K9F1G16X0M) : (64M + 2,048K)bit x 16bit
   - Data Register
      -X8 device(K9F1G08X0M): (2K + 64)bit x8bit
      -X16 device(K9F1G16X0M): (1K + 32)bit x16bit
   - Cache Register
      -X8 device(K9F1G08X0M): (2K + 64)bit x8bit
      -X16 device(K9F1G16X0M): (1K + 32)bit x16bit
· Automatic Program and Erase
   - Page Program
      -X8 device(K9F1G08X0M): (2K + 64)Byte
      -X16 device(K9F1G16X0M): (1K + 32)Word
   - Block Erase
      -X8 device(K9F1G08X0M): (128K + 4K)Byte
      -X16 device(K9F1G16X0M): (64K + 2K)Word
· Page Read Operation
   - Page Size
   - X8 device(K9F1G08X0M): 2K-Byte
   - X16 device(K9F1G16X0M) : 1K-Word
   - Random Read : 25ms(Max.)
   - Serial Access : 50ns(Min.)*
      *K9F1GXXQ0M : 80ns
· Fast Write Cycle Time
   - Program time : 300ms(Typ.)
   - Block Erase Time : 2ms(Typ.)
· Command/Address/Data Multiplexed I/O Port
· Hardware Data Protection
   - Program/Erase Lockout During Power Transitions
· Reliable CMOS Floating-Gate Technology
   - Endurance : 100K Program/Erase Cycles
   - Data Retention : 10 Years
· Command Register Operation
· Cache Program Operation for High Performance Program
· Power-On Auto-Read Operation
· Intelligent Copy-Back Operation
· Unique ID for Copyright Protection
· Package :
   - K9F1GXXX0M-YCB0/YIB0
      48 - Pin TSOP I (12 x 20 / 0.5 mm pitch)
   - K9F1G08U0M-VCB0/VIB0
      48 - Pin WSOP I (12X17X0.7mm)
   - K9F1GXXX0M-PCB0/PIB0
      48 - Pin TSOP I (12 x 20 / 0.5 mm pitch)- Pb-free Package
   - K9F1G08U0M-FCB0/FIB0
      48 - Pin WSOP I (12X17X0.7mm)- Pb-free Package
      * K9F1G08U0M-V,F(WSOPI ) is the same device as
         K9F1G08U0M-Y,P(TSOP1) except package type.





Similar Description - K9D1G08V0M

ManufacturerPart #DatasheetDescription
logo
Samsung semiconductor
M464S1724ETS SAMSUNG-M464S1724ETS Datasheet
299Kb / 15P
   64MB, 128MB Unbuffered SODIMM
logo
Eorex Corporation
ESMMC64 EOREX-ESMMC64 Datasheet
220Kb / 8P
   64MB/128MB/256MB/512MB MultiMediaCard?
ESSDC64 EOREX-ESSDC64 Datasheet
180Kb / 6P
   64MB/128MB/256MB/512MB Secure Digital Card
logo
Samsung semiconductor
K9S6408V0A-SSB0 SAMSUNG-K9S6408V0A-SSB0 Datasheet
348Kb / 26P
   8M x 8 Bit SmartMediaTM Card
K9S5608V0A-SSB0 SAMSUNG-K9S5608V0A-SSB0 Datasheet
353Kb / 26P
   32M x 8 Bit SmartMediaTM Card
logo
List of Unclassifed Man...
EM484M1644VTA-55L ETC1-EM484M1644VTA-55L Datasheet
741Kb / 18P
   64Mb SDRAM
EM482M3244VTA-5L ETC1-EM482M3244VTA-5L Datasheet
934Kb / 33P
   64Mb SDRAM
TS64MVSSFDC ETC1-TS64MVSSFDC Datasheet
59Kb / 3P
   64MB SmartMediaCard
logo
Hynix Semiconductor
H5DU6462CTR-FAX HYNIX-H5DU6462CTR-FAX Datasheet
329Kb / 29P
   64Mb DDR SDRAM
logo
List of Unclassifed Man...
NT5SV4M16DT ETC-NT5SV4M16DT Datasheet
203Kb / 21P
   64Mb Synchronous DRAM
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com