Description The IRIS4009(K) is a dual mode voltage and current controller combined with a MOSFET in a single package. The IRIS4009(K) is designed for use in universal and single input AC/DC and DC/DC switching power supplies and is capable of powers up to 30W for a universal line input. The device can operate in either a quasi-resonant or Pulse Ratio Control (PRC) mode, and thereby variable frequency operation. Features • Primary current mode control, and secondary voltage mode control • Vcc Over-voltage protection (latched) • Over-current & over-temperature protection • Quasi resonant, variable frequency operation • 5 pin TO-220 and TO-262 • 8.0W Rds(on) max/ 650V MOSFET • Fully Characterized Avalanche Energy
|