Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBI5016 Datasheet (PDF) - List of Unclassifed Manufacturers

MBI5016 Datasheet PDF - List of Unclassifed Manufacturers
Part # MBI5016
Download  MBI5016 Download

File Size   280.75 Kbytes
Page   11 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 16-bit Constant Current LED Sink Driver

MBI5016 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBI5016 Datasheet PDF - List of Unclassifed Manufacturers

Part # MBI5016
Download  MBI5016 Click to download

File Size   280.75 Kbytes
Page   11 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 16-bit Constant Current LED Sink Driver

MBI5016 Datasheet (HTML) - List of Unclassifed Manufacturers

Back Button MBI5016 Datasheet HTML 1Page - List of Unclassifed Manufacturers MBI5016 Datasheet HTML 2Page - List of Unclassifed Manufacturers MBI5016 Datasheet HTML 3Page - List of Unclassifed Manufacturers MBI5016 Datasheet HTML 4Page - List of Unclassifed Manufacturers MBI5016 Datasheet HTML 5Page - List of Unclassifed Manufacturers MBI5016 Datasheet HTML 6Page - List of Unclassifed Manufacturers MBI5016 Datasheet HTML 7Page - List of Unclassifed Manufacturers MBI5016 Datasheet HTML 8Page - List of Unclassifed Manufacturers MBI5016 Datasheet HTML 9Page - List of Unclassifed Manufacturers MBI5016 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button 

MBI5016 Product details

[Macroblock]

Product Description
MBI5016 provides users with great flexibility and device performance while using MBI5016 in their LED panel system design. Users may adjust the output current of MBI5016 through an external resistor, Rext, which gives users flexibility in controlling the light intensity of LEDs.
MBI5016 guarantees to endure 17V at the output port, allowing users to connect more LEDs in series. The high clock frequency, 20 MHz, also satisfies the system requirement of high volume data transmission.
MBI5016, utilizing the most advanced silicon technology, is targeted for LED panel display. MBI5016 contains CMOS shift registers and latch functions, converting serial input data into parallel output format. At the output stage, sixteen regulated current sources, implemented in Bipolar Junction Transistor, were designed to provide 5-90 mA constant current for driving LEDs.

Features
• 16 constant-current output channels
• Output current adjustable through an external resistor
• Serial data in/parallel data out
• Output current: 5-90 mA
• 20MHz clock frequency




Similar Part No. - MBI5016

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5016CD ETC-MBI5016CD Datasheet
381Kb / 14P
   16-bit Constant Current LED Sink Driver
MBI5016CD ETC2-MBI5016CD Datasheet
277Kb / 13P
   16-bit Constant Current LED Sink Driver
MBI5016CF ETC-MBI5016CF Datasheet
381Kb / 14P
   16-bit Constant Current LED Sink Driver
MBI5016CF ETC1-MBI5016CF Datasheet
378Kb / 17P
   16-bit Constant Current LED Sink Driver
MBI5016CF ETC2-MBI5016CF Datasheet
277Kb / 13P
   16-bit Constant Current LED Sink Driver
More results


Similar Description - MBI5016

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5026 ETC-MBI5026 Datasheet
381Kb / 14P
   16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16C596 STMICROELECTRONICS-STP16C596 Datasheet
340Kb / 18P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
logo
List of Unclassifed Man...
MBI5026CF ETC1-MBI5026CF Datasheet
378Kb / 17P
   16-bit Constant Current LED Sink Driver
logo
Unisonic Technologies
L16B45B UTC-L16B45B Datasheet
287Kb / 10P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
logo
STMicroelectronics
STP16C596A STMICROELECTRONICS-STP16C596A Datasheet
541Kb / 18P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
July 2005
logo
List of Unclassifed Man...
MBI5025 ETC2-MBI5025 Datasheet
277Kb / 13P
   16-bit Constant Current LED Sink Driver
logo
Protek Devices
PA5026 PROTEC-PA5026 Datasheet
246Kb / 10P
   16-Bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16CPC26 STMICROELECTRONICS-STP16CPC26 Datasheet
427Kb / 26P
   Low voltage 16-bit constant current LED sink driver
STP16CPC26XTR STMICROELECTRONICS-STP16CPC26XTR Datasheet
427Kb / 26P
   Low voltage 16-bit constant current LED sink driver
STP16CPP05 STMICROELECTRONICS-STP16CPP05 Datasheet
1Mb / 31P
   Low voltage 16-bit constant current LED sink driver
March 2017 Rev 5
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com