Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ES2G Datasheet (PDF) - SUNMATE electronic Co., LTD

ES2G Datasheet PDF - SUNMATE electronic Co., LTD
Part # ES2G
Download  ES2G Download

File Size   339.92 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description SURFACE MOUNT SUPER FAST RECTIFIER DIODES

ES2G Datasheet (PDF)

Go To PDF Page Download Datasheet
ES2G Datasheet PDF - SUNMATE electronic Co., LTD

Part # ES2G
Download  ES2G Click to download

File Size   339.92 Kbytes
Page   2 Pages
Manufacturer  SUNMATE [SUNMATE electronic Co., LTD]
Direct Link  http://www.sunmate.tw/
Logo SUNMATE - SUNMATE electronic Co., LTD
Description SURFACE MOUNT SUPER FAST RECTIFIER DIODES

ES2G Datasheet (HTML) - SUNMATE electronic Co., LTD

ES2G Datasheet HTML 1Page - SUNMATE electronic Co., LTD ES2G Datasheet HTML 2Page - SUNMATE electronic Co., LTD

ES2G Product details

VOLTAGE RANGE: 50 - 600V
CURRENT: 2.0 A

Features
● Glass Passivated Die Construction
● Ideally Suited for Automatic Assembly
● Low Forward Voltage Drop, High Efficiency
● Low Power Loss
● Super-Fast Recovery Time
● Plastic Case Material has UL Flammability Classification Rating 94V-O




Similar Part No. - ES2G

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ES2G PANJIT-ES2G Datasheet
147Kb / 6P
   For surface mounted applications in order to optimize board space
logo
Jinan Gude Electronic D...
ES2G JGD-ES2G Datasheet
173Kb / 3P
   2.0AMP. SUPER FAST RECOVRY SILICON RECTIFIERS
logo
Rectron Semiconductor
ES2G RECTRON-ES2G Datasheet
407Kb / 8P
   SURFACE MOUNT GLASS PASSIVATED SUPER FAST SILICON RECTIFIER
logo
Diode Semiconductor Kor...
ES2G DSK-ES2G Datasheet
140Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Vishay Siliconix
ES2G VISHAY-ES2G Datasheet
104Kb / 4P
   Surface Mount Ultrafast Plastic Rectifier
Revision: 20-Nov-07
More results


Similar Description - ES2G

ManufacturerPart #DatasheetDescription
logo
SUNMATE electronic Co.,...
UH1B SUNMATE-UH1B Datasheet
337Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER DIODES
ER1AA SUNMATE-ER1AA Datasheet
429Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER DIODES
ER2A SUNMATE-ER2A Datasheet
335Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER DIODES
ESH2B SUNMATE-ESH2B Datasheet
352Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER DIODES
ES1AF SUNMATE-ES1AF Datasheet
336Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER DIODES
ES2AA SUNMATE-ES2AA Datasheet
364Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER DIODES
MURS205 SUNMATE-MURS205 Datasheet
388Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER DIODES
ER2AF SUNMATE-ER2AF Datasheet
318Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER DIODES
SS2A SUNMATE-SS2A Datasheet
337Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER DIODES
SS3A SUNMATE-SS3A Datasheet
339Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER DIODES
ES2AL SUNMATE-ES2AL Datasheet
786Kb / 2P
   SURFACE MOUNT SUPER FAST RECTIFIER DIODES
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com