Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UPA1918 Datasheet (PDF) - Renesas Technology Corp

UPA1918 Datasheet PDF - Renesas Technology Corp
Part # UPA1918
Download  UPA1918 Download

File Size   206.84 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Old Company Name in Catalogs and Other Documents

UPA1918 Datasheet (PDF)

Go To PDF Page Download Datasheet
UPA1918 Datasheet PDF - Renesas Technology Corp

Part # UPA1918
Download  UPA1918 Click to download

File Size   206.84 Kbytes
Page   10 Pages
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp
Description Old Company Name in Catalogs and Other Documents

UPA1918 Datasheet (HTML) - Renesas Technology Corp

UPA1918 Datasheet HTML 1Page - Renesas Technology Corp UPA1918 Datasheet HTML 2Page - Renesas Technology Corp UPA1918 Datasheet HTML 3Page - Renesas Technology Corp UPA1918 Datasheet HTML 4Page - Renesas Technology Corp UPA1918 Datasheet HTML 5Page - Renesas Technology Corp UPA1918 Datasheet HTML 6Page - Renesas Technology Corp UPA1918 Datasheet HTML 7Page - Renesas Technology Corp UPA1918 Datasheet HTML 8Page - Renesas Technology Corp UPA1918 Datasheet HTML 9Page - Renesas Technology Corp UPA1918 Datasheet HTML 10Page - Renesas Technology Corp

UPA1918 Product details

DESCRIPTION
The µPA1918 is a switching device, which can be driven directly by a 4.0 V power source.
This device features a low on-state resistance and excellent switching characteristics, and is suitable for applications such as power switch of portable machine and so on.

FEATURES
• 4.0 V drive available
• Low on-state resistance
   RDS(on)1 = 143 mΩ MAX. (VGS = –10 V, ID = –2.0 A)
   RDS(on)2 = 179 mΩ MAX. (VGS = –4.5 V, ID = –2.0 A)
   RDS(on)3 = 190 mΩ MAX. (VGS = –4.0 V, ID = –2.0 A)




Similar Part No. - UPA1918

ManufacturerPart #DatasheetDescription
logo
NEC
UPA1918 NEC-UPA1918 Datasheet
71Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
UPA1918TE NEC-UPA1918TE Datasheet
71Kb / 8P
   P-CHANNEL MOS FIELD EFFECT TRANSISTOR FOR SWITCHING
logo
VBsemi Electronics Co.,...
UPA1918TE VBSEMI-UPA1918TE Datasheet
455Kb / 9P
   P-Channel 60-V (D-S) MOSFET
More results


Similar Description - UPA1918

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
74LS14P-E RENESAS-74LS14P-E Datasheet
129Kb / 9P
   Old Company Name in Catalogs and Other Documents
2SB1114 RENESAS-2SB1114 Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB1115A RENESAS-2SB1115A Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB736 RENESAS-2SB736 Datasheet
312Kb / 6P
   Old Company Name in Catalogs and Other Documents
2SC1622A RENESAS-2SC1622A Datasheet
363Kb / 6P
   Old Company Name in Catalogs and Other Documents
UPA1914 RENESAS-UPA1914 Datasheet
201Kb / 10P
   Old Company Name in Catalogs and Other Documents
2SD1007 RENESAS-2SD1007 Datasheet
1Mb / 6P
   Old Company Name in Catalogs and Other Documents
2SB1301 RENESAS-2SB1301 Datasheet
224Kb / 6P
   Old Company Name in Catalogs and Other Documents
2SD1699 RENESAS-2SD1699 Datasheet
322Kb / 6P
   Old Company Name in Catalogs and Other Documents
HD64F3642AHV RENESAS-HD64F3642AHV Datasheet
3Mb / 551P
   Old Company Name in Catalogs and Other Documents
UPA1774G-E1-A RENESAS-UPA1774G-E1-A Datasheet
305Kb / 10P
   Old Company Name in Catalogs and Other Documents
More results




About Renesas Technology Corp


Renesas Technology Corp is a Japanese semiconductor company that provides a wide range of microcontrollers, system-on-chips, and analog and power devices for various applications in the automotive, industrial, and consumer markets.
The company was formed in 2010 through the merger of NEC Electronics Corporation and Renesas Technology Corporation.
Renesas is one of the largest microcontroller suppliers in the world and is known for its expertise in the development of advanced technologies in areas such as the Internet of Things (IoT), artificial intelligence (AI), and automotive electronics.
The company has operations in over 20 countries and its products are used in a wide range of applications.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com