Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST16C654IQ100 Datasheet (PDF) - Exar Corporation

ST16C654IQ100 Datasheet PDF - Exar Corporation
Part # ST16C654IQ100
Download  ST16C654IQ100 Download

File Size   968.13 Kbytes
Page   51 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO

ST16C654IQ100 Datasheet (PDF)

Go To PDF Page Download Datasheet
ST16C654IQ100 Datasheet PDF - Exar Corporation

Part # ST16C654IQ100
Download  ST16C654IQ100 Click to download

File Size   968.13 Kbytes
Page   51 Pages
Manufacturer  EXAR [Exar Corporation]
Direct Link  http://www.exar.com
Logo EXAR - Exar Corporation
Description 2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO

ST16C654IQ100 Datasheet (HTML) - Exar Corporation

Back Button ST16C654IQ100 Datasheet HTML 1Page - Exar Corporation ST16C654IQ100 Datasheet HTML 2Page - Exar Corporation ST16C654IQ100 Datasheet HTML 3Page - Exar Corporation ST16C654IQ100 Datasheet HTML 4Page - Exar Corporation ST16C654IQ100 Datasheet HTML 5Page - Exar Corporation ST16C654IQ100 Datasheet HTML 6Page - Exar Corporation ST16C654IQ100 Datasheet HTML 7Page - Exar Corporation ST16C654IQ100 Datasheet HTML 8Page - Exar Corporation ST16C654IQ100 Datasheet HTML 9Page - Exar Corporation ST16C654IQ100 Datasheet HTML 10Page - Exar Corporation Next Button 

ST16C654IQ100 Product details

DESCRIPTION

The ST16C654*

1is a universal asynchronous receiver and transmitter (UART) with a dual foot print interface compatible with the ST16C554 and ST68C554. The 654 is an enhanced UART with 64 byte FIFOs, automatic

hardware/software flow control, and data rates up to 1.5Mbps. Onboard status registers provide the user with error indications and operational status, modem interface control. System interrupts may be tailored to meet user requirements. An internal loopback capability allows onboard diagnostics. The 654 is available in 64 pin TQFP, 68 pin PLCC, and 100 pin QFP packages.



FEATURES

·Compatibility with the Industry Standard ST16C454/554, ST68C454/554, TL16C554

·1.5 Mbps transmit/receive operation (24MHz)

·64 byte transmit FIFO

·64 byte receive FIFO with error flags

·Automatic software/hardware flow control

·Programmable Xon/Xoff characters

·Independent transmit and receive control

·Software selectable Baud Rate Generator prescaleable clock rates of 1X, 4X.

·Four selectable Transmit/Receive FIFO interrupt trigger levels

·Standard modem interface or infrared IrDA encoder/decoder interface

·Software flow control turned off optionally by any (Xon) RX character

·Independent MIDI interface on 100 pin packages

·100 pin packages offer internal register FIFO monitoring and separate IrDA TX outputs

·Sleep mode ( 200mA stand-by)




Similar Part No. - ST16C654IQ100

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C654IQ100 EXAR-ST16C654IQ100 Datasheet
444Kb / 49P
   QUAD UART WITH 64-BYTE FIFO AND INFRARED (IrDA) ENCODER/DECODER
ST16C654IQ100 EXAR-ST16C654IQ100 Datasheet
1Mb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
More results


Similar Description - ST16C654IQ100

ManufacturerPart #DatasheetDescription
logo
Exar Corporation
ST16C654IJ68-F EXAR-ST16C654IJ68-F Datasheet
1Mb / 51P
   2.97V TO 5.5V QUAD UART WITH 64-BYTE FIFO
XR16C864 EXAR-XR16C864 Datasheet
592Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
ST16C554DCJ68-F EXAR-ST16C554DCJ68-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
XRT16C854 EXAR-XRT16C854 Datasheet
1Mb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
ST16C554DIQ64-F EXAR-ST16C554DIQ64-F Datasheet
761Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
ST16C554 EXAR-ST16C554 Datasheet
757Kb / 39P
   2.97V TO 5.5V QUAD UART WITH 16-BYTE FIFO
XR16C864IQ-F EXAR-XR16C864IQ-F Datasheet
440Kb / 51P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C854D EXAR-XR16C854D Datasheet
689Kb / 54P
   2.97V TO 5.5V QUAD UART WITH 128-BYTE FIFO
XR16C850CM-F EXAR-XR16C850CM-F Datasheet
1Mb / 56P
   2.97V TO 5.5V UART WITH 128-BYTE FIFO
ST16C1550 EXAR-ST16C1550 Datasheet
428Kb / 37P
   2.97V TO 5.5V UART WITH 16-BYTE FIFO
More results




About Exar Corporation


Exar Corporation is a semiconductor company that designs and manufactures a wide range of high-performance analog and mixed-signal integrated circuits (ICs). Their products are used in a variety of applications, including communications, networking, industrial, automotive, and consumer electronics.

Exar's portfolio includes analog-to-digital converters (ADCs), digital-to-analog converters (DACs), amplifiers, power management ICs, interface ICs, and timing and synchronization ICs. They also offer customized solutions for customers with unique requirements.

Exar has a long history in the semiconductor industry, with more than 40 years of experience. They are known for their expertise in signal conditioning and power management, and have a reputation for delivering high-quality, reliable products.

In 2017, Exar was acquired by MaxLinear, a leading provider of RF and mixed-signal ICs. The acquisition allowed MaxLinear to expand its product portfolio and strengthen its position in the data center and networking markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com