Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MC3S12C128 Datasheet (PDF) - Motorola, Inc

MC3S12C128 Datasheet PDF - Motorola, Inc
Part # MC3S12C128
Download  MC3S12C128 Download

File Size   520.57 Kbytes
Page   16 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 16-Bit Microcontroller

MC3S12C128 Datasheet (PDF)

Go To PDF Page Download Datasheet
MC3S12C128 Datasheet PDF - Motorola, Inc

Part # MC3S12C128
Download  MC3S12C128 Click to download

File Size   520.57 Kbytes
Page   16 Pages
Manufacturer  MOTOROLA [Motorola, Inc]
Direct Link  http://www.freescale.com
Logo MOTOROLA - Motorola, Inc
Description 16-Bit Microcontroller

MC3S12C128 Datasheet (HTML) - Motorola, Inc

Back Button MC3S12C128 Datasheet HTML 1Page - Motorola, Inc MC3S12C128 Datasheet HTML 2Page - Motorola, Inc MC3S12C128 Datasheet HTML 3Page - Motorola, Inc MC3S12C128 Datasheet HTML 4Page - Motorola, Inc MC3S12C128 Datasheet HTML 5Page - Motorola, Inc MC3S12C128 Datasheet HTML 6Page - Motorola, Inc MC3S12C128 Datasheet HTML 7Page - Motorola, Inc MC3S12C128 Datasheet HTML 8Page - Motorola, Inc MC3S12C128 Datasheet HTML 9Page - Motorola, Inc MC3S12C128 Datasheet HTML 10Page - Motorola, Inc Next Button 

MC3S12C128 Product details

Based on Motorola’s market-leading flash technology, members of the MC9S12C-Family deliver the power and flexibility of our 16 Bit core (CPU12) family to a whole new range of cost and space sensitive, general purpose Industrial and Automotive network applications. MC9S12C-Family members are comprised of standard on-chip peripherals including a 16-bit central processing unit (CPU12), up to 128K bytes of Flash EEPROM or ROM, up to 4K bytes of RAM, an asynchronous serial communications in terface (SCI), a serial peripheral interface (SPI), an 8-channel 16-bit timer module (TIM), a 6-channel 8-bit Pulse Width Modulator (PWM), an 8-channel, 10-bit analog-to-digital converter (ADC) and up to one CAN 2.0 A, B software compatible module (MSCAN12).



Features

• 16-bit HCS12 CORE

   — HCS12 CPU

   — MMC (memory map and interface)

   — INT (interrupt control)

   — BDM (background debug mode)

   — DBG12 (enhanced debug12 module including breakpoints and change-of-flow trace buffer)

   — Multiplexed Expansion Bus (available only in 80 pin package version)

• 16-bit HCS12 CPU

   — Upward compatible with M68HC11 instruction set

   — Interrupt stacking and programmer’s model identical to M68HC11

   — Instruction queue

   — Enhanced indexed addressing

• Wake-up interrupt inputs

   — Up to 10-port bits available for wake up interrupt function

• Memory options

   — 16K, 32K, 64K, 96K and 128K Byte Flash EEPROM (erasable in 512-byte sectors) or

   — 16K, 32K, 64K, 96K and 128K Byte ROM

   — 2K and 4K Byte RAM

• Analog-to-Digital Converters

   — One 8-channel module with 10-bit resolution.

   — External conversion trigger capability

• Up to one 1M bit per second, CAN 2.0 A, B software compatible modules

   — Five receive and three transmit buffers

   — Flexible identifier filter programmable as 2 x 32 bit, 4 x 16 bit or 8 x 8 bit

   — Four separate interrupt channels for receive, transmit, error and wake-up

   — Low-pass filter wake-up function

   — Loop-back for self test operation

• Timer Module (TIM)

   — 16-bit Counter with 7-bit Prescaler

   — 8 programmable input capture or output compare channels

   — Simple PWM Mode

   — Modulo Reset of Timer Counter

   — 16-Bit Pulse Accumulator

   — External Event Counting

   — Gated Time Accumulation

• 6 PWM channels

   — Programmable period and duty cycle

   — 8-bit 6-channel or 16-bit 3-channel

   — Separate control for each pulse width and duty cycle

   — Center-aligned or left-aligned outputs

   — Programmable clock select logic with a wide range of frequencies

   — Fast emergency shutdown input

• Serial interfaces

   — One asynchronous serial communications interface (SCI)

   — One synchronous serial peripheral interface (SPI)

• CRG (Clock Reset Generator Module)

   — Windowed COP watchdog,

   — Real time interrupt,

   — Clock monitor,

   — Clock generation

   — Reset Generation

   — Phase-locked loop clock frequency multiplier

   — Limp home mode in absence of external clock

   — Low power 0.5 to 16 MHz crystal oscillator reference clock

• Operation frequency

   — 32MHz equivalent to 16MHz Bus Speed for single chip

   — 32MHz equivalent to 16MHz Bus Speed in expanded bus modes

   — Option: 50MHz equivalent to 25MHz Bus Speed

• Internal 2.5V Regulator

   — Supports an input voltage range from 3.3V-10% to 5.5V

   — Low power mode capability

   — Includes low voltage reset (LVR) circuitry

   — Includes low voltage interrupt (LVI) circuitry

• 48-Pin LQFP, 52-Pin LQFP or 80-Pin QFP package

   — Up to 58 I/O lines with 5V input and drive capability

   — Up to 2 dedicated 5V input only lines (IRQ, XIRQ)

   — 5V A/D converter inputs and 5V I/O

• Development support

   — Single-wire background debug™ mode (BDM)

   — On-chip hardware breakpoints

   — Enhanced DBG12 debug features



 




Similar Part No. - MC3S12C128

ManufacturerPart #DatasheetDescription
logo
Freescale Semiconductor...
MC3S12G128F0CFTR FREESCALE-MC3S12G128F0CFTR Datasheet
7Mb / 1158P
   MC9S12G Family Reference Manual
MC3S12G128F0CLCR FREESCALE-MC3S12G128F0CLCR Datasheet
7Mb / 1158P
   MC9S12G Family Reference Manual
MC3S12G128F0CLFR FREESCALE-MC3S12G128F0CLFR Datasheet
7Mb / 1158P
   MC9S12G Family Reference Manual
MC3S12G128F0CLHR FREESCALE-MC3S12G128F0CLHR Datasheet
7Mb / 1158P
   MC9S12G Family Reference Manual
MC3S12G128F0CLLR FREESCALE-MC3S12G128F0CLLR Datasheet
7Mb / 1158P
   MC9S12G Family Reference Manual
More results


Similar Description - MC3S12C128

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MC9S12B MOTOROLA-MC9S12B Datasheet
322Kb / 12P
   16-Bit Microcontroller
logo
Fujitsu Component Limit...
MB90580 FUJITSU-MB90580 Datasheet
3Mb / 395P
   16-BIT MICROCONTROLLER
logo
OKI electronic componet...
MSM66577 OKI-MSM66577 Datasheet
213Kb / 34P
   16-Bit Microcontroller
logo
ON Semiconductor
LC88FC2H0A ONSEMI-LC88FC2H0A Datasheet
433Kb / 48P
   16-bit Microcontroller
June, 2013 Ver.1.00
LC88FC2H0B ONSEMI-LC88FC2H0B Datasheet
421Kb / 47P
   16-bit Microcontroller
January 2015 - Rev. 1
logo
Motorola, Inc
MC68HC916X1 MOTOROLA-MC68HC916X1 Datasheet
398Kb / 2P
   16-BIT MICROCONTROLLER
logo
Fujitsu Component Limit...
MB90333A FUJITSU-MB90333A Datasheet
439Kb / 72P
   16-bit Microcontroller
MB90337 FUJITSU-MB90337 Datasheet
292Kb / 48P
   16-bit Microcontroller
MB90335 FUJITSU-MB90335_07 Datasheet
916Kb / 92P
   16-bit Microcontroller
MB90800 FUJITSU-MB90800_08 Datasheet
2Mb / 92P
   16-bit Microcontroller
MB90330A FUJITSU-MB90330A Datasheet
1Mb / 120P
   16-bit Microcontroller
More results




About Motorola, Inc


Motorola, Inc. was an American multinational telecommunications company that was founded in 1928. It was headquartered in Schaumburg, Illinois and was one of the largest providers of mobile phones, telecommunication equipment, and semiconductors. Throughout its history, Motorola was known for its innovation in the field of telecommunications, including the development of the world's first commercially available cellular telephone, the DynaTAC, and the world's first two-way pager, the Pageboy.

In 2011, Motorola split into two separate companies: Motorola Mobility and Motorola Solutions. Motorola Mobility was later acquired by Google in 2012, and is now a subsidiary of Lenovo. Motorola Solutions focuses on public safety and commercial and industrial communication solutions. The company provides a wide range of products including two-way radios, mobile computing devices, and network infrastructure equipment.

Motorola was one of the pioneers of the mobile phone industry and has a rich history of innovation and technological advancements. The company's legacy continues through its subsidiaries and its technology and products continue to be used around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com