Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MBI5026 Datasheet (PDF) - List of Unclassifed Manufacturers

MBI5026 Datasheet PDF - List of Unclassifed Manufacturers
Part # MBI5026
Download  MBI5026 Download

File Size   381.79 Kbytes
Page   14 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 16-bit Constant Current LED Sink Driver

MBI5026 Datasheet (PDF)

Go To PDF Page Download Datasheet
MBI5026 Datasheet PDF - List of Unclassifed Manufacturers

Part # MBI5026
Download  MBI5026 Click to download

File Size   381.79 Kbytes
Page   14 Pages
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers
Description 16-bit Constant Current LED Sink Driver

MBI5026 Datasheet (HTML) - List of Unclassifed Manufacturers

Back Button MBI5026 Datasheet HTML 1Page - List of Unclassifed Manufacturers MBI5026 Datasheet HTML 2Page - List of Unclassifed Manufacturers MBI5026 Datasheet HTML 3Page - List of Unclassifed Manufacturers MBI5026 Datasheet HTML 4Page - List of Unclassifed Manufacturers MBI5026 Datasheet HTML 5Page - List of Unclassifed Manufacturers MBI5026 Datasheet HTML 6Page - List of Unclassifed Manufacturers MBI5026 Datasheet HTML 7Page - List of Unclassifed Manufacturers MBI5026 Datasheet HTML 8Page - List of Unclassifed Manufacturers MBI5026 Datasheet HTML 9Page - List of Unclassifed Manufacturers MBI5026 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button 

MBI5026 Product details

[Macroblock]



Product Description

MBI5026 is designed for LED displays. As an enhancement of its predecessor, MBI5016, MBI5026 exploits PrecisionDrive™ technology to enhance its output characteristics. MBI5026 contains a serial buffer and data latches which convert serial input data into parallel output format. At MBI5026 output stage, sixteen regulated current ports are designed to provide uniform and constant current sinks for driving LEDs within a large range of Vf variations.

MBI5026 provides users with great flexibility and device performance while using MBI5026 in their system design for LED display applications, e.g. LED panels. Users may adjust the output current from 5 mA to 90 mA through an external resistor, Rext, which gives users flexibility in controlling the light intensity of LEDs. MBI5026 guarantees to endure maximum 17V at the output port. The high clock frequency, 25 MHz, also satisfies the system requirements of high volume data transmission.



Features

· 16 constant-current output channels

· Constant output current invariant to load voltage change

· Excellent output current accuracy:

   between channels: ±3% (max.), and

   between ICs: ±6% (max.)

· Output current adjusted through an external resistor

· Constant output current range: 5-90 mA

· Fast response of output current, OE (min.): 200 ns

· 25MHz clock frequency

· Schmitt trigger input

· 5V supply voltage



 




Similar Part No. - MBI5026

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
MBI5026CF ETC1-MBI5026CF Datasheet
378Kb / 17P
   16-bit Constant Current LED Sink Driver
MBI5026CNS ETC1-MBI5026CNS Datasheet
378Kb / 17P
   16-bit Constant Current LED Sink Driver
MBI5026CP ETC1-MBI5026CP Datasheet
378Kb / 17P
   16-bit Constant Current LED Sink Driver
More results


Similar Description - MBI5026

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STP16C596 STMICROELECTRONICS-STP16C596 Datasheet
340Kb / 18P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
logo
List of Unclassifed Man...
MBI5026CF ETC1-MBI5026CF Datasheet
378Kb / 17P
   16-bit Constant Current LED Sink Driver
logo
Unisonic Technologies
L16B45B UTC-L16B45B Datasheet
287Kb / 10P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
logo
List of Unclassifed Man...
MBI5016 ETC-MBI5016 Datasheet
280Kb / 11P
   16-bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16C596A STMICROELECTRONICS-STP16C596A Datasheet
541Kb / 18P
   16-BIT CONSTANT CURRENT LED SINK DRIVER
July 2005
logo
List of Unclassifed Man...
MBI5025 ETC2-MBI5025 Datasheet
277Kb / 13P
   16-bit Constant Current LED Sink Driver
logo
Protek Devices
PA5026 PROTEC-PA5026 Datasheet
246Kb / 10P
   16-Bit Constant Current LED Sink Driver
logo
STMicroelectronics
STP16CPC26 STMICROELECTRONICS-STP16CPC26 Datasheet
427Kb / 26P
   Low voltage 16-bit constant current LED sink driver
STP16CPC26XTR STMICROELECTRONICS-STP16CPC26XTR Datasheet
427Kb / 26P
   Low voltage 16-bit constant current LED sink driver
STP16CPP05 STMICROELECTRONICS-STP16CPP05 Datasheet
1Mb / 31P
   Low voltage 16-bit constant current LED sink driver
March 2017 Rev 5
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com