Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FR103 Datasheet (PDF) - Jinan Jing Heng Electronics Co., Ltd.

FR103 Datasheet PDF - Jinan Jing Heng Electronics Co., Ltd.
Part # FR103
Download  FR103 Download

File Size   58.33 Kbytes
Page   2 Pages
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.
Description FAST RECOVERY RECTIFIER

FR103 Datasheet (PDF)

Go To PDF Page Download Datasheet
FR103 Datasheet PDF - Jinan Jing Heng Electronics Co., Ltd.

Part # FR103
Download  FR103 Click to download

File Size   58.33 Kbytes
Page   2 Pages
Manufacturer  JINGHENG [Jinan Jing Heng Electronics Co., Ltd.]
Direct Link  http://www.jinghenggroup.com/
Logo JINGHENG - Jinan Jing Heng Electronics Co., Ltd.
Description FAST RECOVERY RECTIFIER

FR103 Datasheet (HTML) - Jinan Jing Heng Electronics Co., Ltd.

FR103 Datasheet HTML 1Page - Jinan Jing Heng Electronics Co., Ltd. FR103 Datasheet HTML 2Page - Jinan Jing Heng Electronics Co., Ltd.

FR103 Product details

Reverse Voltage: 50 to 1000 Volts
Forward Current:1.0Ampere

FEATURES
• Plastic package has Underwriters Laboratory Flammability Classification 94V-0
• High reliability
• High current capability
• Low forward voltage drop,high efficiency
• Construction utilizes void-free molded plastic technique
• High temperature soldering guaranteed:260°C/10 seconds at terminals
• Component in accordance to RoHS 2011/65/EU




Similar Part No. - FR103

ManufacturerPart #DatasheetDescription
logo
Surge Components
FR103 SURGE-FR103 Datasheet
119Kb / 2P
   1.0 AMP. Fast Recovery Rectifiers
logo
Microdiode Electronics ...
FR103 CHENDA-FR103 Datasheet
596Kb / 2P
   FAST RECOVERY RECTIFIERS
logo
RFE international
FR103 RFE-FR103 Datasheet
95Kb / 1P
   LEADED (THRU-HOLE) General Purpose & Fast Recovery Rectifiers
logo
Leshan Radio Company
FR103 LRC-FR103 Datasheet
52Kb / 2P
   1A FAST RECOVERY DIODES
logo
SAMYANG ELECTRONICS CO....
FR103 SAMYANG-FR103 Datasheet
465Kb / 2P
   FAST RECOVERY RECTIFIER
More results


Similar Description - FR103

ManufacturerPart #DatasheetDescription
logo
Diotech Company.
FR301 DIOTECH-FR301 Datasheet
679Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Shenzhen Ping Sheng Ele...
1F1 PFS-1F1 Datasheet
161Kb / 2P
   FAST RECOVERY RECTIFIER
logo
EIC discrete Semiconduc...
RGP15A EIC-RGP15A Datasheet
115Kb / 2P
   FAST RECOVERY RECTIFIER
logo
Microsemi Corporation
1N3879 MICROSEMI-1N3879_07 Datasheet
119Kb / 2P
   Fast Recovery Rectifier
1N3890A MICROSEMI-1N3890A_07 Datasheet
121Kb / 2P
   Fast Recovery Rectifier
logo
TRANSYS Electronics Lim...
16FL5S02 TEL-16FL5S02 Datasheet
170Kb / 1P
   Fast Recovery Rectifier
logo
Galaxy Semi-Conductor H...
FR101 BILIN-FR101 Datasheet
65Kb / 2P
   FAST RECOVERY RECTIFIER
RGP10A BILIN-RGP10A Datasheet
63Kb / 2P
   FAST RECOVERY RECTIFIER
PG101 BILIN-PG101 Datasheet
62Kb / 2P
   FAST RECOVERY RECTIFIER
PR1001 BILIN-PR1001 Datasheet
54Kb / 2P
   FAST RECOVERY RECTIFIER
3JH45 BILIN-3JH45 Datasheet
57Kb / 2P
   FAST RECOVERY RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com