Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

B82721A2362N001 Datasheet (PDF) - TDK Electronics

B82721A2362N001 Datasheet PDF - TDK Electronics
Part # B82721A2362N001
Download  B82721A2362N001 Download

File Size   286.32 Kbytes
Page   9 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description Current-compensated ring core double chokes

B82721A2362N001 Datasheet (PDF)

Go To PDF Page Download Datasheet
B82721A2362N001 Datasheet PDF - TDK Electronics

Part # B82721A2362N001
Download  B82721A2362N001 Click to download

File Size   286.32 Kbytes
Page   9 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description Current-compensated ring core double chokes

B82721A2362N001 Datasheet (HTML) - TDK Electronics

B82721A2362N001 Datasheet HTML 1Page - TDK Electronics B82721A2362N001 Datasheet HTML 2Page - TDK Electronics B82721A2362N001 Datasheet HTML 3Page - TDK Electronics B82721A2362N001 Datasheet HTML 4Page - TDK Electronics B82721A2362N001 Datasheet HTML 5Page - TDK Electronics B82721A2362N001 Datasheet HTML 6Page - TDK Electronics B82721A2362N001 Datasheet HTML 7Page - TDK Electronics B82721A2362N001 Datasheet HTML 8Page - TDK Electronics B82721A2362N001 Datasheet HTML 9Page - TDK Electronics

B82721A2362N001 Product details

Power line chokes
Current-compensated ring core double chokes

Rated voltage 250 V AC
Rated inductance 0.2 ... 47 mH
Rated current 0.3 ... 6 A / +40 °C, +50 °C, +60 °C, +70 °C

Features
■ High resonance frequency due to special winding technique
■ Approx. 1% stray inductance for symmetrical interference suppression
■ Suitable for wave soldering
■ Design complies with EN 60938-2 (VDE 0565-2) and UL 1283
■ UL1) and /or ENEC (VDE) approvals
■ Construction approved to EN 60335-1 (VDE 0700-1)2)
■ RoHS-compatible

Applications
■ Suppression of common-mode interferences
■ Switch-mode power applications
■ Electronic ballasts in lamps
■ Power inverters




Similar Part No. - B82721A2362N001

ManufacturerPart #DatasheetDescription
logo
EPCOS
B82721A2362N001 EPCOS-B82721A2362N001 Datasheet
207Kb / 8P
   Power line chokes
B82721A2362N001 EPCOS-B82721A2362N001 Datasheet
207Kb / 8P
   Current-compensated ring core double chokes
More results


Similar Description - B82721A2362N001

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
B82726S2163N002 TDK-B82726S2163N002 Datasheet
372Kb / 6P
   Current-compensated ring core double chokes
logo
EPCOS
B82720S2102N40 EPCOS-B82720S2102N40 Datasheet
694Kb / 8P
   Current-compensated ring core double chokes
B82721K2401N20 EPCOS-B82721K2401N20 Datasheet
282Kb / 10P
   Current-Compensated Ring Core Double Chokes
logo
TDK Electronics
B82725A2102N001 TDK-B82725A2102N001 Datasheet
749Kb / 7P
   Current-compensated ring core double chokes
B82727E6223A040 TDK-B82727E6223A040 Datasheet
782Kb / 9P
   Current-compensated ring core double chokes
B82725J2602N020 TDK-B82725J2602N020 Datasheet
707Kb / 6P
   Current-compensated ring core double chokes
logo
EPCOS
B82721A EPCOS-B82721A Datasheet
207Kb / 8P
   Current-compensated ring core double chokes
B82724J2402N1 EPCOS-B82724J2402N1 Datasheet
282Kb / 10P
   Current-Compensated Ring Core Double Chokes
logo
TDK Electronics
B82722A2102N001 TDK-B82722A2102N001 Datasheet
762Kb / 8P
   Current-compensated ring core double chokes
B82723A2102N001 TDK-B82723A2102N001 Datasheet
530Kb / 7P
   Current-compensated ring core double chokes
B82791G2251N020 TDK-B82791G2251N020 Datasheet
770Kb / 7P
   Current-compensated ring core double chokes
More results




About TDK Electronics


TDK Electronics is a subsidiary of TDK Corporation, a multinational electronics company based in Japan.
TDK Electronics specializes in the design and manufacture of electronic components such as capacitors, inductors, and ferrite beads for use in a wide range of applications including consumer electronics, automobiles, and industrial systems.
The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com