Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

999-11-113-10 Datasheet (PDF) - Precid-Dip Durtal SA

999-11-113-10 Datasheet PDF - Precid-Dip Durtal SA
Part No. 999-11-113-10
Download  999-11-113-10 Click to view
File Size   30.0 Kbytes
Page   1 Pages
Manufacturer  PREDIP [Precid-Dip Durtal SA]
Direct Link  http://www.precidip.com
Logo PREDIP - Precid-Dip Durtal SA
Description Jumpers Male or female

999-11-113-10 Datasheet (HTML) - Precid-Dip Durtal SA

999-11-113-10 Datasheet HTML 1Page - Precid-Dip Durtal SA

999-11-113-10 Datasheet (PDF)

Go To PDF Page Download Datasheet
999-11-113-10 Datasheet PDF - Precid-Dip Durtal SA

Part No. 999-11-113-10
Download  999-11-113-10 Click to view
File Size   30.0 Kbytes
Page   1 Pages
null  PREDIP [Precid-Dip Durtal SA]
Direct Link  http://www.precidip.com
Logo PREDIP - Precid-Dip Durtal SA
Description Jumpers Male or female

Related Electronics Part Number

Part No. DescriptionHtml ViewManufacturer
B09 FEMALE HEADER PROFILE : 8.5mm BENDING LEGS 1  DB Lectro Inc
B27B FEMALE HEADER DUAL ROW PROFILE : 5.0mm SMT TYPE 1  DB Lectro Inc
A33C DONCO CONNECTOR MALE ON BOARD SMT TYPE 1  DB Lectro Inc
A27 SCSI - III D - SUB IDC FEMALE 1  DB Lectro Inc
B10 FEMALE HEADER PROFILE : 8.6mm STRAIGHT 1  DB Lectro Inc
B27C FEMALE HEADER PROFILE : 7.0mm SMT TYPE 1  DB Lectro Inc
A36 D-SUB IDC MALE DUAL U-SLOT 1  DB Lectro Inc
A28B MICRO-MATCH MINIATURE CONNECTOR FEMALE ON BOARD TOP ENTRY TYPE 1  DB Lectro Inc
B11 FEMALE HEADER PROFILE : 8.6mm RIGHT ANGLE 1  DB Lectro Inc
B28 FEMALE HEADER 1.27mm X 1.27mm 1  DB Lectro Inc

Datasheet Page

1 


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn