Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

1N5400 Datasheet (PDF) - Taiwan Memory Technology

1N5400 Datasheet PDF - Taiwan Memory Technology
Part # 1N5400
Download  1N5400 Download

File Size   173.37 Kbytes
Page   4 Pages
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology
Description 3A, 50V - 1000V Silicon Rectifiers

1N5400 Datasheet (PDF)

Go To PDF Page Download Datasheet
1N5400 Datasheet PDF - Taiwan Memory Technology

Part # 1N5400
Download  1N5400 Click to download

File Size   173.37 Kbytes
Page   4 Pages
Manufacturer  TMT [Taiwan Memory Technology]
Direct Link  http://www.tmtech.com.tw
Logo TMT - Taiwan Memory Technology
Description 3A, 50V - 1000V Silicon Rectifiers

1N5400 Datasheet (HTML) - Taiwan Memory Technology

1N5400 Datasheet HTML 1Page - Taiwan Memory Technology 1N5400 Datasheet HTML 2Page - Taiwan Memory Technology 1N5400 Datasheet HTML 3Page - Taiwan Memory Technology 1N5400 Datasheet HTML 4Page - Taiwan Memory Technology



Similar Part No. - 1N5400

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
1N5400 MOTOROLA-1N5400 Datasheet
44Kb / 2P
   STANDARD RECOVERY RECTIFIERS 50-1000 VOLTS 3.0 AMPERE
logo
Diotec Semiconductor
1N5400 DIOTEC-1N5400 Datasheet
96Kb / 2P
   Silicon Rectifier Diodes ??Silizium-Gleichrichterdioden
logo
SAMYANG ELECTRONICS CO....
1N5400 SAMYANG-1N5400 Datasheet
457Kb / 2P
   PLASTIC SILICON RECTIFIER
logo
Taiwan Semiconductor Co...
1N5400 TSC-1N5400 Datasheet
242Kb / 2P
   3.0 AMPS. Silicon Rectifiers
logo
Nanjing International G...
1N5400 DGNJDZ-1N5400 Datasheet
240Kb / 2P
   3.0 AMP SILICON RECTIFIERS
More results


Similar Description - 1N5400

ManufacturerPart #DatasheetDescription
logo
Taiwan Memory Technolog...
S3A TMT-S3A_16 Datasheet
359Kb / 4P
   3A, 50V - 1000V Surface Mount Rectifiers
S3AB TMT-S3AB_16 Datasheet
359Kb / 4P
   3A, 50V - 1000V Surface Mount Rectifiers
1N4001S TMT-1N4001S_16 Datasheet
173Kb / 4P
   1A, 50V - 1000V Silicon Rectifiers
logo
SeCoS Halbleitertechnol...
1N5400 SECOS-1N5400 Datasheet
258Kb / 2P
   VOLTAGE 50V ~ 1000V 3.0 AMP Silicon Rectifiers
1N5391 SECOS-1N5391 Datasheet
232Kb / 2P
   VOLTAGE 50V ~ 1000V 1.5 AMP Silicon Rectifiers
1N4001 SECOS-1N4001 Datasheet
331Kb / 2P
   VOLTAGE 50V ~ 1000V 1.0 AMP Silicon Rectifiers
logo
T&S Brass. All Rights R...
S3AH TS-S3AH Datasheet
577Kb / 6P
   3A, 50V - 1000V Surface Mount Rectifier
logo
Taiwan Semiconductor Co...
S3ABH TSC-S3ABH Datasheet
553Kb / 6P
   3A, 50V - 1000V Surface Mount Rectifier
S3AH TSC-S3AH Datasheet
577Kb / 6P
   3A, 50V - 1000V Surface Mount Rectifier
logo
T&S Brass. All Rights R...
S3ABH TS-S3ABH Datasheet
553Kb / 6P
   3A, 50V - 1000V Surface Mount Rectifier
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com