Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PI3C32X384 Datasheet (PDF) - Pericom Semiconductor Corporation

PI3C32X384 Datasheet PDF - Pericom Semiconductor Corporation
Part # PI3C32X384
Download  PI3C32X384 Download

File Size   645.32 Kbytes
Page   5 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 2.5V/3.3V, High Bandwidth, Hot Insertion 20-Bit, 2-Port, Bus Switch

PI3C32X384 Datasheet (PDF)

Go To PDF Page Download Datasheet
PI3C32X384 Datasheet PDF - Pericom Semiconductor Corporation

Part # PI3C32X384
Download  PI3C32X384 Click to download

File Size   645.32 Kbytes
Page   5 Pages
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation
Description 2.5V/3.3V, High Bandwidth, Hot Insertion 20-Bit, 2-Port, Bus Switch

PI3C32X384 Datasheet (HTML) - Pericom Semiconductor Corporation

PI3C32X384 Datasheet HTML 1Page - Pericom Semiconductor Corporation PI3C32X384 Datasheet HTML 2Page - Pericom Semiconductor Corporation PI3C32X384 Datasheet HTML 3Page - Pericom Semiconductor Corporation PI3C32X384 Datasheet HTML 4Page - Pericom Semiconductor Corporation PI3C32X384 Datasheet HTML 5Page - Pericom Semiconductor Corporation

PI3C32X384 Product details

Product Description
Pericom Semiconductors PI3C series of logic circuits are produced using the Companys advanced submicron CMOS technology, achieving industry performance.
The PI3C32X384, and PI3C32X2384 are 2.5V or 3.3Volt, high-bandwidth 20-bit, 2-port bus switches designed with a low ON resistance allowing inputs to be connected directly to outputs. The bus switch creates no additional propagational delay or additional ground bounce noise. The switches are turned ON by the Bus Enable (BE) input signal. Four bus enable signals are provided, one for each of the upper and lower five bits of the two 10-bit buses. The PI3C32X2384 is designed with an internal 25ohm resistor reducing noise reflection in high-speed applications.

Product Features
• Near-zero propagation delay
• Low noise, 25ohm version (PI3C32X2384)
• 5ohm switches connect inputs to outputs (PI3C32X384)
• High Bandwidth (>400 MHz)
• Permits Hot Insertion.
• 5V I/O Tolerant
• 2.5V Supply Voltage Operation
• Packages available:
   - 48-pin 150-mil wide plastic BQSOP (B)
   - 48-pin 240-mil wide plastic TSSOP (A)

Applications
• High Bandwidth Data switching
• Hot Docking




Similar Part No. - PI3C32X384

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3C32X245 PERICOM-PI3C32X245 Datasheet
172Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion 16-Bit, 2-Port, Bus Switch
PI3C32X245B PERICOM-PI3C32X245B Datasheet
172Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion 16-Bit, 2-Port, Bus Switch
PI3C32X245BE PERICOM-PI3C32X245BE Datasheet
172Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion 16-Bit, 2-Port, Bus Switch
PI3C32X245BE PERICOM-PI3C32X245BE Datasheet
645Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion 16-Bit, 2-Port, Bus Switch
PI3C32X245 PERICOM-PI3C32X245_11 Datasheet
645Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion 16-Bit, 2-Port, Bus Switch
More results


Similar Description - PI3C32X384

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI3C3245QE PERICOM-PI3C3245QE Datasheet
344Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
PI3C34X245 PERICOM-PI3C34X245_13 Datasheet
669Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion 32-Bit, 2-Port, Bus Switch
PI3C3384 PERICOM-PI3C3384 Datasheet
308Kb / 4P
   2.5V/3.3V, High Bandwidth, Hot Insertion 10-Bit, 2-Port, Bus Switch
PI3C3861-AQE PERICOM-PI3C3861-AQE Datasheet
364Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot-Insertion, 10-Bit, 2-Port, Bus Switch
PI3C3861-A PERICOM-PI3C3861-A Datasheet
365Kb / 2P
   2.5V/3.3V, High Bandwidth, Hot-Insertion,10-Bit, 2-Port, Bus Switch
PI3C34X245 PERICOM-PI3C34X245 Datasheet
218Kb / 4P
   2.5V/3.3V, High Bandwidth, Hot Insertion 32-Bit, 2-Port, Bus Switch
PI3C3245 PERICOM-PI3C3245 Datasheet
190Kb / 4P
   2.5V/3.3V, High Bandwidth, Hot Insertion 8-Bit, 2-Port, Bus Switch
PI3C3244 PERICOM-PI3C3244 Datasheet
203Kb / 4P
   2.5V/3.3V, High Bandwidth, Hot Insertion, 8-Bit, 2-Port Bus Switch
PI3C32X245 PERICOM-PI3C32X245_11 Datasheet
645Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion 16-Bit, 2-Port, Bus Switch
PI3C3384 PERICOM-PI3C3384_11 Datasheet
683Kb / 5P
   2.5V/3.3V, High Bandwidth, Hot Insertion 10-Bit, 2-Port, Bus Switch
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com