Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SMF130A Datasheet (PDF) - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

SMF130A Datasheet PDF - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Part # SMF130A
Download  SMF130A Download

File Size   88.34 Kbytes
Page   4 Pages
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Description Surface mounttransient voltage suppressor power 400 watts

SMF130A Datasheet (PDF)

Go To PDF Page Download Datasheet
SMF130A Datasheet PDF - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

Part # SMF130A
Download  SMF130A Click to download

File Size   88.34 Kbytes
Page   4 Pages
Manufacturer  YFWDIODE [DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD]
Direct Link  http://www.yfwdiode.com/
Logo YFWDIODE - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD
Description Surface mounttransient voltage suppressor power 400 watts

SMF130A Datasheet (HTML) - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

SMF130A Datasheet HTML 1Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SMF130A Datasheet HTML 2Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SMF130A Datasheet HTML 3Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD SMF130A Datasheet HTML 4Page - DONGGUAN YOU FENG WEI ELECTRONICS CO., LTD

SMF130A Product details

SMF Series 5.0 To 190 V 200W



Description

The SMF series is designed specifically to protect sensitive electronic equipment from voltage transients induced by lightning and other transient voltage events.



Features

♦ Compatible with industrial standard package SOD-123

♦ For surface mounted applications in order to optimize board space

♦ Low leakage

♦ Uni and Bidirectional unit

♦ Glass passivated junction

♦ Low inductance

♦ Excellent clamping capability

♦ 200W Peak power capability at 10 × 1000µs waveform Repetition rate (duty cycle):0.01%

♦ Fast response time: typically less than 1.0ps from 0 Volts to VBR min

♦ High Temperature soldering: 260°C/40 seconds at terminals

♦ Typical maximum temperature coefficient ΔVBR = 0.1% × VBR@25°C× ΔT

♦ Plastic package has Underwriters Laboratory Flammability 94V-0

♦ Matte tin lead–free Plated

♦ Halogen free and RoHS compliant

♦ Typical failure mode is short from over-specified voltage or current

♦ Whisker test is conducted based on JEDEC JESD201A per its table 4a and 4c

♦ IEC-61000-4-2 ESD 15kV(Air), 8kV (Contact)

♦ ESD protection of data lines in accordance with IEC 61000-4-2 (IEC801-2)

♦ EFT protection of data lines in accordance with IEC 61000-4-4 (IEC801-4)



Applications

  TVS devices are ideal for the protection of I/O interfaces, VCC bus and other vulnerable circuits used in Telecom, Computer, Industrial and Consumer electronic applications.



 




Similar Part No. - SMF130A

ManufacturerPart #DatasheetDescription
logo
Shanghai Yint Electroni...
SMF130A YINT-SMF130A Datasheet
814Kb / 5P
   SMF Transient Voltage Suppressor Diode Series
logo
ON Semiconductor
SMF130A ONSEMI-SMF130A Datasheet
69Kb / 6P
   Zener Transient Voltage Suppressor SOD??23 Flat Lead Package
August, 2005 ??Rev. 1
logo
SAMYANG ELECTRONICS CO....
SMF130A SAMYANG-SMF130A Datasheet
4Mb / 7P
   TRANSIENT VOLTAGE SUPPRESSOR
logo
Shenzhen Luguang Electr...
SMF130A LUGUANG-SMF130A Datasheet
404Kb / 3P
   Surface Mount ESD Protection Diodes
logo
Diotec Semiconductor
SMF130A DIOTEC-SMF130A Datasheet
178Kb / 3P
   SMD Transient Voltage Suppressor Diodes
More results


Similar Description - SMF130A

ManufacturerPart #DatasheetDescription
logo
DONGGUAN YOU FENG WEI E...
P4SMAFJ8.5A YFWDIODE-P4SMAFJ8.5A Datasheet
127Kb / 3P
   Surface mounttransient voltage suppressor power 400 watts
P6SMBF6.8A YFWDIODE-P6SMBF6.8A Datasheet
89Kb / 4P
   Surface mounttransient voltage suppressor power 600watts
logo
Pan Jit International I...
P4SMAFJ PANJIT-P4SMAFJ Datasheet
481Kb / 6P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER 400 Watts
logo
DONGGUAN YOU FENG WEI E...
P4SMAJ-220V-SMA YFWDIODE-P4SMAJ-220V-SMA Datasheet
715Kb / 4P
   Surface mount transient voltage suppressor power 400 watts
P4SMAFJ5.0A YFWDIODE-P4SMAFJ5.0A Datasheet
669Kb / 5P
   Surface mount transient voltage suppressor power 400 watts
logo
SHIKUES Electronics
SMAFJ SKTECHNOLGY-SMAFJ Datasheet
669Kb / 4P
   Surface mount transient voltage suppressor power 400 watts
SMAJ SKTECHNOLGY-SMAJ Datasheet
401Kb / 4P
   Surface mount transient voltage suppressor power 400 watts
logo
Pan Jit International I...
P4SMA_SERIES PANJIT-P4SMA_SERIES_14 Datasheet
214Kb / 7P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR POWER 400 Watts
logo
Xian Semipower Electron...
P4SMAFJ SEMIPOWER-P4SMAFJ Datasheet
172Kb / 5P
   Surface mount transient voltage suppressor power 400 watts
logo
DONGGUAN YOU FENG WEI E...
P4SMAFJ5.0A-SMAF YFWDIODE-P4SMAFJ5.0A-SMAF_17 Datasheet
669Kb / 5P
   Surface mount transient voltage suppressor power 400 watts
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com