Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY13491-31-EVB Datasheet (PDF) - Skyworks Solutions Inc.

SKY13491-31-EVB Datasheet PDF - Skyworks Solutions Inc.
Part # SKY13491-31-EVB
Download  SKY13491-31-EVB Download

File Size   819.58 Kbytes
Page   23 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 0.7 to 2.7 GHz SP14T MIPI Antenna Switch Module

SKY13491-31-EVB Datasheet (PDF)

Go To PDF Page Download Datasheet
SKY13491-31-EVB Datasheet PDF - Skyworks Solutions Inc.

Part # SKY13491-31-EVB
Download  SKY13491-31-EVB Click to download

File Size   819.58 Kbytes
Page   23 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 0.7 to 2.7 GHz SP14T MIPI Antenna Switch Module

SKY13491-31-EVB Datasheet (HTML) - Skyworks Solutions Inc.

Back Button SKY13491-31-EVB Datasheet HTML 1Page - Skyworks Solutions Inc. SKY13491-31-EVB Datasheet HTML 2Page - Skyworks Solutions Inc. SKY13491-31-EVB Datasheet HTML 3Page - Skyworks Solutions Inc. SKY13491-31-EVB Datasheet HTML 4Page - Skyworks Solutions Inc. SKY13491-31-EVB Datasheet HTML 5Page - Skyworks Solutions Inc. SKY13491-31-EVB Datasheet HTML 6Page - Skyworks Solutions Inc. SKY13491-31-EVB Datasheet HTML 7Page - Skyworks Solutions Inc. SKY13491-31-EVB Datasheet HTML 8Page - Skyworks Solutions Inc. SKY13491-31-EVB Datasheet HTML 9Page - Skyworks Solutions Inc. SKY13491-31-EVB Datasheet HTML 10Page - Skyworks Solutions Inc. Next Button 



Similar Part No. - SKY13491-31-EVB

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13492-21 SKYWORKS-SKY13492-21 Datasheet
880Kb / 23P
   0.7 to 2.7 GHz SP16T MIPI Antenna Switch Module
SKY13498-21 SKYWORKS-SKY13498-21 Datasheet
786Kb / 21P
   0.7 to 2.7 GHz SP10T MIPI Antenna Switch Module
SKY13498-31 SKYWORKS-SKY13498-31 Datasheet
787Kb / 21P
   0.7 to 2.7 GHz SP10T MIPI Antenna Switch Module
More results


Similar Description - SKY13491-31-EVB

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13498-31 SKYWORKS-SKY13498-31 Datasheet
787Kb / 21P
   0.7 to 2.7 GHz SP10T MIPI Antenna Switch Module
SKY13498-21 SKYWORKS-SKY13498-21 Datasheet
786Kb / 21P
   0.7 to 2.7 GHz SP10T MIPI Antenna Switch Module
SKY13492-21 SKYWORKS-SKY13492-21 Datasheet
880Kb / 23P
   0.7 to 2.7 GHz SP16T MIPI Antenna Switch Module
SKYA21052 SKYWORKS-SKYA21052 Datasheet
749Kb / 21P
   0.7 to 2.7 GHz SP12T MIPI Antenna Switch Module
SKY19237-001 SKYWORKS-SKY19237-001 Datasheet
175Kb / 2P
   0.7 to 2.7 GHz Triple SPST (3xSPST) Shunt MIPI Switch in a WLCSP Package
SKY13535-11 SKYWORKS-SKY13535-11 Datasheet
203Kb / 2P
   0.7 to 3.0 GHz DP21T (SP12T/SP9T) MIPI Main Antenna Switch for Carrier Aggregation
SKYA21054 SKYWORKS-SKYA21054 Datasheet
681Kb / 18P
   Automotive 0.4 to 2.7 GHz SP8T MIPI Diversity Switch
SKY13630-11 SKYWORKS-SKY13630-11 Datasheet
188Kb / 2P
   0.7 to 3.8 GHz DPDT Switch Module
logo
Infineon Technologies A...
BGSF1717MN26 INFINEON-BGSF1717MN26 Datasheet
1Mb / 41P
   Antenna Switch Module with integrated MIPI RFFE Interface
Revision 1.0, 2015-10-03
logo
Skyworks Solutions Inc.
SKY13526-485LF SKYWORKS-SKY13526-485LF Datasheet
720Kb / 17P
   0.4 to 2.7 GHz SP6T LTE Transmit/Receive Switch with MIPI RFFE Interface
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com