Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SKY13347-360LF Datasheet (PDF) - Skyworks Solutions Inc.

SKY13347-360LF Datasheet PDF - Skyworks Solutions Inc.
Part # SKY13347-360LF
Download  SKY13347-360LF Download

File Size   845.79 Kbytes
Page   9 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 0.5 to 4.0 GHz SPST Switch, 50 Terminated

SKY13347-360LF Datasheet (PDF)

Go To PDF Page Download Datasheet
SKY13347-360LF Datasheet PDF - Skyworks Solutions Inc.

Part # SKY13347-360LF
Download  SKY13347-360LF Click to download

File Size   845.79 Kbytes
Page   9 Pages
Manufacturer  SKYWORKS [Skyworks Solutions Inc.]
Direct Link  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Description 0.5 to 4.0 GHz SPST Switch, 50 Terminated

SKY13347-360LF Datasheet (HTML) - Skyworks Solutions Inc.

SKY13347-360LF Datasheet HTML 1Page - Skyworks Solutions Inc. SKY13347-360LF Datasheet HTML 2Page - Skyworks Solutions Inc. SKY13347-360LF Datasheet HTML 3Page - Skyworks Solutions Inc. SKY13347-360LF Datasheet HTML 4Page - Skyworks Solutions Inc. SKY13347-360LF Datasheet HTML 5Page - Skyworks Solutions Inc. SKY13347-360LF Datasheet HTML 6Page - Skyworks Solutions Inc. SKY13347-360LF Datasheet HTML 7Page - Skyworks Solutions Inc. SKY13347-360LF Datasheet HTML 8Page - Skyworks Solutions Inc. SKY13347-360LF Datasheet HTML 9Page - Skyworks Solutions Inc.



Similar Part No. - SKY13347-360LF

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13344-378LF SKYWORKS-SKY13344-378LF Datasheet
206Kb / 10P
   2.0-6.0 GHz GaAs SPDT Switch
SKY13345-368LF SKYWORKS-SKY13345-368LF Datasheet
528Kb / 12P
   SKY13345-368LF 0.1-3.5 GHz SP3T Switch
SKY13345-368LF SKYWORKS-SKY13345-368LF Datasheet
756Kb / 11P
   0.1 to 3.5 GHz SP3T Switch
SKY13345-368LF SKYWORKS-SKY13345-368LF_15 Datasheet
756Kb / 11P
   0.1 to 3.5 GHz SP3T Switch
SKY13348-374LF SKYWORKS-SKY13348-374LF Datasheet
1Mb / 17P
   The Right Products for Your System Applications
More results


Similar Description - SKY13347-360LF

ManufacturerPart #DatasheetDescription
logo
Analog Devices
HMC1055 AD-HMC1055 Datasheet
289Kb / 10P
   0.5 GHz to 4.0 GHz, GaAs, SPST Switch
logo
M/A-COM Technology Solu...
MASWSS0148 MA-COM-MASWSS0148 Datasheet
130Kb / 4P
   GaAs SPST High Isolation Terminated Switch 0.3 - 4.0 GHz
logo
Tyco Electronics
MASWSS0148 MACOM-MASWSS0148 Datasheet
218Kb / 4P
   GaAs SPST High Isolation Terminated Switch 0.3 - 4.0 GHz
logo
M/A-COM Technology Solu...
SW-393 MA-COM-SW-393 Datasheet
108Kb / 3P
   GaAs SPST High Isolation Terminated Switch 0.5 - 2.0 GHz
logo
Tyco Electronics
SW-393 MACOM-SW-393 Datasheet
129Kb / 3P
   GaAs SPST High Isolation Terminated Switch 0.5 - 2.0 GHz
logo
Hexawave, Inc
HWS517_V1 HW-HWS517_V1 Datasheet
90Kb / 3P
   GaAs 0.5-3 GHz SPDT Terminated Switch
HWS531_V2 HW-HWS531_V2 Datasheet
54Kb / 3P
   GaAs 0.5-6 GHz SPDT Terminated Switch
logo
List of Unclassifed Man...
MASW-010351 ETC1-MASW-010351 Datasheet
185Kb / 5P
   SP5T High Isolation Terminated Switch 0.01 - 4.0 GHz
logo
M/A-COM Technology Solu...
MASW-008543 MA-COM-MASW-008543 Datasheet
175Kb / 4P
   SPDT High Isolation Terminated Switch 0.01- 4.0 GHz
MASW-010351 MA-COM-MASW-010351 Datasheet
179Kb / 4P
   SP5T High Isolation Terminated Switch 0.01 - 4.0 GHz
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com