Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DL4936 Datasheet (PDF) - Microdiode Electronics (Jiangsu) Co.,Ltd.

DL4936 Datasheet PDF - Microdiode Electronics (Jiangsu) Co.,Ltd.
Part # DL4936
Download  DL4936 Download

File Size   617.62 Kbytes
Page   2 Pages
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.
Description SURFACE MOUNT RECTIFIERS

DL4936 Datasheet (PDF)

Go To PDF Page Download Datasheet
DL4936 Datasheet PDF - Microdiode Electronics (Jiangsu) Co.,Ltd.

Part # DL4936
Download  DL4936 Click to download

File Size   617.62 Kbytes
Page   2 Pages
Manufacturer  CHENDA [Microdiode Electronics (Jiangsu) Co.,Ltd.]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Electronics (Jiangsu) Co.,Ltd.
Description SURFACE MOUNT RECTIFIERS

DL4936 Datasheet (HTML) - Microdiode Electronics (Jiangsu) Co.,Ltd.

DL4936 Datasheet HTML 1Page - Microdiode Electronics (Jiangsu) Co.,Ltd. DL4936 Datasheet HTML 2Page - Microdiode Electronics (Jiangsu) Co.,Ltd.

DL4936 Product details

VOLTAGE RANGE: 50 --- 600 V CURRENT: 1.0 A

FEATURES
◇ Glass passivated device
◇ Ideal for surface mounted applications
◇ Low leakage
◇ Low forward voltage drop
◇ High current capability
◇ Easily cleaned with Alcohol,Isopropnol
   and similar solvents
◇ The plastic material carries U/L
   recognition 94V-0




Similar Part No. - DL4936

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DL4936 DIODES-DL4936 Datasheet
57Kb / 2P
   1.0A SURFACE MOUNT FAST RECOVERY RECTIFIER
DS15001 Rev. D-2
logo
Micro Commercial Compon...
DL4936 MCC-DL4936 Datasheet
90Kb / 3P
   1 Amp Glass Passivated, Fast Recovery Rectifier 50 to 600 Volts
logo
SynSemi, Inc.
DL4936 SYNSEMI-DL4936 Datasheet
35Kb / 2P
   Surface Mount Fast Recovery Rectifiers
logo
Diotech Company.
DL4936 DIOTECH-DL4936 Datasheet
906Kb / 2P
   SURFACE MOUNT FAST RECOVERY RECTIFIER
logo
Micro Commercial Compon...
DL4936 MCC-DL4936 Datasheet
300Kb / 4P
   1 Amp Glass Passivated, Fast Recovery Rectifier 50 to 600 Volts
More results


Similar Description - DL4936

ManufacturerPart #DatasheetDescription
logo
EIC discrete Semiconduc...
SN2A EIC-SN2A Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
SNWA EIC-SNWA Datasheet
38Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Shenzhen Luguang Electr...
GL41A LUGUANG-GL41A Datasheet
300Kb / 2P
   Surface Mount Rectifiers
US3AB LUGUANG-US3AB Datasheet
173Kb / 2P
   Surface Mount Rectifiers
MURS140 LUGUANG-MURS140 Datasheet
172Kb / 2P
   Surface Mount Rectifiers
MURS340 LUGUANG-MURS340 Datasheet
174Kb / 2P
   Surface Mount Rectifiers
MURS405 LUGUANG-MURS405 Datasheet
176Kb / 2P
   Surface Mount Rectifiers
logo
MAKO SEMICONDUCTOR CO.,...
1N4007-M7 MAKOSEMI-1N4007-M7 Datasheet
266Kb / 2P
   SURFACE MOUNT RECTIFIERS
logo
Diode Semiconductor Kor...
US1AB DSK-US1AB Datasheet
86Kb / 2P
   SURFACE MOUNT RECTIFIERS
RS5AC DSK-RS5AC Datasheet
146Kb / 2P
   SURFACE MOUNT RECTIFIERS
US3AB DSK-US3AB Datasheet
108Kb / 2P
   SURFACE MOUNT RECTIFIERS
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com