Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FM120 Datasheet (PDF) - Microdiode Semiconductor (Shenzhen) Co., Ltd

FM120 Datasheet PDF - Microdiode Semiconductor (Shenzhen) Co., Ltd
Part # FM120
Download  FM120 Download
File Size   910.12 Kbytes
Page   5 Pages
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd
Description 1.0A Surface Mount Schottky Barrier Rectifiers - 20V-200V

FM120 Datasheet (PDF)

Go To PDF Page Download Datasheet
FM120 Datasheet PDF - Microdiode Semiconductor (Shenzhen) Co., Ltd

Part # FM120
Download  FM120 Click to download

File Size   910.12 Kbytes
Page   5 Pages
Manufacturer  CHENDA [Microdiode Semiconductor (Shenzhen) Co., Ltd]
Direct Link  http://www.microdiode.com/en
Logo CHENDA - Microdiode Semiconductor (Shenzhen) Co., Ltd
Description 1.0A Surface Mount Schottky Barrier Rectifiers - 20V-200V

FM120 Datasheet (HTML) - Microdiode Semiconductor (Shenzhen) Co., Ltd


FM120 Product details

Features

•Batch process design, excellent power dissipation offers better reverse leakage current and thermal resistance.

•Low profile surface mounted application in order to optimize board space.

•Low power loss, high efficiency.

•High current capability, low forward voltage drop.

•High surge capability.

•Guardring for overvoltage protection.

•Ultra high-speed switching.

•Silicon epitaxial planar chip, metal silicon junction.

•Lead-free parts meet environmental standards of MIL-STD-19500 /228

• Suffix "-H" indicates Halogen-free parts, ex. FM120-H.



Mechanical data

• Epoxy:UL94-V0 rated flame retardant

• Case : Molded plastic,DO-214AC / SMA-F

• Terminals : Solder plated, solderable per MIL-STD-750, Method 2026

• Polarity : Indicated by cathode band

• Mounting Position : Any

• Weight : Approximated 0.05 gram




Similar Part No. - FM120

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
FM120 RECTRON-FM120 Datasheet
26Kb / 2P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER (VOLTAGE RANGE 20 to 100 Volts CURRENT 1.0 Ampere)
logo
Formosa MS
FM120 FORMOSA-FM120 Datasheet
68Kb / 2P
Silicon epitaxial planer type
FM120 FORMOSA-FM120 Datasheet
71Kb / 2P
Chip Schottky Barrier Diodes - Silicon epitaxial planer type
logo
Rectron Semiconductor
FM120 RECTRON-FM120 Datasheet
269Kb / 6P
SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE RANGE 20 to 200 Volts CURRENT 1.0 Ampere
2018-10 REV: F
logo
Formosa MS
FM120-L FORMOSA-FM120-L Datasheet
68Kb / 2P
Chip Schottky Barrier Diodes - Silicon epitaxial planer type
More results


Similar Description - FM120

ManufacturerPart #DatasheetDescription
logo
WILLAS ELECTRONIC CORP
SK22AF WILLAS-SK22AF Datasheet
310Kb / 2P
2.0AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V-200V
logo
Formosa MS
SKFM2020C-D2 FORMOSA-SKFM2020C-D2 Datasheet
169Kb / 7P
20.0A Surface Mount Schottky Barrier Rectifiers-20V-200V
SM5817 FORMOSA-SM5817_13 Datasheet
172Kb / 7P
1.0A Surface Mount Schottky Barrier Rectifiers - 20V-40V
logo
E-CMOS Corporation
ECCSR120 E-CMOS-ECCSR120 Datasheet
307Kb / 5P
1.0A Surface Mount Schottky Barrier Rectifiers - 20V-200V
ECC1620C-D2 E-CMOS-ECC1620C-D2 Datasheet
415Kb / 6P
16.0A Surface Mount Schottky Barrier Rectifiers - 20V-200V
logo
PACELEADER INDUSTRIAL
PFM120-M PACELEADER-PFM120-M Datasheet
493Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
PFM120-S PACELEADER-PFM120-S Datasheet
422Kb / 3P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 100V
PFM220-M PACELEADER-PFM220-M Datasheet
487Kb / 2P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
PFM220-S PACELEADER-PFM220-S Datasheet
408Kb / 4P
2.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
SS12 PACELEADER-SS12 Datasheet
550Kb / 2P
1.0A SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS -20V- 200V
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com