Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CGA9N2X7R2A225K230KA Datasheet (PDF) - TDK Electronics

CGA9N2X7R2A225K230KA Datasheet PDF - TDK Electronics
Part # CGA9N2X7R2A225K230KA
Download  CGA9N2X7R2A225K230KA Download

File Size   138.91 Kbytes
Page   1 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description Automotive Grade ( Mid Voltage (100 to 630V) )

CGA9N2X7R2A225K230KA Datasheet (PDF)

Go To PDF Page Download Datasheet
CGA9N2X7R2A225K230KA Datasheet PDF - TDK Electronics

Part # CGA9N2X7R2A225K230KA
Download  CGA9N2X7R2A225K230KA Click to download

File Size   138.91 Kbytes
Page   1 Pages
Manufacturer  TDK [TDK Electronics]
Direct Link  http://www.tdk.com
Logo TDK - TDK Electronics
Description Automotive Grade ( Mid Voltage (100 to 630V) )

CGA9N2X7R2A225K230KA Datasheet (HTML) - TDK Electronics

CGA9N2X7R2A225K230KA Datasheet HTML 1Page - TDK Electronics

CGA9N2X7R2A225K230KA Product details

MULTILAYER CERAMIC CHIP CAPACITORS
Automotive grade, mid voltage (100 to 630V)

■ SERIES OVERVIEW
Middle voltage CGA series, automotive grade of TDKs multilayer ceramic chip capacitor, is a product which has the high withstanding voltage characteristics. Voltage rating of 100V to 630V with capacitance range up to 15µF has been realized.

■ FEATURES
• Voltage rating of 100V, 250V, 450V and 630V
• Operating temperature range: –55 to +125°C
• C0G temperature characteristic which has excellent stable temperature and DC-bias characteristcs is applicable.
• AEC-Q200 compliant.

■ APPLICATIONS
• Wireless Charging units such as DC-DC converter, Inverter, On board charger.
• Decoupling, smoothing, snubber and resonant circuit and so on of high voltage circuit.




Similar Part No. - CGA9N2X7R2A225K230KA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGA9N2X7R2A225M230KA TDK-CGA9N2X7R2A225M230KA Datasheet
138Kb / 1P
   Automotive Grade ( Mid Voltage (100 to 630V) )
More results


Similar Description - CGA9N2X7R2A225K230KA

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
CGA3E2C0G2A010C080AA TDK-CGA3E2C0G2A010C080AA Datasheet
130Kb / 1P
   Automotive Grade ( Mid Voltage (100 to 630V) )
CGA3E3C0G2E181J080AA TDK-CGA3E3C0G2E181J080AA Datasheet
131Kb / 1P
   Automotive Grade ( Mid Voltage (100 to 630V) )
CGA3E3C0G2E331J080AA TDK-CGA3E3C0G2E331J080AA Datasheet
131Kb / 1P
   Automotive Grade ( Mid Voltage (100 to 630V) )
CGA3E2X7R2A153M080AA TDK-CGA3E2X7R2A153M080AA Datasheet
138Kb / 1P
   Automotive Grade ( Mid Voltage (100 to 630V) )
CGA3E2X7R2A332K080AA TDK-CGA3E2X7R2A332K080AA Datasheet
139Kb / 1P
   Automotive Grade ( Mid Voltage (100 to 630V) )
CGA4C4C0G2W221J060AA TDK-CGA4C4C0G2W221J060AA Datasheet
131Kb / 1P
   Automotive Grade ( Mid Voltage (100 to 630V) )
CGA4C4C0G2W391J060AA TDK-CGA4C4C0G2W391J060AA Datasheet
131Kb / 1P
   Automotive Grade ( Mid Voltage (100 to 630V) )
CGA4C4C0G2W471J060AA TDK-CGA4C4C0G2W471J060AA Datasheet
131Kb / 1P
   Automotive Grade ( Mid Voltage (100 to 630V) )
CGA4J2C0G2A272J125AA TDK-CGA4J2C0G2A272J125AA Datasheet
131Kb / 1P
   Automotive Grade ( Mid Voltage (100 to 630V) )
CGA4J2C0G2A562J125AA TDK-CGA4J2C0G2A562J125AA Datasheet
131Kb / 1P
   Automotive Grade ( Mid Voltage (100 to 630V) )
CGA4J2C0G2A822J125AA TDK-CGA4J2C0G2A822J125AA Datasheet
131Kb / 1P
   Automotive Grade ( Mid Voltage (100 to 630V) )
More results




About TDK Electronics


TDK Electronics is a subsidiary of TDK Corporation, a multinational electronics company based in Japan.
TDK Electronics specializes in the design and manufacture of electronic components such as capacitors, inductors, and ferrite beads for use in a wide range of applications including consumer electronics, automobiles, and industrial systems.
The company is known for its high-quality products and innovative solutions, and it has a strong reputation in the electronics industry.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com