Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MAMX-011021 Datasheet (PDF) - M/A-COM Technology Solutions, Inc.

MAMX-011021 Datasheet PDF - M/A-COM Technology Solutions, Inc.
Part # MAMX-011021
Download  MAMX-011021 Download

File Size   987.19 Kbytes
Page   8 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description High Linearity Mixer

MAMX-011021 Datasheet (PDF)

Go To PDF Page Download Datasheet
MAMX-011021 Datasheet PDF - M/A-COM Technology Solutions, Inc.

Part # MAMX-011021
Download  MAMX-011021 Click to download

File Size   987.19 Kbytes
Page   8 Pages
Manufacturer  MA-COM [M/A-COM Technology Solutions, Inc.]
Direct Link  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.
Description High Linearity Mixer

MAMX-011021 Datasheet (HTML) - M/A-COM Technology Solutions, Inc.

MAMX-011021 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. MAMX-011021 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. MAMX-011021 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc. MAMX-011021 Datasheet HTML 4Page - M/A-COM Technology Solutions, Inc. MAMX-011021 Datasheet HTML 5Page - M/A-COM Technology Solutions, Inc. MAMX-011021 Datasheet HTML 6Page - M/A-COM Technology Solutions, Inc. MAMX-011021 Datasheet HTML 7Page - M/A-COM Technology Solutions, Inc. MAMX-011021 Datasheet HTML 8Page - M/A-COM Technology Solutions, Inc.

MAMX-011021 Product details

Description
The MAMX-011021 is a passive mixer “engine” assembled in a 1.5 x 1.2 mm TDFN 6-lead plastic package. This device is designed for more linear applications such as high bit rate transmitters and receivers which may be used in Point-to-Point, Satcom or LAN applications. The mixer has 8 dB of conversion loss and 23 dBm of input intercept point (IIP3).

Features
• Passive Frequency Mixer
• Conversion Loss: 8 dB @ 12 GHz
• High IIP3: 23 dBm @ 12 GHz
• RF Frequency: 5 - 35 GHz
• LO Frequency: 3 - 33 GHz
• IF Frequency: DC - 4.5 GHz
• Lead-Free 1.5 x 1.2 mm TDFN 6-lead Package
• Halogen-Free “Green” Mold Compound
• RoHS* Compliant




Similar Part No. - MAMX-011021

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAMX-011023 MA-COM-MAMX-011023 Datasheet
1Mb / 10P
   Low Noise Active Mixer
MAMX-011023-SMB MA-COM-MAMX-011023-SMB Datasheet
1Mb / 10P
   Low Noise Active Mixer
MAMX-011023-TR3000 MA-COM-MAMX-011023-TR3000 Datasheet
1Mb / 10P
   Low Noise Active Mixer
More results


Similar Description - MAMX-011021

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK1221 AKM-AK1221 Datasheet
529Kb / 21P
   3500MHz High Linearity Mixer
AK1220 AKM-AK1220 Datasheet
623Kb / 27P
   900MHz High Linearity Mixer
AK1223 AKM-AK1223 Datasheet
543Kb / 18P
   8500MHz High Linearity Mixer
AK1220 AKM-AK1220_17 Datasheet
1,001Kb / 33P
   900Mhz High Linearity Mixer
logo
AVAGO TECHNOLOGIES LIMI...
IAM-92516 AVAGO-IAM-92516 Datasheet
202Kb / 7P
   High Linearity GaAs FET Mixer
logo
Agilent(Hewlett-Packard...
IAM-93516 HP-IAM-93516 Datasheet
144Kb / 10P
   High Linearity Integrated GaAs Mixer
logo
AVAGO TECHNOLOGIES LIMI...
IAM-93516 AVAGO-IAM-93516 Datasheet
209Kb / 10P
   High Linearity Integrated GaAs Mixer
logo
List of Unclassifed Man...
SPM-1045 ETC1-SPM-1045 Datasheet
246Kb / 8P
   High Linearity Passive FET Mixer
logo
Linear Technology
LT5521 LINER-LT5521 Datasheet
269Kb / 16P
   Very High Linearity Active Mixer
logo
Stanford Microdevices
SPM-2045 STANFORD-SPM-2045 Datasheet
195Kb / 9P
   High Linearity Passive FET Mixer
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com