Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BQ27546-G1 Datasheet (PDF) - Texas Instruments

Click here to check the latest version.
BQ27546-G1 Datasheet PDF - Texas Instruments
Part # BQ27546-G1
Download  BQ27546-G1 Download

File Size   1033.31 Kbytes
Page   38 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description Single-Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration

BQ27546-G1 Datasheet (PDF)

Go To PDF Page Download Datasheet
BQ27546-G1 Datasheet PDF - Texas Instruments

Part # BQ27546-G1
Download  BQ27546-G1 Click to download

File Size   1033.31 Kbytes
Page   38 Pages
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments
Description Single-Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration

BQ27546-G1 Datasheet (HTML) - Texas Instruments


BQ27546-G1 Product details

Description
The bq27546-G1 Li-Ion battery fuel gauge is a
microcontroller peripheral that provides fuel gauging
for single-cell Li-Ion battery packs. The device
requires minimal system microcontroller firmware
development for accurate battery fuel gauging. The
bq27546-G1 resides within the battery pack or on the
system’s main-board with an embedded battery (nonremovable).
The bq27546-G1 uses the patented Impedance Track™ algorithm for fuel gauging, and provides
information such as remaining battery capacity
(mAh), state-of-charge (%), run-time to empty (min.),
battery voltage (mV), and temperature (°C). It also
provides detections for internal short or tab
disconnection events.
The bq27546-G1 features integrated support for
secure battery pack authentication, using the SHA-
1/HMAC authentication algorithm.
The device comes in a 15-ball Nano-Free™ DSBGA
package (2.61 mm × 1.96 mm) that is ideal for space- constrained applications.

Features
1• Battery Fuel Gauge for 1-Series (1sXp) Li-Ion
Applications up to 14,500-mAh Capacity
• Microcontroller Peripheral Provides:
– Internal or External Temperature Sensor for
Battery Temperature Reporting
– SHA-1/HMAC Authentication
– Lifetime Data Logging
– 64 Bytes of Non-Volatile Scratch Pad FLASH
• Battery Fuel Gauging Based on Patented
Impedance Track™ Technology
– Models Battery Discharge Curve for Accurate
Time-To-Empty Predictions
– Automatically Adjusts for Battery Aging,
Battery Self-Discharge, and Temperature/Rate
Inefficiencies
– Low-Value Sense Resistor (5 mΩ to 20 mΩ)
• Advanced Fuel Gauging Features
– Internal Short Detection
– Tab Disconnection Detection
• HDQ and I2C™ Interface Formats for
Communication with Host System
• Small 15-Ball Nano-Free™ (DSBGA) Packaging

Applications
• Smartphones
• Tablets
• Digital Still and Video Cameras
• Handheld Terminals
• MP3 or Multimedia Players




Similar Part No. - BQ27546-G1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27541 TI-BQ27541 Datasheet
789Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-G1 TI1-BQ27541-G1 Datasheet
659Kb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
679Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
664Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
743Kb / 43P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
More results


Similar Description - BQ27546-G1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
BQ27545-G1 TI1-BQ27545-G1 Datasheet
1Mb / 53P
[Old version datasheet]   Single-Cell Li-Ion Battery Fuel Gauge For Battery Pack Integration
BQ27541 TI-BQ27541 Datasheet
789Kb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI-BQ27541-V200 Datasheet
679Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-G1 TI1-BQ27541-G1 Datasheet
659Kb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27542-G1 TI1-BQ27542-G1 Datasheet
1Mb / 38P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200_1004 TI-BQ27541-V200_1004 Datasheet
664Kb / 41P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200 TI1-BQ27541-V200_17 Datasheet
1Mb / 46P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27541-V200_1007 TI-BQ27541-V200_1007 Datasheet
743Kb / 43P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27411-G1 TI1-BQ27411-G1 Datasheet
998Kb / 20P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge for Battery Pack Integration
BQ27741-G1 TI1-BQ27741-G1_14 Datasheet
958Kb / 39P
[Old version datasheet]   Single Cell Li-Ion Battery Fuel Gauge with Integrated Protection
More results




About Texas Instruments


Texas Instruments (TI) is a publicly traded company that designs and manufactures semiconductor and computer technology products.

It was founded in 1930 and is headquartered in Dallas, Texas.

TI is a global leader in the production of analog and digital signal processing (DSP) integrated circuits, as well as embedded processors and other microcontroller products.

The company serves customers in a variety of industries, including automotive, communications, computing, industrial, and consumer electronics.

TI's product portfolio includes data converters, amplifiers and comparators, power management ICs, microcontrollers, sensors, and wireless connectivity solutions, among others.

TI is committed to innovation and customer satisfaction, and has a long history of delivering high-quality, reliable products to its customers.

With a focus on sustainability and energy efficiency, TI is dedicated to making a positive impact on the world through its technology and products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com