Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

MAC15SM Datasheet (PDF) - Kersemi Electronic Co., Ltd.

MAC15SM Datasheet PDF - Kersemi Electronic Co., Ltd.
Part No. MAC15SM
Download  MAC15SM Click to view

File Size   584.78 Kbytes
Page   7 Pages
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.
Description Sensitive Gate Triacs Silicon Bidirectional Thyristors

MAC15SM Datasheet (PDF)

Go To PDF Page Download Datasheet
MAC15SM Datasheet PDF - Kersemi Electronic Co., Ltd.

Part No. MAC15SM
Download  MAC15SM Click to view

File Size   584.78 Kbytes
Page   7 Pages
Manufacturer  KERSEMI [Kersemi Electronic Co., Ltd.]
Direct Link  http://www.kersemi.com
Logo KERSEMI - Kersemi Electronic Co., Ltd.
Description Sensitive Gate Triacs Silicon Bidirectional Thyristors

MAC15SM Datasheet (HTML) - Kersemi Electronic Co., Ltd.

MAC15SM Datasheet HTML 1Page - Kersemi Electronic Co., Ltd. MAC15SM Datasheet HTML 2Page - Kersemi Electronic Co., Ltd. MAC15SM Datasheet HTML 3Page - Kersemi Electronic Co., Ltd. MAC15SM Datasheet HTML 4Page - Kersemi Electronic Co., Ltd. MAC15SM Datasheet HTML 5Page - Kersemi Electronic Co., Ltd. MAC15SM Datasheet HTML 6Page - Kersemi Electronic Co., Ltd. MAC15SM Datasheet HTML 7Page - Kersemi Electronic Co., Ltd.

MAC15SM Product details

Sensitive Gate Triacs Silicon Bidirectional Thyristors

Designed for industrial and consumer applications for full wave control of ac loads such as appliance controls, heater controls, motor controls, and other power switching applications.

• Sensitive Gate allows Triggering by Microcontrollers and other Logic Circuits
• High Immunity to dv/dt - 25 V/μs minimum at 110°C
• High Commutating di/dt - 8.0 A/ms minimum at 110°C
• Maximum Values of IGT, VGT and IH Specified for Ease of Design
• On-State Current Rating of 15 A RMS at 70°C
• High Surge Current Capability - 120 A
• Blocking Voltage to 800 V
• Rugged, Economical TO220AB Package
• Uniform Gate Trigger Currents in Three Quadrants, Q1, Q2, and Q3
• Device Marking: Logo, Device Type, e.g., MAC15SD, Date Code



Similar Part No. - MAC15SM

ManufacturerPart No.DatasheetDescription
Motorola, Inc
Motorola, Inc
MAC15SM MOTOROLA-MAC15SM Datasheet
690Kb / 8P
   TRIACS 15 AMPERES RMS 400 THRU 800 VOLTS
ON Semiconductor
ON Semiconductor
MAC15SM ONSEMI-MAC15SM Datasheet
140Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
MAC15SMG ONSEMI-MAC15SMG Datasheet
140Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
More results

Similar Description - MAC15SM

ManufacturerPart No.DatasheetDescription
ON Semiconductor
ON Semiconductor
MAC228A ONSEMI-MAC228A Datasheet
74Kb / 6P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 3
MAC8S ONSEMI-MAC8S Datasheet
76Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
MAC4DLM ONSEMI-MAC4DLM_05 Datasheet
78Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
November, 2005 ??Rev. 3
MAC08BT1 ONSEMI-MAC08BT1_05 Datasheet
94Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
T2322B ONSEMI-T2322B Datasheet
56Kb / 4P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
May, 2006 ??Rev. 5
2N6071A ONSEMI-2N6071A_06 Datasheet
75Kb / 8P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
April, 2006 ??Rev. 7
MAC12SM ONSEMI-MAC12SM_05 Datasheet
60Kb / 5P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 3
MAC4DLM ONSEMI-MAC4DLM Datasheet
103Kb / 8P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
August, 2004 ??Rev. 2
MAC15S ONSEMI-MAC15S Datasheet
140Kb / 7P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
December, 2005 ??Rev. 5
MAC228A ONSEMI-MAC228A_06 Datasheet
57Kb / 5P
   Sensitive Gate Triacs Silicon Bidirectional Thyristors
March, 2006 ??Rev. 4
More results

Datasheet Page

1  2  3  4  5  6  7 


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz