Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RTR025P02FRA Datasheet (PDF) - Rohm

RTR025P02FRA Datasheet PDF - Rohm
Part # RTR025P02FRA
Download  RTR025P02FRA Download
File Size   1113.08 Kbytes
Page   7 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 2.5V Drive Pch MOS FET

RTR025P02FRA Datasheet (PDF)

Go To PDF Page Download Datasheet
RTR025P02FRA Datasheet PDF - Rohm

Part # RTR025P02FRA
Download  RTR025P02FRA Click to download

File Size   1113.08 Kbytes
Page   7 Pages
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm
Description 2.5V Drive Pch MOS FET

RTR025P02FRA Datasheet (HTML) - Rohm




Similar Part No. - RTR025P02FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RTR025P02 ROHM-RTR025P02 Datasheet
104Kb / 5P
Switching (-20V, -2.5A)
RTR025P02 ROHM-RTR025P02 Datasheet
90Kb / 5P
2.5V Drive Pch MOS FET
RTR025P02HZG ROHM-RTR025P02HZG Datasheet
2Mb / 15P
Pch -20V -2.5A Small Signal MOSFET
RTR025P02TL ROHM-RTR025P02TL Datasheet
90Kb / 5P
2.5V Drive Pch MOS FET
logo
VBsemi Electronics Co.,...
RTR025P02TL VBSEMI-RTR025P02TL Datasheet
464Kb / 9P
P-Channel 20-V (D-S) MOSFET
More results


Similar Description - RTR025P02FRA

ManufacturerPart #DatasheetDescription
logo
Rohm
RTM002P02 ROHM-RTM002P02 Datasheet
78Kb / 3P
2.5V Drive Pch MOS FET
RTE002P02 ROHM-RTE002P02 Datasheet
65Kb / 3P
2.5V Drive Pch MOS FET
US5U29 ROHM-US5U29_1 Datasheet
83Kb / 5P
2.5V Drive PchSBD MOS FET
RTF011P02 ROHM-RTF011P02 Datasheet
65Kb / 3P
2.5V Drive Pch MOS FET
QS6U22 ROHM-QS6U22_1 Datasheet
89Kb / 5P
2.5V Drive PchSBD MOS FET
QS5U21 ROHM-QS5U21_06 Datasheet
95Kb / 5P
2.5V Drive PchSBD MOS FET
RTM002P02T2L ROHM-RTM002P02T2L Datasheet
82Kb / 3P
2.5V Drive Pch MOS FET
RTR025P02TL ROHM-RTR025P02TL Datasheet
90Kb / 5P
2.5V Drive Pch MOS FET
RTE002P02TL ROHM-RTE002P02TL Datasheet
58Kb / 4P
2.5V Drive Pch MOS FET
QS5U23TR ROHM-QS5U23TR Datasheet
80Kb / 6P
2.5V Drive Pch SBD MOS FET
More results




About Rohm


ROHM Semiconductor is a Japanese semiconductor company that was founded in 1958.

The company specializes in the design and manufacture of a wide range of products including power management, power devices, and analog and mixed-signal integrated circuits.

ROHM's products are used in various applications such as consumer electronics, automotive, industrial, and telecommunications.

The company is known for its focus on energy-saving technologies and its expertise in low-power design.

ROHM has operations in over 20 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com