Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TDA5204E1 Datasheet (PDF) - Infineon Technologies AG

TDA5204E1 Datasheet PDF - Infineon Technologies AG
Part # TDA5204E1
Download  TDA5204E1 Download
File Size   1241.26 Kbytes
Page   40 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description ASK Single Conversion Receiver 390MHz

TDA5204E1 Datasheet (PDF)

Go To PDF Page Download Datasheet
TDA5204E1 Datasheet PDF - Infineon Technologies AG

Part # TDA5204E1
Download  TDA5204E1 Click to download

File Size   1241.26 Kbytes
Page   40 Pages
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG
Description ASK Single Conversion Receiver 390MHz

TDA5204E1 Datasheet (HTML) - Infineon Technologies AG


TDA5204E1 Product details

The IC is a very low power consumption single chip ASK Superheterodyne Receiver (SHR) for the frequency band 390MHz. The SHR offers a high level of integration and needs only a few external components. The device contains a low noise amplifier (LNA), a double balanced mixer, a fully integrated VCO, a PLL synthesiser, a crystal oscillator, a limiter with RSSI generator, a data filter, a data comparator (slicer) and a peak detector. Additionally there is a power down feature to save battery life.



Features

Low supply current (Is = 4.8mA typ.)

Supply voltage range 5V ±10%

Power down mode with very low supply current (50nA typ.)

Fully integrated VCO and PLL Synthesiser

RF input sensitivity < –110dBm

frequency band 390MHz

Selectable reference frequency

Limiter with RSSI generation, operating at 10.7MHz

2nd order low pass data filter with external capacitors

Data slicer with self-adjusting threshold

Temperature range -40°C...+85°C




Similar Part No. - TDA5204E1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA5200 INFINEON-TDA5200 Datasheet
911Kb / 43P
ASK Single Conversion Receiver
Version 2.7 March 2000
TDA5200 INFINEON-TDA5200 Datasheet
1Mb / 39P
ASK Single Conversion Receiver
Revision 3.0, 2010-12-28
TDA5200 INFINEON-TDA5200 Datasheet
32Kb / 1P
Material Content Data Sheet
7. September 2015
TDA5200 INFINEON-TDA5200_10 Datasheet
1Mb / 39P
ASK Single Conversion Receiver
Revision 3.0, 2010-12-28
TDA5200 INFINEON-TDA5200_15 Datasheet
32Kb / 1P
Material Content Data Sheet
7. September 2015
More results


Similar Description - TDA5204E1

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA5200 INFINEON-TDA5200 Datasheet
911Kb / 43P
ASK Single Conversion Receiver
Version 2.7 March 2000
TDA5201 INFINEON-TDA5201 Datasheet
689Kb / 43P
ASK Single Conversion Receiver
Version 1.5 July 2004
TDA5210 INFINEON-TDA5210 Datasheet
1Mb / 53P
ASK/FSK Single Conversion Receiver
Version 3.0 May 2001
TDA5211 INFINEON-TDA5211 Datasheet
1Mb / 52P
ASK/FSK Single Conversion Receiver
Version 2.0 May 2001
TDA5220 INFINEON-TDA5220 Datasheet
719Kb / 44P
ASK/FSK Single Conversion Receiver
Version 0.1 October 2001
TDA5221 INFINEON-TDA5221 Datasheet
705Kb / 44P
ASK/FSK Single Conversion Receiver
Version 0.1 October 2001
TDA5200 INFINEON-TDA5200_10 Datasheet
1Mb / 39P
ASK Single Conversion Receiver
Revision 3.0, 2010-12-28
TDA5201 INFINEON-TDA5201_10 Datasheet
1Mb / 38P
ASK Single Conversion Receiver
Revision 1.6, 2010-12-21
TDA7200 INFINEON-TDA7200 Datasheet
1Mb / 49P
ASK/FSK Single Conversion Receiver
V 1.0, May 2007
TDA7210V INFINEON-TDA7210V_10 Datasheet
1Mb / 44P
ASK/FSK Single Conversion Receiver
Revision 1.1, 2010-06-18
More results




About Infineon Technologies AG


Infineon Technologies is a leading global semiconductor manufacturer that specializes in providing power management, security, and control solutions for a variety of industries such as automotive, industrial, and communication systems.
The company was founded in 1999 and is headquartered in Neubiberg, Germany.
Infineon offers a wide range of products including microcontrollers, power semiconductors, sensors, and other integrated circuits.
The company has a strong presence in the global market, with operations and facilities in various countries across the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link to Datasheet   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com