Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

C2220C274KBRACTU Datasheet (PDF) - Kemet Corporation

C2220C274KBRACTU Datasheet PDF - Kemet Corporation
Part # C2220C274KBRACTU
Download  C2220C274KBRACTU Download

File Size   72.44 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 0.27 uF, /-10% Tol, 630 V, X7R, 2220 (5750 metric)

C2220C274KBRACTU Datasheet (PDF)

Go To PDF Page Download Datasheet
C2220C274KBRACTU Datasheet PDF - Kemet Corporation

Part # C2220C274KBRACTU
Download  C2220C274KBRACTU Click to download

File Size   72.44 Kbytes
Page   1 Pages
Manufacturer  KEMET [Kemet Corporation]
Direct Link  http://www.kemet.com
Logo KEMET - Kemet Corporation
Description Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 0.27 uF, /-10% Tol, 630 V, X7R, 2220 (5750 metric)

C2220C274KBRACTU Datasheet (HTML) - Kemet Corporation

C2220C274KBRACTU Datasheet HTML 1Page - Kemet Corporation



Similar Part No. - C2220C274KBRACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C2220C202KHGLCAUTO KEMET-C2220C202KHGLCAUTO Datasheet
60Kb / 1P
   KONNEKT Auto C0G, Ceramic, 2000 pF, 10%, 3000 VDC, C0G
C2220C204KBGLCAUTO KEMET-C2220C204KBGLCAUTO Datasheet
60Kb / 1P
   KONNEKT Auto C0G, Ceramic, 0.2 uF, 10%, 630 VDC, C0G
C2220C204KCGLCAUTO KEMET-C2220C204KCGLCAUTO Datasheet
60Kb / 1P
   KONNEKT Auto C0G, Ceramic, 0.2 uF, 10%, 500 VDC, C0G
C2220C205K1RLCAUTO KEMET-C2220C205K1RLCAUTO Datasheet
60Kb / 1P
   KONNEKT Auto X7R, Ceramic, 2 uF, 10%, 100 VDC, X7R
C2220C205K2RLCAUTO KEMET-C2220C205K2RLCAUTO Datasheet
60Kb / 1P
   KONNEKT Auto X7R, Ceramic, 2 uF, 10%, 200 VDC, X7R
More results


Similar Description - C2220C274KBRACTU

ManufacturerPart #DatasheetDescription
logo
Kemet Corporation
C2220C103KHRACTU KEMET-C2220C103KHRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 0.01 uF, /-10% Tol, 3000 V, X7R, 2220 (5750 metric)
C2220C104KDRACTU KEMET-C2220C104KDRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 0.1 uF, /-10% Tol, 1000 V, X7R, 2220 (5750 metric)
C1825C274KBRACTU KEMET-C1825C274KBRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 0.27 uF, /-10% Tol, 630 V, X7R, 1825
C2220C105KARACTU KEMET-C2220C105KARACTU Datasheet
71Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, Tip & Ring, Temperature Stable, 1 uF, /-10% Tol, 250 V, X7R, 2220 (5750 metric)
C2220X156K5RACTU KEMET-C2220X156K5RACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, FT-CAP, Temp Stable, 15 uF, /-10% Tol, 50 V, X7R, 2220 (5750 metric)
C1808C473KBRACTU KEMET-C1808C473KBRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 0.047 uF, /-10% Tol, 630 V, X7R, 1808 (4520 metric)
C1206C153KBRACTU KEMET-C1206C153KBRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 0.015 uF, /-10% Tol, 630 V, X7R, 1206 (3216 metric)
C1206C333KBRACTU KEMET-C1206C333KBRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 0.033 uF, /-10% Tol, 630 V, X7R, 1206 (3216 metric)
C1210C104KBRACTU KEMET-C1210C104KBRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 0.1 uF, /-10% Tol, 630 V, X7R, 1210 (3225 metric)
C1206C103KBRACTU KEMET-C1206C103KBRACTU Datasheet
72Kb / 1P
   Capacitor, Ceramic, SMD, MLCC, High Voltage, Temperature Stable, 0.01 uF, /-10% Tol, 630 V, X7R, 1206 (3216 metric)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com