Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DF005S Datasheet (PDF) - Shunye Enterprise

DF005S Datasheet PDF - Shunye Enterprise
Part # DF005S
Download  DF005S Download

File Size   100.02 Kbytes
Page   2 Pages
Manufacturer  SHUNYE [Shunye Enterprise]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shunye Enterprise
Description 1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER

DF005S Datasheet (PDF)

Go To PDF Page Download Datasheet
DF005S Datasheet PDF - Shunye Enterprise

Part # DF005S
Download  DF005S Click to download

File Size   100.02 Kbytes
Page   2 Pages
Manufacturer  SHUNYE [Shunye Enterprise]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shunye Enterprise
Description 1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER

DF005S Datasheet (HTML) - Shunye Enterprise

DF005S Datasheet HTML 1Page - Shunye Enterprise DF005S Datasheet HTML 2Page - Shunye Enterprise

DF005S Product details

Features
• Glass Passivated Die Construction
• Diffused Junction
• Low Forward Voltage Drop, High Current Capability
• Surge Overload Rating to 50A Peak
• Designed for Surface Mount Application
• Plastic Material - UL Flammability Classification 94V-0
• UL Listed Under Recognized Component Index, File Number E94661




Similar Part No. - DF005S

ManufacturerPart #DatasheetDescription
logo
Thinki Semiconductor Co...
DF005S THINKISEMI-DF005S Datasheet
660Kb / 2P
   1.0 Ampere Surface Mount Glass Passivated Bridge Rectifier
logo
Won-Top Electronics
DF005S WTE-DF005S Datasheet
57Kb / 3P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
International Rectifier
DF005S IRF-DF005S Datasheet
67Kb / 4P
   1A Single Phase D.I.L. Rectifier Bridge (1.0A, from 50 to 1000V)
logo
Diode Semiconductor Kor...
DF005S DSK-DF005S Datasheet
132Kb / 2P
   SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS
logo
PACELEADER INDUSTRIAL
DF005S PACELEADER-DF005S Datasheet
141Kb / 2P
   SINGLE-PHASE GLASS PASSIVATED SMD BRIDGE RECTIFIERS
More results


Similar Description - DF005S

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DF01S-TF DIODES-DF01S-TF Datasheet
84Kb / 3P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
ABS05-1A ZSELEC-ABS05-1A Datasheet
91Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Won-Top Electronics
DF005S WTE-DF005S Datasheet
57Kb / 3P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
S1WB05 ZSELEC-S1WB05 Datasheet
102Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
DF005S DIODES-DF005S_1 Datasheet
88Kb / 3P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
DS17001 Rev. 13 - 2
logo
Zibo Seno Electronic En...
B40C800DM ZSELEC-B40C800DM Datasheet
77Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Diodes Incorporated
DF005S DIODES-DF005S_15 Datasheet
142Kb / 5P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Won-Top Electronics
DF005S WTE-DF005S_06 Datasheet
78Kb / 4P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
FTB1F-ABF YFWDIODE-FTB1F-ABF Datasheet
482Kb / 3P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Zibo Seno Electronic En...
DB101S ZSELEC-DB101S Datasheet
73Kb / 2P
   1.0A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com