Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BTS4141D Datasheet (PDF) - Infineon Technologies AG

Part No. BTS4141D
Download   BTS4141D Click to view
File Size   461.98 Kbytes
Page   19 Pages
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 
Description Smart High-Side Power Switch 1 Channel: 1 x 200mΩ

BTS4141D Datasheet (HTML) - Infineon Technologies AG

 

BTS4141D Datasheet (PDF)

Download Datasheet

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
BTS4141N
Smart High-Side Power Switch 1 Channel: 1 x 200mΩ 1 2 3 4 5 MoreInfineon Technologies AG
BTS4142N
Smart High-Side Power Switch 1 Channel: 1 x 200mΩ 1 2 3 4 5 MoreInfineon Technologies AG
BTS428L2
Smart High-Side Power Switch One Channel: 60mΩ Status Feedback 1 2 3 4 5 MoreInfineon Technologies AG
BTS436L2
Smart High-Side Power Switch One Channel: 38mΩ Status Feedback 1 2 3 4 5 MoreInfineon Technologies AG
BTS4140N
Smart High-Side Power Switch One Channel: 1 x 1Ω 1 2 3 4 5 MoreInfineon Technologies AG
ITS4140N
Smart High-Side Power Switch for Industrial Applications One channel: 1 x 1 1 2 3 4 5 MoreInfineon Technologies AG
BTS724G
Smart High-Side Power Switch Four Channels: 4 x 90mΩ Status Feedback 1 2 3 4 5 MoreInfineon Technologies AG
BTS5235L
Smart High-Side Power Switch PROFET Two Channels 60 mΩ 1 2 3 4 5 MoreInfineon Technologies AG
BTS728L2
Smart High-Side Power Switch Two Channels: 2 x 60mΩ Status Feedback 1 2 3 4 5 MoreInfineon Technologies AG
BTS6123B
Smart High-Side Power Switch PROFET One Channel 10 mΩ 1 2 3 4 5 MoreInfineon Technologies AG

Datasheet Page

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19 


Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |   Datasheet Upload   |  Contact us   |   Privacy Policy   |   Alldatasheet API   |  Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn