Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

D24V0L1B2LPS Datasheet (PDF) - Diodes Incorporated

D24V0L1B2LPS Datasheet PDF - Diodes Incorporated
Part # D24V0L1B2LPS
Download  D24V0L1B2LPS Download

File Size   267.63 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 24V BIDIRECTIONAL TVS DIODE

D24V0L1B2LPS Datasheet (PDF)

Go To PDF Page Download Datasheet
D24V0L1B2LPS Datasheet PDF - Diodes Incorporated

Part # D24V0L1B2LPS
Download  D24V0L1B2LPS Click to download

File Size   267.63 Kbytes
Page   4 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 24V BIDIRECTIONAL TVS DIODE

D24V0L1B2LPS Datasheet (HTML) - Diodes Incorporated

D24V0L1B2LPS Datasheet HTML 1Page - Diodes Incorporated D24V0L1B2LPS Datasheet HTML 2Page - Diodes Incorporated D24V0L1B2LPS Datasheet HTML 3Page - Diodes Incorporated D24V0L1B2LPS Datasheet HTML 4Page - Diodes Incorporated

D24V0L1B2LPS Product details

Description
This new generation TVS is designed to protect sensitive electronics from the damage due to ESD. The combination of small size and high ESD surge capability makes it ideal for use in portable applications such as cellular phones, digital cameras, and MP3 players. The sidewall plating option of this package allows optical inspection after soldering reflow for easy and reliable quality control.

Features
• Low Profile Package (0.53mm max) and Ultra-small PCB Footprint
   Area (1.08 * 0.68mm max) Suitable for Compact Portable
   Electronics
• Provides ESD Protection per IEC 61000-4-2 Standard:
   Air ±20kV, Contact ±20kV
• 1 Channel of ESD Protection
• Low Channel Input Capacitance
• Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
• Halogen and Antimony Free. “Green” Device (Note 3)
• PPAP Capable

Applications
• Cellular Handsets
• Portable Electronics
• Computers and Peripheral



Similar Part No. - D24V0L1B2LPS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D24V0L1B2LPSQ DIODES-D24V0L1B2LPSQ Datasheet
213Kb / 4P
   24V BIDIRECTIONAL TVS DIODE
D24V0L1B2LPSQ-7B DIODES-D24V0L1B2LPSQ-7B Datasheet
213Kb / 4P
   24V BIDIRECTIONAL TVS DIODE
More results


Similar Description - D24V0L1B2LPS

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
D24V0LA1B2LPQ DIODES-D24V0LA1B2LPQ Datasheet
443Kb / 5P
   24V BIDIRECTIONAL TVS DIODE
December 2021 Rev. 1 - 2
D24V0L1B2LP DIODES-D24V0L1B2LP Datasheet
322Kb / 4P
   24V BIDIRECTIONAL TVS DIODE
D24V0L1B2LPSQ DIODES-D24V0L1B2LPSQ Datasheet
213Kb / 4P
   24V BIDIRECTIONAL TVS DIODE
DESD24VF1BLP3 DIODES-DESD24VF1BLP3 Datasheet
415Kb / 5P
   24V ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
November 2022 Rev. 3 - 2
DESD24VF1BLQ DIODES-DESD24VF1BLQ Datasheet
344Kb / 5P
   24V ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
July 2020 Rev. 2 - 2
DESD24VF1BL DIODES-DESD24VF1BL Datasheet
430Kb / 5P
   24V ULTRA LOW CAPACITANCE BIDIRECTIONAL TVS DIODE
November 2022 Rev. 2 - 2
logo
Yea Shin Technology Co....
YSDAXX11CDN YEASHIN-YSDAXX11CDN Datasheet
795Kb / 3P
   BIDIRECTIONAL TVS DIODE
logo
Shanghai Leiditech Elec...
SDA3611CDN LEIDITECH-SDA3611CDN Datasheet
154Kb / 3P
   BIDIRECTIONAL TVS DIODE
ESDA05CW LEIDITECH-ESDA05CW Datasheet
490Kb / 3P
   BIDIRECTIONAL TVS DIODE
ESD5Z5C LEIDITECH-ESD5Z5C Datasheet
198Kb / 3P
   Bidirectional TVS Diode
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com