Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

KOP-1001A Datasheet (PDF) - KODENSHI_AUK CORP.

KOP-1001A Datasheet PDF - KODENSHI_AUK CORP.
Part # KOP-1001A
Download  KOP-1001A Download

File Size   174.32 Kbytes
Page   1 Pages
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.
Description Fiber Optic Transmitter

KOP-1001A Datasheet (PDF)

Go To PDF Page Download Datasheet
KOP-1001A Datasheet PDF - KODENSHI_AUK CORP.

Part # KOP-1001A
Download  KOP-1001A Click to download

File Size   174.32 Kbytes
Page   1 Pages
Manufacturer  KODENSHI [KODENSHI_AUK CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI_AUK CORP.
Description Fiber Optic Transmitter

KOP-1001A Datasheet (HTML) - KODENSHI_AUK CORP.

KOP-1001A Datasheet HTML 1Page - KODENSHI_AUK CORP.

KOP-1001A Product details

Features
• Low Jitter Output
• Operating Voltage : 4.75V ~ 5.25V
• Signal Transmission Speed(8Mbps)
• TTL Compatible Interface

Applications
• Digital Audio Equipment(CD,MD), STB, DVDP, etc




Similar Part No. - KOP-1001A

ManufacturerPart #DatasheetDescription
logo
KODENSHI_AUK CORP.
KOP-1003A KODENSHI-KOP-1003A Datasheet
179Kb / 1P
   Fiber Optic Transmitter
More results


Similar Description - KOP-1001A

ManufacturerPart #DatasheetDescription
logo
Unity Opto Technology
MOF-T3C2 UOT-MOF-T3C2 Datasheet
335Kb / 4P
   Fiber Optic Transmitter
MOF-T3C5 UOT-MOF-T3C5 Datasheet
42Kb / 4P
   Fiber Optic Transmitter
MOF-T3C6 UOT-MOF-T3C6 Datasheet
383Kb / 4P
   Fiber Optic Transmitter
logo
TT Electronics.
OPF320 TTELEC-OPF320 Datasheet
770Kb / 4P
   Fiber Optic Transmitter
OPF372 TTELEC-OPF372 Datasheet
756Kb / 4P
   Fiber Optic Transmitter
OPF342A TTELEC-OPF342A Datasheet
752Kb / 4P
   Fiber Optic Transmitter
logo
OPTEK Technologies
OPF390A OPTEK-OPF390A_14 Datasheet
247Kb / 3P
   Fiber Optic Transmitter
OPF395A OPTEK-OPF395A_14 Datasheet
247Kb / 3P
   Fiber Optic Transmitter
logo
Unity Opto Technology
MOF-T4K2 UOT-MOF-T4K2 Datasheet
46Kb / 4P
   Fiber Optic Transmitter
MOF-T2C4 UOT-MOF-T2C4 Datasheet
44Kb / 4P
   Fiber Optic Transmitter
logo
TT Electronics.
OPF370A TTELEC-OPF370A Datasheet
1,012Kb / 5P
   Fiber Optic Transmitter
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com