Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SDM1U20CSP Datasheet (PDF) - Diodes Incorporated

SDM1U20CSP Datasheet PDF - Diodes Incorporated
Part # SDM1U20CSP
Download  SDM1U20CSP Download

File Size   379.52 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.0A SCHOTTKY BARRIER RECTIFER CHIP SCALE PACKAGE

SDM1U20CSP Datasheet (PDF)

Go To PDF Page Download Datasheet
SDM1U20CSP Datasheet PDF - Diodes Incorporated

Part # SDM1U20CSP
Download  SDM1U20CSP Click to download

File Size   379.52 Kbytes
Page   5 Pages
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated
Description 1.0A SCHOTTKY BARRIER RECTIFER CHIP SCALE PACKAGE

SDM1U20CSP Datasheet (HTML) - Diodes Incorporated

SDM1U20CSP Datasheet HTML 1Page - Diodes Incorporated SDM1U20CSP Datasheet HTML 2Page - Diodes Incorporated SDM1U20CSP Datasheet HTML 3Page - Diodes Incorporated SDM1U20CSP Datasheet HTML 4Page - Diodes Incorporated SDM1U20CSP Datasheet HTML 5Page - Diodes Incorporated



Similar Part No. - SDM1U20CSP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SDM1U20CSP DIODES-SDM1U20CSP Datasheet
653Kb / 2P
   Industry’s Smallest 4A and 5A Schottky Rectifiers Set New Benchmarks in Current Density
More results


Similar Description - SDM1U20CSP

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
SDM1U40CSP DIODES-SDM1U40CSP Datasheet
883Kb / 5P
   1.0A SCHOTTKY BARRIER RECTIFER CHIP SCALE PACKAGE
March 2022
SDM05U20CSP DIODES-SDM05U20CSP Datasheet
514Kb / 5P
   0.5A SCHOTTKY BARRIER RECTIFER CHIP SCALE PACKAGE
SDM1A40CSP DIODES-SDM1A40CSP Datasheet
303Kb / 5P
   1A SCHOTTKY BARRIER RECTIFER CHIP SCALE PACKAGE
SDM2U20CSP DIODES-SDM2U20CSP Datasheet
418Kb / 6P
   2.0A SCHOTTKY BARRIER RECTIFER CHIP SCALE PACKAGE
December 2015
SDM2U20CSP DIODES-SDM2U20CSP_15 Datasheet
313Kb / 5P
   2.0 A SCHOTTKY BARRIER RECTIFER CHIP SCALE PACKAGE
SDM1U40CSP DIODES-SDM1U40CSP_15 Datasheet
402Kb / 4P
   1.0A SCHOTTKY BARRIER RECTIFIER CHIP SCALE PACKAGE
logo
Vishay Siliconix
FCSP1H40LTR VISHAY-FCSP1H40LTR Datasheet
123Kb / 5P
   Chip Scale Package Schottky Barrier Rectifier
Revision: 27-Mar-08
FCSP130LTR VISHAY-FCSP130LTR Datasheet
120Kb / 5P
   Chip Scale Package Schottky Barrier Rectifier
Revision: 02-Jul-08
FCSP240LTR VISHAY-FCSP240LTR Datasheet
126Kb / 5P
   Chip Scale Package Schottky Barrier Rectifier
Revision: 27-Mar-08
FCSP230LTR VISHAY-FCSP230LTR Datasheet
123Kb / 5P
   Chip Scale Package Schottky Barrier Rectifier
Revision: 02-Jul-08
More results




About Diodes Incorporated


Diodes Incorporated is a publicly traded company that designs, manufactures, and supplies a wide range of discrete, analog, and mixed-signal semiconductors and complete power solutions.
The company was founded in 1964 and is headquartered in Plano, Texas.
It operates globally with sales, support, and design centers in North America, Europe, and Asia.
Diodes Incorporated serves a variety of industries, including automotive, communications, computing, consumer, and industrial.
The company offers a wide range of products, including diodes, rectifiers, transistors, voltage regulators, MOSFETs, LED drivers, and protection devices, among others.
The company's mission is to provide customers with high-quality, high-reliability products and excellent customer service.
With a focus on innovation and customer satisfaction, Diodes Incorporated is committed to becoming a leading provider of power management solutions.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com