Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

KLM-064MA-16A Datasheet (PDF) - KODENSHI KOREA CORP.

KLM-064MA-16A Datasheet PDF - KODENSHI KOREA CORP.
Part No. KLM-064MA-16A
Download  KLM-064MA-16A Click to view

File Size   150.74 Kbytes
Page   2 Pages
Manufacturer  KODENSHI [KODENSHI KOREA CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI KOREA CORP.
Description LED Dot Matrix(module designed for light emitting display device)

KLM-064MA-16A Datasheet (PDF)

Go To PDF Page Download Datasheet
KLM-064MA-16A Datasheet PDF - KODENSHI KOREA CORP.

Part No. KLM-064MA-16A
Download  KLM-064MA-16A Click to view

File Size   150.74 Kbytes
Page   2 Pages
Manufacturer  KODENSHI [KODENSHI KOREA CORP.]
Direct Link  http://www.kodenshi.co.kr
Logo KODENSHI - KODENSHI KOREA CORP.
Description LED Dot Matrix(module designed for light emitting display device)

KLM-064MA-16A Datasheet (HTML) - KODENSHI KOREA CORP.

KLM-064MA-16A Datasheet HTML 1Page - KODENSHI KOREA CORP. KLM-064MA-16A Datasheet HTML 2Page - KODENSHI KOREA CORP.

KLM-064MA-16A Product details

This module designed for light emitting display device. Organize with 16×16 matrix combination with 256 of each Red, Green LED Chips, for indoor use.

FEATURES
• Active display size : 64mm×6 4 m m
• Dot size : ø3
• Dot pitch : 4mm
• Display color : RED, GREEN, AMBER(Mixed color)
• Duty rate : 1/16
• Dot matrix : 256(16×1 6 )
• Weight : 80g(Typ.)
• With a simple serial-inter face.



Similar Part No. - KLM-064MA-16A

ManufacturerPart No.DatasheetDescription
KODENSHI KOREA CORP.
KODENSHI KOREA CORP.
KLM-064MA-16B KODENSHI-KLM-064MA-16B Datasheet
151Kb / 2P
   LED Dot Matrix(module designed for light emitting display device)
More results

Similar Description - KLM-064MA-16A

ManufacturerPart No.DatasheetDescription
KODENSHI KOREA CORP.
KODENSHI KOREA CORP.
KLM-040MA-16B KODENSHI-KLM-040MA-16B Datasheet
145Kb / 2P
   LED Dot Matrix(module designed for light emitting display device)
KLM-128CA-16A KODENSHI-KLM-128CA-16A Datasheet
78Kb / 2P
   LED Dot Matrix(module designed for light emitting display device)
KLM-128MA-16A KODENSHI-KLM-128MA-16A Datasheet
152Kb / 2P
   LED Dot Matrix(module designed for light emitting display device)
KLM-096CA-16B KODENSHI-KLM-096CA-16B Datasheet
171Kb / 2P
   LED Dot Matrix(module designed for light emitting display device)
KLM-096MA-16A KODENSHI-KLM-096MA-16A Datasheet
152Kb / 2P
   LED Dot Matrix(module designed for light emitting display device)
KLM-128CA-16B KODENSHI-KLM-128CA-16B Datasheet
194Kb / 2P
   LED Dot Matrix(module designed for light emitting display device)
KLM-128LA-16A KODENSHI-KLM-128LA-16A Datasheet
157Kb / 2P
   LED Dot Matrix(module designed for light emitting display device)
KLM-064MA-16B KODENSHI-KLM-064MA-16B Datasheet
151Kb / 2P
   LED Dot Matrix(module designed for light emitting display device)
KLM-096LA-16A KODENSHI-KLM-096LA-16A Datasheet
166Kb / 2P
   LED Dot Matrix(module designed for light emitting display device)
KLM-096CA-16A KODENSHI-KLM-096CA-16A Datasheet
163Kb / 2P
   LED Dot Matrix(This module designed for light emitting display device)
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz