Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CY7C131-55NC Datasheet (PDF) - Cypress Semiconductor

CY7C131-55NC Datasheet PDF - Cypress Semiconductor
Part # CY7C131-55NC
Download  CY7C131-55NC Download

File Size   305.23 Kbytes
Page   16 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 1K x 8 Dual-Port Static Ram

CY7C131-55NC Datasheet (PDF)

Go To PDF Page Download Datasheet
CY7C131-55NC Datasheet PDF - Cypress Semiconductor

Part # CY7C131-55NC
Download  CY7C131-55NC Click to download

File Size   305.23 Kbytes
Page   16 Pages
Manufacturer  CYPRESS [Cypress Semiconductor]
Direct Link  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor
Description 1K x 8 Dual-Port Static Ram

CY7C131-55NC Datasheet (HTML) - Cypress Semiconductor

Back Button CY7C131-55NC Datasheet HTML 1Page - Cypress Semiconductor CY7C131-55NC Datasheet HTML 2Page - Cypress Semiconductor CY7C131-55NC Datasheet HTML 3Page - Cypress Semiconductor CY7C131-55NC Datasheet HTML 4Page - Cypress Semiconductor CY7C131-55NC Datasheet HTML 5Page - Cypress Semiconductor CY7C131-55NC Datasheet HTML 6Page - Cypress Semiconductor CY7C131-55NC Datasheet HTML 7Page - Cypress Semiconductor CY7C131-55NC Datasheet HTML 8Page - Cypress Semiconductor CY7C131-55NC Datasheet HTML 9Page - Cypress Semiconductor CY7C131-55NC Datasheet HTML 10Page - Cypress Semiconductor Next Button 

CY7C131-55NC Product details

Functional Description

The CY7C130/CY7C131/CY7C140 and CY7C141 are high-speed CMOS 1K by 8 dual-port static RAMs. Two ports are provided permitting independent access to any location in memory. The CY7C130/ CY7C131 can be utilized as either a standalone 8-bit dual-port static RAM or as a master dual-port RAM in conjunction with the CY7C140/CY7C141 slave dual-port device in systems requiring 16-bit or greater word widths. It is the solution to applications requiring shared or buffered data, such as cache memory for DSP, bit-slice, or multiprocessor designs.



Features

• True Dual-Ported memory cells which allow simultaneous reads of the same memory location

• 1K x 8 organization

• 0.65-micron CMOS for optimum speed/power

• High-speed access: 15 ns

• Low operating power: ICC = 110 mA (max.)

• Fully asynchronous operation

• Automatic power-down

• Master CY7C130/CY7C131 easily expands data bus width to 16 or more bits using slave CY7C140/CY7C141

• BUSY output flag on CY7C130/CY7C131; BUSY input on CY7C140/CY7C141

• INT flag for port-to-port communication

• Available in 48-pin DIP (CY7C130/140), 52-pin PLCC, 52-Pin TQFP.

• Pb-Free packages available



 




Similar Part No. - CY7C131-55NC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C131-55NC CYPRESS-CY7C131-55NC Datasheet
570Kb / 19P
   1K x 8 Dual-Port Static RAM
More results


Similar Description - CY7C131-55NC

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C130 CYPRESS-CY7C130_05 Datasheet
570Kb / 19P
   1K x 8 Dual-Port Static RAM
logo
Integrated Device Techn...
IDT7130SA IDT-IDT7130SA Datasheet
218Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
7130SA55P IDT-7130SA55P Datasheet
168Kb / 14P
   HIGH-SPEED 1K x 8 DUAL-PORT STATIC RAM
IDT71V30S IDT-IDT71V30S_17 Datasheet
125Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
IDT71V30S IDT-IDT71V30S_15 Datasheet
628Kb / 15P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
logo
Renesas Technology Corp
71V30 RENESAS-71V30 Datasheet
376Kb / 16P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
JUNE 2019
logo
Integrated Device Techn...
IDT71V30 IDT-IDT71V30 Datasheet
120Kb / 14P
   HIGH-SPEED 3.3V 1K X 8 DUAL-PORT STATIC RAM
logo
List of Unclassifed Man...
MK4801 ETC1-MK4801 Datasheet
236Kb / 5P
   1K x 8-BIT STATIC RAM
logo
TEMIC Semiconductors
M67130 TEMIC-M67130 Datasheet
783Kb / 16P
   1K X 8 CMOS DUAL PORT RAM
logo
Cypress Semiconductor
CY7C132 CYPRESS-CY7C132_05 Datasheet
562Kb / 18P
   2K x 8 Dual-Port Static RAM
More results




About Cypress Semiconductor


Cypress Semiconductor is an American company that specializes in the design and manufacture of high-performance digital and analog integrated circuits (ICs).
The company was founded in 1982 and is headquartered in San Jose, California, USA.
Cypress offers a wide range of products including microcontrollers, memory products, wireless connectivity solutions, and other digital and analog ICs.
The company's products are used in various applications such as consumer electronics, automotive systems, industrial systems, and more.
Cypress is known for its expertise in mixed-signal and programmable system-on-a-chip (PSoC) technology, high-quality products, and innovation in the field of embedded systems.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com