Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

G1033-035 Datasheet (PDF) - Emcore Corporation

G1033-035 Datasheet PDF - Emcore Corporation
Part # G1033-035
Download  G1033-035 Download

File Size   410.09 Kbytes
Page   3 Pages
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation
Description 1550 nm GPON Laser Diode Chip

G1033-035 Datasheet (PDF)

Go To PDF Page Download Datasheet
G1033-035 Datasheet PDF - Emcore Corporation

Part # G1033-035
Download  G1033-035 Click to download

File Size   410.09 Kbytes
Page   3 Pages
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation
Description 1550 nm GPON Laser Diode Chip

G1033-035 Datasheet (HTML) - Emcore Corporation

G1033-035 Datasheet HTML 1Page - Emcore Corporation G1033-035 Datasheet HTML 2Page - Emcore Corporation G1033-035 Datasheet HTML 3Page - Emcore Corporation



Similar Part No. - G1033-035

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
G1033-032 EMCORE-G1033-032 Datasheet
410Kb / 3P
   1490 nm GPON Laser Diode Chip
More results


Similar Description - G1033-035

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
G1033-032 EMCORE-G1033-032 Datasheet
410Kb / 3P
   1490 nm GPON Laser Diode Chip
G1033-020 EMCORE-G1033-020 Datasheet
485Kb / 3P
   1310 nm GPON DFB Laser Chip
G1033-024 EMCORE-G1033-024 Datasheet
485Kb / 3P
   1310 nm GPON DFB Laser Chip
logo
List of Unclassifed Man...
FL-5100S ETC1-FL-5100S Datasheet
108Kb / 2P
   1550 nm LASER DIODES
logo
NEC
NX8503BG NEC-NX8503BG Datasheet
98Kb / 5P
   NECs 1550 nm InGaAsP MQW DFB LASER DIODE
logo
Source Photonics, Inc.
C-15-DFBA-PB-SFCHI SOURCE-C-15-DFBA-PB-SFCHI Datasheet
383Kb / 3P
   Analog 1550 nm MQW-DFB Laser Diode Module
logo
List of Unclassifed Man...
DL-5100S ETC1-DL-5100S Datasheet
106Kb / 2P
   1550 nm DFB LASER DIODES
logo
California Eastern Labs
NX7527 CEL-NX7527 Datasheet
189Kb / 4P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE
logo
OKI electronic componet...
OL5300N-03 OKI-OL5300N-03 Datasheet
57Kb / 8P
   Surface Mount Laser Diode Module (1550 nm, 0.3 mW)
logo
California Eastern Labs
NX7526 CEL-NX7526 Datasheet
189Kb / 3P
   NECs 1550 nm InGaAsP MQW FP PULSED LASER DIODE
More results




About Emcore Corporation


EMCORE Corporation is a global technology company that specializes in the design and manufacture of advanced semiconductor-based products for the broadband and fiber optic markets. The company was founded in 1984 and is based in Alhambra, California, USA.

EMCORE's products are used in a wide range of applications, including telecommunications, data centers, cable television networks, and defense and aerospace systems. The company's product portfolio includes optical components, optical subsystems, and photovoltaic products.

EMCORE's optical components include lasers, receivers, transmitters, and modulators, which are used in optical communications systems to convert electrical signals into optical signals and vice versa. The company's optical subsystems are designed to provide complete optical networking solutions, including transmission systems, optical amplifiers, and multiplexers.

In addition to its fiber optic products, EMCORE also designs and manufactures photovoltaic products, including high-efficiency solar cells and concentrator photovoltaic (CPV) systems, which are used in terrestrial and space-based applications. EMCORE has a global presence and serves customers in North America, Europe, Asia, and other regions around the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com