Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

MGF0918A Datasheet (PDF) - Mitsubishi Electric Semiconductor

MGF0918A Datasheet PDF - Mitsubishi Electric Semiconductor
Part # MGF0918A
Download  MGF0918A Download

File Size   86.85 Kbytes
Page   3 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description L & S BAND GaAs FET [ SMD non - matched ]

MGF0918A Datasheet (PDF)

Go To PDF Page Download Datasheet
MGF0918A Datasheet PDF - Mitsubishi Electric Semiconductor

Part # MGF0918A
Download  MGF0918A Click to download

File Size   86.85 Kbytes
Page   3 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description L & S BAND GaAs FET [ SMD non - matched ]

MGF0918A Datasheet (HTML) - Mitsubishi Electric Semiconductor

MGF0918A Datasheet HTML 1Page - Mitsubishi Electric Semiconductor MGF0918A Datasheet HTML 2Page - Mitsubishi Electric Semiconductor MGF0918A Datasheet HTML 3Page - Mitsubishi Electric Semiconductor

MGF0918A Product details

DESCRIPTION
The MGF0918A GaAs FET with an N-channel schottky Gate, is designed for use UHF band amplifiers.

FEATURES
● High output power
   Po=27dBm(TYP.) @f=1.9GHz,Pin=8dBm
● High power gain
   Gp=20dB(TYP.) @f=1.9GHz
● High power added efficiency
   hadd=45%(TYP.) @f=1.9GHz,Pin=8dBm
● Hermetic Package

APPLICATION
● For UHF Band power amplifiers




Similar Part No. - MGF0918A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGF0918A MITSUBISHI-MGF0918A Datasheet
47Kb / 4P
   L & S BAND GaAs FET
MGF0918A MITSUBISHI-MGF0918A Datasheet
110Kb / 4P
   High-power GaAs FET (small signal gain stage)
MGF0918A MITSUBISHI-MGF0918A_04 Datasheet
47Kb / 4P
   L & S BAND GaAs FET
MGF0918A MITSUBISHI-MGF0918A_11 Datasheet
110Kb / 4P
   High-power GaAs FET (small signal gain stage)
More results


Similar Description - MGF0918A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
MGF0920A MITSUBISHI-MGF0920A Datasheet
47Kb / 4P
   L & S BAND GaAs FET [ SMD non - matched ]
MGF0913A MITSUBISHI-MGF0913A Datasheet
44Kb / 4P
   L & S BAND GaAs FET [ SMD non - matched ]
MGF0916A MITSUBISHI-MGF0916A Datasheet
47Kb / 4P
   L & S BAND GaAs FET ( SMD non - matched )
MGF0917A MITSUBISHI-MGF0917A Datasheet
43Kb / 4P
   L & S BAND GaAs FET [ SMD non - matched ]
MGF0805A MITSUBISHI-MGF0805A Datasheet
120Kb / 8P
   L & S Band GaAs FET [ SMD non-matched ]
MGF0919A MITSUBISHI-MGF0919A_05 Datasheet
297Kb / 12P
   L & S BAND GaAs FET [ SMD non - matched ]
MGF0915A MITSUBISHI-MGF0915A Datasheet
1Mb / 48P
   L & S BAND GaAs FET[ SMD non - matched ]
MGF0919A MITSUBISHI-MGF0919A Datasheet
43Kb / 4P
   L & S BAND GaAs FET [ SMD non matched ]
MGF0953P MITSUBISHI-MGF0953P Datasheet
217Kb / 4P
   L & S BAND GaAs FET
MGF0912A MITSUBISHI-MGF0912A Datasheet
28Kb / 3P
   L & S BAND GaAs FET
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com