Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

142-0711-821 Datasheet (PDF) - Integrated Device Technology

142-0711-821 Datasheet PDF - Integrated Device Technology
Part # 142-0711-821
Download  142-0711-821 Download

File Size   2916.03 Kbytes
Page   17 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 7-bit 0.25 dB Digital Step Attenuator

142-0711-821 Datasheet (PDF)

Go To PDF Page Download Datasheet
142-0711-821 Datasheet PDF - Integrated Device Technology

Part # 142-0711-821
Download  142-0711-821 Click to download

File Size   2916.03 Kbytes
Page   17 Pages
Manufacturer  IDT [Integrated Device Technology]
Direct Link  http://www.idt.com
Logo IDT - Integrated Device Technology
Description 7-bit 0.25 dB Digital Step Attenuator

142-0711-821 Datasheet (HTML) - Integrated Device Technology

Back Button 142-0711-821 Datasheet HTML 1Page - Integrated Device Technology 142-0711-821 Datasheet HTML 2Page - Integrated Device Technology 142-0711-821 Datasheet HTML 3Page - Integrated Device Technology 142-0711-821 Datasheet HTML 4Page - Integrated Device Technology 142-0711-821 Datasheet HTML 5Page - Integrated Device Technology 142-0711-821 Datasheet HTML 6Page - Integrated Device Technology 142-0711-821 Datasheet HTML 7Page - Integrated Device Technology 142-0711-821 Datasheet HTML 8Page - Integrated Device Technology 142-0711-821 Datasheet HTML 9Page - Integrated Device Technology 142-0711-821 Datasheet HTML 10Page - Integrated Device Technology Next Button 



Similar Part No. - 142-0711-821

ManufacturerPart #DatasheetDescription
logo
Micrel Semiconductor
142-0711-821 MICREL-142-0711-821 Datasheet
1Mb / 10P
   TXRX_982_R1 Evaluation Board
logo
Integrated Device Techn...
142-0711-821 IDT-142-0711-821 Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
142-0711-821 IDT-142-0711-821 Datasheet
3Mb / 43P
   Dual Path Highband RF Receiver 1400MHz to 2700MHz
142-0711-821 IDT-142-0711-821 Datasheet
4Mb / 26P
   RF to IF Dual Downconverting Mixer
142-0711-821 IDT-142-0711-821 Datasheet
1Mb / 24P
   RF to IF Single Downconverting Mixer
More results


Similar Description - 142-0711-821

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
IDTF1950 IDT-IDTF1950_17 Datasheet
1Mb / 18P
   7-bit 0.25 dB Digital Step Attenuator
F1956 IDT-F1956 Datasheet
7Mb / 23P
   7-Bit 0.25 dB Wideband Digital Step Attenuator
logo
Renesas Technology Corp
F1956 RENESAS-F1956 Datasheet
6Mb / 24P
   7-Bit 0.25 dB Wideband Digital Step Attenuator
logo
Hittite Microwave Corpo...
HMC759LP3E HITTITE-HMC759LP3E Datasheet
471Kb / 8P
   0.25 dB LSB BiCMOS MMIC 7-BIT DIGITAL ATTENUATOR, 10 - 300 MHz
HMC759LP3E HITTITE-HMC759LP3E_10 Datasheet
826Kb / 8P
   0.25 dB LSB BiCMOS MMIC 7-BIT DIGITAL ATTENUATOR, 10 - 300 MHz
logo
Peregrine Semiconductor
PE43704 PSEMI-PE43704 Datasheet
1Mb / 20P
   RF Digital Step Attenuator, 7-bit
logo
Integrated Device Techn...
IDTF1951 IDT-IDTF1951 Datasheet
2Mb / 17P
   6-bit 0.5 dB Digital Step Attenuator
F1951 IDT-F1951 Datasheet
1Mb / 20P
   6-bit 0.5 dB Digital Step Attenuator
logo
Renesas Technology Corp
F1977 RENESAS-F1977 Datasheet
10Mb / 22P
   7-Bit, 75 W, Digital Step Attenuator
logo
Peregrine Semiconductor
PE43705 PSEMI-PE43705 Datasheet
711Kb / 18P
   RF Digital Step Attenuator, 7-bit, 31.75 dB 50 MHz ??8 GHz
More results




About Integrated Device Technology


Integrated Device Technology (IDT) is an American company that specializes in the design and manufacture of mixed-signal semiconductor solutions.
The company was founded in 1980 and is headquartered in San Jose, California.
IDT provides a wide range of products including clock and timing solutions, memory interface, and digital logic products.
The company's products are used in various applications such as computing, telecommunications, and industrial automation.
IDT is known for its expertise in mixed-signal semiconductor technology and its ability to deliver high-quality and reliable products to its customers.
The company has operations and facilities in various countries across the world and works closely with its customers to provide customized semiconductor solutions that meet their specific requirements and needs.
In addition to its core business, IDT also provides solutions for the automotive, data center, and Internet of Things (IoT) markets.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com