Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TF02-3N1_-RC Datasheet (PDF) - Allied Components International

TF02-3N1_-RC Datasheet PDF - Allied Components International
Part # TF02-3N1_-RC
Download  TF02-3N1_-RC Download

File Size   430.8 Kbytes
Page   1 Pages
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International
Description Thin Film Chip Inductor

TF02-3N1_-RC Datasheet (PDF)

Go To PDF Page Download Datasheet
TF02-3N1_-RC Datasheet PDF - Allied Components International

Part # TF02-3N1_-RC
Download  TF02-3N1_-RC Click to download

File Size   430.8 Kbytes
Page   1 Pages
Manufacturer  ALLIED [Allied Components International]
Direct Link  http://www.alliedcomponents.com
Logo ALLIED - Allied Components International
Description Thin Film Chip Inductor

TF02-3N1_-RC Datasheet (HTML) - Allied Components International

TF02-3N1_-RC Datasheet HTML 1Page - Allied Components International



Similar Part No. - TF02-3N1_-RC

ManufacturerPart #DatasheetDescription
logo
SHENZHEN FUMAN ELECTRON...
TF02 FUMAN-TF02 Datasheet
433Kb / 8P
   Charger driver IC
logo
TAI-SAW TECHNOLOGY CO.,...
TF0203A TAI-SAW-TF0203A Datasheet
471Kb / 14P
   SAW Band2 DPX 1880 / 1960MHz SMD1.8X1.4 mm(BW=59.04/59.04MHz)
TF0208A TAI-SAW-TF0208A Datasheet
546Kb / 13P
   SAW DPX 897.5 / 942.5MHz 35/35MHz BW Band8 SMD1.8X1.4 mm
TF0209A TAI-SAW-TF0209A Datasheet
1Mb / 13P
   SAW DPX 897.5/942.5 MHz LTE Band 8 SMD 1.8X1.4 mm(BW=34.52MHz)
TF0209B TAI-SAW-TF0209B Datasheet
1Mb / 13P
   SAW DPX 897.5/942.5 MHz LTE Band 8 SMD 1.8X1.4 mm(BW=34.52MHz)
More results


Similar Description - TF02-3N1_-RC

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ATFC-0402 ABRACON-ATFC-0402 Datasheet
218Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
logo
Vishay Siliconix
IFCB-0603 VISHAY-IFCB-0603 Datasheet
105Kb / 2P
   Thin Film Chip Inductor
Revision: 10-Aug-06
logo
Stackpole Electronics, ...
LTF SEI-LTF Datasheet
425Kb / 6P
   Thin Film Chip Inductor
09/18/2019
logo
Vishay Siliconix
IFCB-0402 VISHAY-IFCB-0402 Datasheet
103Kb / 2P
   Thin Film Chip Inductor
Revision: 10-Aug-06
logo
ABC Taiwan Electronics ...
AL10050N2DL ABC-AL10050N2DL Datasheet
94Kb / 6P
   THIN FILM CHIP INDUCTOR
20090325-B
logo
Abracon Corporation
ATFC-0603 ABRACON-ATFC-0603 Datasheet
213Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
ATFC-0402 ABRACON-ATFC-0402_08 Datasheet
1Mb / 3P
   THIN FILM CHIP INDUCTOR
12.01.08
logo
ABC Taiwan Electronics ...
AL16081N0DL ABC-AL16081N0DL Datasheet
85Kb / 5P
   THIN FILM CHIP INDUCTOR
20080424-A
logo
Abracon Corporation
ATFC-0201 ABRACON-ATFC-0201 Datasheet
205Kb / 2P
   THIN FILM CHIP INDUCTOR
08.24.07
ATFC-0201 ABRACON-ATFC-0201_08 Datasheet
1Mb / 3P
   THIN FILM CHIP INDUCTOR
11.26.08
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com