Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

55GN01CA Datasheet (PDF) - ON Semiconductor

55GN01CA Datasheet PDF - ON Semiconductor
Part # 55GN01CA
Download  55GN01CA Download

File Size   296.39 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description RF Transistor

55GN01CA Datasheet (PDF)

Go To PDF Page Download Datasheet
55GN01CA Datasheet PDF - ON Semiconductor

Part # 55GN01CA
Download  55GN01CA Click to download

File Size   296.39 Kbytes
Page   8 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description RF Transistor

55GN01CA Datasheet (HTML) - ON Semiconductor

55GN01CA Datasheet HTML 1Page - ON Semiconductor 55GN01CA Datasheet HTML 2Page - ON Semiconductor 55GN01CA Datasheet HTML 3Page - ON Semiconductor 55GN01CA Datasheet HTML 4Page - ON Semiconductor 55GN01CA Datasheet HTML 5Page - ON Semiconductor 55GN01CA Datasheet HTML 6Page - ON Semiconductor 55GN01CA Datasheet HTML 7Page - ON Semiconductor 55GN01CA Datasheet HTML 8Page - ON Semiconductor

55GN01CA Product details

RF Transistor
10V, 70mA, fT=5.5GHz, NPN Single CP

Features
• High cutoff frequency : fT=5.5GHz typ
• High gain : ⏐S21e⏐2=9.5dB typ (f=1GHz)




Similar Part No. - 55GN01CA

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
55GN01CA SANYO-55GN01CA Datasheet
55Kb / 6P
   NPN Epitaxial Planar Silicon Transistor UHF Wide-band Low-noise Amplifier Applications
55GN01CA SANYO-55GN01CA Datasheet
404Kb / 8P
   UHF Wide-band Low-noise Amplifier Applications
55GN01CA SANYO-55GN01CA_12 Datasheet
404Kb / 8P
   UHF Wide-band Low-noise Amplifier Applications
More results


Similar Description - 55GN01CA

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
MMBTH10 UTC-MMBTH10_10 Datasheet
234Kb / 5P
   RF TRANSISTOR
logo
ON Semiconductor
CPH6020 ONSEMI-CPH6020 Datasheet
505Kb / 6P
   RF Transistor
August, 2013
MCH4016 ONSEMI-MCH4016 Datasheet
291Kb / 10P
   RF Transistor
August, 2013
MCH4017 ONSEMI-MCH4017 Datasheet
291Kb / 9P
   RF Transistor
August, 2013
NSVF3007SG3 ONSEMI-NSVF3007SG3_17 Datasheet
491Kb / 10P
   RF Transistor
May 2017 - Rev. 0
logo
Motorola, Inc
BF224 MOTOROLA-BF224 Datasheet
145Kb / 6P
   RF Transistor
logo
ON Semiconductor
CPH6003A ONSEMI-CPH6003A Datasheet
520Kb / 7P
   RF Transistor
August, 2013
logo
Motorola, Inc
BF199 MOTOROLA-BF199 Datasheet
144Kb / 6P
   RF Transistor
logo
ON Semiconductor
CPH6021 ONSEMI-CPH6021 Datasheet
560Kb / 12P
   RF Transistor
August, 2013
MCH4015 ONSEMI-MCH4015 Datasheet
295Kb / 9P
   RF Transistor
August, 2013
logo
Unisonic Technologies
MPSH10 UTC-MPSH10_15 Datasheet
193Kb / 4P
   RF TRANSISTOR
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com