Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

SAA5522PS Datasheet (PDF) - NXP Semiconductors

SAA5522PS Datasheet PDF - NXP Semiconductors
Part # SAA5522PS
Download  SAA5522PS Download

File Size   340.54 Kbytes
Page   80 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Standard TV Microcontrollers with On-Screen Display(OSD)

SAA5522PS Datasheet (PDF)

Go To PDF Page Download Datasheet
SAA5522PS Datasheet PDF - NXP Semiconductors

Part # SAA5522PS
Download  SAA5522PS Click to download

File Size   340.54 Kbytes
Page   80 Pages
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors
Description Standard TV Microcontrollers with On-Screen Display(OSD)

SAA5522PS Datasheet (HTML) - NXP Semiconductors

Back Button SAA5522PS Datasheet HTML 1Page - NXP Semiconductors SAA5522PS Datasheet HTML 2Page - NXP Semiconductors SAA5522PS Datasheet HTML 3Page - NXP Semiconductors SAA5522PS Datasheet HTML 4Page - NXP Semiconductors SAA5522PS Datasheet HTML 5Page - NXP Semiconductors SAA5522PS Datasheet HTML 6Page - NXP Semiconductors SAA5522PS Datasheet HTML 7Page - NXP Semiconductors SAA5522PS Datasheet HTML 8Page - NXP Semiconductors SAA5522PS Datasheet HTML 9Page - NXP Semiconductors SAA5522PS Datasheet HTML 10Page - NXP Semiconductors Next Button 

SAA5522PS Product details

GENERAL DESCRIPTION

The SAA55xx standard family of microcontrollers are a derivative of the Philips industry-standard 80C51 microcontroller, and are intended for use as the central control mechanism in a television receiver. They provide control functions for the television system, OSD, and some versions include an integrated data capture and display function.

The data capture hardware has the capability of decoding and displaying both 525 and 625-line World System Teletext (WST), Video Programming System (VPS) and Wide Screen Signalling (WSS) information. The same display hardware is used both for Teletext and OSD, which means that the display features available give greater flexibility to differentiate the TV set.



FEATURES

• Single-chip microcontroller with integrated On-Screen Display (OSD)

• Versions available with integrated data capture

• One Time Programmable (OTP) memory for both program Read Only Memory (ROM) and character sets

• Single power supply: 3.0 to 3.6 V

• 5 V tolerant digital inputs and I/O

• 29 I/O lines via individual addressable controls

• Programmable I/O for push-pull, open-drain and quasi-bidirectional

• Two port lines with 8 mA sink (at <0.4 V) capability, for direct drive of Light Emitting Diode (LED)

• Single crystal oscillator for microcontroller, OSD and data capture

• Power reduction modes: Idle and Power-down

• Byte level I2C-bus with dual port I/O

• Pin compatibility throughout family

• Operating temperature: −20 to +70 °C.



 




Similar Part No. - SAA5522PS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA5540PS/NNNN PHILIPS-SAA5540PS/NNNN Datasheet
348Kb / 84P
   TV microcontrollers with Closed Captioning (CC) and On-Screen Display (OSD)
2000 Feb 23
SAA5541PS/NNNN PHILIPS-SAA5541PS/NNNN Datasheet
348Kb / 84P
   TV microcontrollers with Closed Captioning (CC) and On-Screen Display (OSD)
2000 Feb 23
SAA5542PS/NNNN PHILIPS-SAA5542PS/NNNN Datasheet
348Kb / 84P
   TV microcontrollers with Closed Captioning (CC) and On-Screen Display (OSD)
2000 Feb 23
SAA5543PS/NNNN PHILIPS-SAA5543PS/NNNN Datasheet
348Kb / 84P
   TV microcontrollers with Closed Captioning (CC) and On-Screen Display (OSD)
2000 Feb 23
SAA5547PS/NNNN PHILIPS-SAA5547PS/NNNN Datasheet
348Kb / 84P
   TV microcontrollers with Closed Captioning (CC) and On-Screen Display (OSD)
2000 Feb 23
More results


Similar Description - SAA5522PS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
SAA567X PHILIPS-SAA567X Datasheet
532Kb / 116P
   Enhanced TV microcontrollers with On-Screen Display (OSD)
2002 May 06
SAA56XX PHILIPS-SAA56XX Datasheet
450Kb / 112P
   Enhanced TV microcontrollers with On-Screen Display (OSD)
2001 Dec 13
SAA55XX PHILIPS-SAA55XX Datasheet
348Kb / 84P
   TV microcontrollers with Closed Captioning (CC) and On-Screen Display (OSD)
2000 Feb 23
SAA5288 PHILIPS-SAA5288 Datasheet
508Kb / 48P
   TV microcontroller with full screen On Screen Display OSD
1997 Jun 24
logo
Texas Instruments
TLS1255 TI1-TLS1255 Datasheet
139Kb / 7P
[Old version datasheet]   VIDEO PREAMPLIFIER SYSTEM WITH ON-SCREEN DISPLAY (OSD)MIXER
logo
Sanyo Semicon Device
LA7696 SANYO-LA7696 Datasheet
146Kb / 6P
   Color TV ON-Screen Display Interface
logo
National Semiconductor ...
LM1283 NSC-LM1283 Datasheet
401Kb / 13P
   140 MHz RGB Video Amplifier System with On Screen Display (OSD)
LM1281 NSC-LM1281 Datasheet
391Kb / 14P
   85 MHz RGB Video Amplifier System with On Screen Display (OSD)
LM1282 NSC-LM1282 Datasheet
488Kb / 14P
   110 MHz RGB Video Amplifier System with On Screen Display (OSD)
logo
STMicroelectronics
ST6365 STMICROELECTRONICS-ST6365 Datasheet
861Kb / 84P
   8-BIT MCUs WITH ON-SCREEN-DISPLAY FOR TV TUNING
More results




About NXP Semiconductors


NXP Semiconductors is a publicly traded multinational company that designs, develops, and manufactures a wide range of semiconductors and integrated circuits for various applications, including automotive, industrial, communications, and consumer markets.
The company was founded in 2006 and is headquartered in Eindhoven, Netherlands.
NXP offers a broad portfolio of products, including microcontrollers, microprocessors, secure authentication ICs, power management ICs, RF and microwave components, and sensor solutions, among others.
The company's products are designed to be energy efficient, secure, and reliable, and are used in a variety of applications, including automotive systems, industrial automation and control, smart homes and buildings, and connected devices.
NXP is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com