Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

HM5117805J-5 Datasheet (PDF) - Elpida Memory

HM5117805J-5 Datasheet PDF - Elpida Memory
Part # HM5117805J-5
Download  HM5117805J-5 Download

File Size   549.18 Kbytes
Page   32 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 16 M EDO DRAM (2-Mword X 8-bit) 2 k Refresh

HM5117805J-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
HM5117805J-5 Datasheet PDF - Elpida Memory

Part # HM5117805J-5
Download  HM5117805J-5 Click to download

File Size   549.18 Kbytes
Page   32 Pages
Manufacturer  ELPIDA [Elpida Memory]
Direct Link  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory
Description 16 M EDO DRAM (2-Mword X 8-bit) 2 k Refresh

HM5117805J-5 Datasheet (HTML) - Elpida Memory

Back Button HM5117805J-5 Datasheet HTML 1Page - Elpida Memory HM5117805J-5 Datasheet HTML 2Page - Elpida Memory HM5117805J-5 Datasheet HTML 3Page - Elpida Memory HM5117805J-5 Datasheet HTML 4Page - Elpida Memory HM5117805J-5 Datasheet HTML 5Page - Elpida Memory HM5117805J-5 Datasheet HTML 6Page - Elpida Memory HM5117805J-5 Datasheet HTML 7Page - Elpida Memory HM5117805J-5 Datasheet HTML 8Page - Elpida Memory HM5117805J-5 Datasheet HTML 9Page - Elpida Memory HM5117805J-5 Datasheet HTML 10Page - Elpida Memory Next Button 

HM5117805J-5 Product details

Description

The HM5117805is a CMOS dynamic RAM organized 2,097,152-word ×8-bit. It employs the most

advanced CMOS technology for high performance and low power. The HM5117805 offers Extended Data Out(EDO) Page Mode as a high speed access mode. Multiplexed address input permits the HM5117805 to be packaged in standard 28-pin plastic SOJ and 28-pin TSOP.



Features

•  Single 5 V (±10%)

•  Access time: 50 ns/60 ns/70 ns (max)

•  Power dissipation

    Active mode:  605 mW/550 mW/495 mW (max)

    Standby mode : 11 mW (max)

                        : 0.83 mW (max) (L-version)

•  EDO page mode capability

•  Long refresh period

    2048 refresh cycles : 32 ms

                              : 128 ms (L-version)

•  4 variations of refresh

 RAS-only refresh

 CAS-before-RAS refresh

 Hidden refresh

 Self refresh (L-version)

•  Battery backup operation (L-version)




Similar Part No. - HM5117805J-5

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
HM5117400AS7GS ETC1-HM5117400AS7GS Datasheet
34Kb / 2P
   CMOS 4194304 WORD 8-BIT DYNAMIC RAM
logo
Hitachi Semiconductor
HM5117400B HITACHI-HM5117400B Datasheet
259Kb / 25P
   4194304-WORD X 4-BIT DYNAMIC RANDOM ACCESS MEMORY
HM5117400BLS-6 HITACHI-HM5117400BLS-6 Datasheet
259Kb / 25P
   4194304-WORD X 4-BIT DYNAMIC RANDOM ACCESS MEMORY
HM5117400BLS-7 HITACHI-HM5117400BLS-7 Datasheet
259Kb / 25P
   4194304-WORD X 4-BIT DYNAMIC RANDOM ACCESS MEMORY
HM5117400BLS-8 HITACHI-HM5117400BLS-8 Datasheet
259Kb / 25P
   4194304-WORD X 4-BIT DYNAMIC RANDOM ACCESS MEMORY
More results


Similar Description - HM5117805J-5

ManufacturerPart #DatasheetDescription
logo
Elpida Memory
HM51W17805 ELPIDA-HM51W17805 Datasheet
560Kb / 32P
   16 M EDO DRAM (2-Mword x 8-bit) 2 k Refresh
HM51W16405 ELPIDA-HM51W16405 Datasheet
625Kb / 35P
   16 M EDO DRAM (4-Mword 쨈 4-bit) 4 k Refresh/2 k Refresh
HM5116405 ELPIDA-HM5116405 Datasheet
580Kb / 34P
   16 M EDO DRAM (4-Mword 쨈 4-bit) 4 k Refresh/2 k Refresh
HM51W16165 ELPIDA-HM51W16165 Datasheet
618Kb / 35P
   16 M EDO DRAM (1-Mword x 16-bit) 4 k Refresh/1 k Refresh
HM5118165 ELPIDA-HM5118165 Datasheet
597Kb / 32P
   16 M EDO DRAM (1-Mword x 16-bit) 1 k Refresh
logo
Hitachi Semiconductor
HM51W16165 HITACHI-HM51W16165 Datasheet
461Kb / 36P
   16 M EDO DRAM (1-Mword 16-bit) 4 k Refresh/1 k Refresh
logo
Elpida Memory
HM5164405F ELPIDA-HM5164405F Datasheet
230Kb / 34P
   64 M EDO DRAM (16-Mword 횞 4-bit) 8 k Refresh/4 k Refresh
logo
Hitachi Semiconductor
HM5118165 HITACHI-HM5118165 Datasheet
336Kb / 33P
   16M EDO DRAM (1-Mword x 16-bit) 1 k Refresh
logo
Elpida Memory
HM5164805F ELPIDA-HM5164805F Datasheet
230Kb / 34P
   64 M EDO DRAM (8-Mword 횞 8-bit) 8 k Refresh/4 k Refresh
logo
Hitachi Semiconductor
HM5112805F-6 HITACHI-HM5112805F-6 Datasheet
480Kb / 34P
   128M EDO DRAM (16-Mword x 8-bit) 8k refresh/4k refresh
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com