Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LV5682P Datasheet (PDF) - ON Semiconductor

LV5682P Datasheet PDF - ON Semiconductor
Part # LV5682P
Download  LV5682P Download

File Size   203.88 Kbytes
Page   15 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Multi-Power Supply System IC

LV5682P Datasheet (PDF)

Go To PDF Page Download Datasheet
LV5682P Datasheet PDF - ON Semiconductor

Part # LV5682P
Download  LV5682P Click to download

File Size   203.88 Kbytes
Page   15 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description Multi-Power Supply System IC

LV5682P Datasheet (HTML) - ON Semiconductor


LV5682P Product details

Overview
The LV5682P is a multi-power supply system IC that provides four regulator outputs and two high side switches as well as a number of protection functions including overcurrent protection and overheat protection. It is an optimal power supply IC for car audio and car entertainment systems and similar products. It is possible to use it like the bus track etc. in the vehicle whose voltage of the battery is 24V because there is a range of the power-supply voltage up to 32V.

Features
• Four regulator output systems
    For microcontroller: 5.0V output voltage, 200mA maximum output current
    For CD drive: 8.0V output voltage, 1300mA maximum output current
    For illumination: 8 to 12V output voltage (output can be set with external resistors), 300mA maximum output current
    For audio systems: 8 to 9V output voltage (output voltage can be set with external resistors), 300mA maximum output current
• Two VCC-linked high side switch systems
    EXT: 350mA maximum output current, 0.5V voltage difference between input and output.
    ANT: 300mA maximum output current, 0.5V voltage difference between input and output.
• Two VDD 5V-linked high side switch systems
    SW5V: 200mA maximum output current, 0.2V voltage difference between input and output.
    ACC (accessory voltage detection output): 100mA maximum output current, 0.2V voltage difference between input and output.
• Overcurrent protection function
• Overheat protection function, typ 175ºC
• On-chip accessory voltage detection circuit
• P-channel LDMOS used for power output block




Similar Part No. - LV5682P

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
LV5682P SANYO-LV5682P Datasheet
264Kb / 15P
For Car Audio Systems Multi-Power Supply System IC
LV5682P SANYO-LV5682P Datasheet
265Kb / 15P
For Car Audio Systems Multi-Power Supply System IC
LV5682P SANYO-LV5682P_12 Datasheet
265Kb / 15P
For Car Audio Systems Multi-Power Supply System IC
More results


Similar Description - LV5682P

ManufacturerPart #DatasheetDescription
logo
Rohm
BM81028AMWV ROHM-BM81028AMWV Datasheet
1Mb / 48P
Multi-Channel System Power Supply IC
BD8162AEKV ROHM-BD8162AEKV Datasheet
2Mb / 30P
Multi-channel System Power Supply IC Gamma Buffer
BD8153EFV ROHM-BD8153EFV Datasheet
445Kb / 18P
5V Input Multi-channel System Power Supply IC
BD8160AEFV ROHM-BD8160AEFV Datasheet
422Kb / 19P
12V Input Multi-channel System Power Supply IC
BD8179MUV ROHM-BD8179MUV Datasheet
409Kb / 13P
5V Input Multi-channel System Power Supply IC
BD8166EFV ROHM-BD8166EFV Datasheet
447Kb / 18P
12V Input Multi-channel System Power Supply IC
BD9862MUV ROHM-BD9862MUV Datasheet
542Kb / 17P
5V Input Multi-channel System Power Supply IC
BD8160AEFV ROHM-BD8160AEFV_15 Datasheet
966Kb / 21P
12V Input Multi-channel System Power Supply IC
BM81110MUW ROHM-BM81110MUW Datasheet
3Mb / 50P
12V Input Multi-Channel System Power Supply IC
logo
Sanyo Semicon Device
LV56801P SANYO-LV56801P Datasheet
238Kb / 14P
For Car Audio Systems Multi-Power Supply System IC
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com