Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

2SK4125 Datasheet (PDF) - ON Semiconductor

2SK4125 Datasheet PDF - ON Semiconductor
Part # 2SK4125
Download  2SK4125 Download

File Size   288.88 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description null8-bit Withstand Voltage Microcontroller

2SK4125 Datasheet (PDF)

Go To PDF Page Download Datasheet
2SK4125 Datasheet PDF - ON Semiconductor

Part # 2SK4125
Download  2SK4125 Click to download

File Size   288.88 Kbytes
Page   7 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description null8-bit Withstand Voltage Microcontroller

2SK4125 Datasheet (HTML) - ON Semiconductor

2SK4125 Datasheet HTML 1Page - ON Semiconductor 2SK4125 Datasheet HTML 2Page - ON Semiconductor 2SK4125 Datasheet HTML 3Page - ON Semiconductor 2SK4125 Datasheet HTML 4Page - ON Semiconductor 2SK4125 Datasheet HTML 5Page - ON Semiconductor 2SK4125 Datasheet HTML 6Page - ON Semiconductor 2SK4125 Datasheet HTML 7Page - ON Semiconductor

2SK4125 Product details

Features
• ON-resistance RDS(on)=0.47Ω (typ.)
• Input capacitance Ciss=1200pF (typ.)
• 10V drive




Similar Part No. - 2SK4125

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
2SK4125 SANYO-2SK4125 Datasheet
55Kb / 5P
   N-Channel Silicon MOSFET General-Purpose Switching Device
2SK4125 SANYO-2SK4125 Datasheet
72Kb / 5P
   General-Purpose Switching Device Applications
2SK4125 SANYO-2SK4125 Datasheet
396Kb / 7P
   General-Purpose Switching Device Applications
logo
Inchange Semiconductor ...
2SK4125 ISC-2SK4125 Datasheet
316Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Sanyo Semicon Device
2SK4125_0712 SANYO-2SK4125_0712 Datasheet
72Kb / 5P
   General-Purpose Switching Device Applications
More results


Similar Description - 2SK4125

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
ENA1035 ONSEMI-ENA1035 Datasheet
178Kb / 25P
   CMOS IC FROM 66K byte, RAM 2048 byte on-chip 8-bit 1-chip Microcontroller
May, 2013 Ver.1.00
ESD7102 ONSEMI-ESD7102 Datasheet
437Kb / 6P
   ESD Protection Diodes
March, 2015 - Rev. P0
ENA0145 ONSEMI-ENA0145 Datasheet
408Kb / 34P
   CMOS LSI 8-bit Withstand Voltage Microcontroller 128K-byte Flash ROM / 4096-byte RAM / 100pin
April, 2014 Ver. 1.70a
2SK4124 ONSEMI-2SK4124 Datasheet
281Kb / 7P
   null8-bit Withstand Voltage Microcontroller
July, 2013
LA72912V ONSEMI-LA72912V Datasheet
192Kb / 8P
   8-bit Withstand Voltage Microcontroller
July, 2013
WPB4002 ONSEMI-WPB4002 Datasheet
257Kb / 5P
   8-bit Withstand Voltage Microcontroller
LA4282 ONSEMI-LA4282 Datasheet
167Kb / 7P
   8-bit Withstand Voltage Microcontroller
July 2015- Rev. 0
CPH3145 ONSEMI-CPH3145 Datasheet
534Kb / 5P
   8-bit Withstand Voltage Microcontroller
June 2015 - Rev. 2
2SK3816 ONSEMI-2SK3816 Datasheet
290Kb / 7P
   8-bit Withstand Voltage Microcontroller
logo
Microchip Technology
PIC16C6X MICROCHIP-PIC16C6X_13 Datasheet
6Mb / 334P
   null8-Bit CMOS Microcontrollers
1997-2013 11/29/12
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com