Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LC709006A Datasheet (PDF) - ON Semiconductor

LC709006A Datasheet PDF - ON Semiconductor
Part # LC709006A
Download  LC709006A Download
File Size   121.67 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description I/O-Expander for Microcontroller

LC709006A Datasheet (PDF)

Go To PDF Page Download Datasheet
LC709006A Datasheet PDF - ON Semiconductor

Part # LC709006A
Download  LC709006A Click to download

File Size   121.67 Kbytes
Page   14 Pages
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor
Description I/O-Expander for Microcontroller

LC709006A Datasheet (HTML) - ON Semiconductor


LC709006A Product details

Overview
The LC709006A is a peripheral IC dedicated for expanding the capability of the microcontroller (MCU) I/O ports. It interfaces with the microcontroller through synchronous serial communication. Communication with the extended I/O ports is accomplished through 24-bit parallel I/O. The extended port features include the capabilities to specify the I/O direction on a bit basis, to specify the output type (CMOS or N-channel open drain), and to specify the I/O voltage level on a port basis according to the power level of the peripheral equipment. These features make allow the LC709004A to be used in a wide variety of applications.

Features
• 4-/5-wire synchronous serial transmission and reception, and 24-bit parallel I/O
• Wide operating voltage range (2.0V to 6.0V)
• Multifunction I/O ports
   - I/O direction specification: Bit units
   - CMOS or Nch-OD output type specification: Bit units
   - Output voltage adjustment: Port (8 bits) units
• Output current: 12mA max. (capable of driving a green LED directly)
• Data transmission and reception: Can control reception of input data and transmission of output data in parallel.
• Cascaded configuration: Ports can be expanded in units of 24 bits × n (n is the number of LSI chips).
• Packaging from: MFP36SDJ (375mil): lead-free type




Similar Part No. - LC709006A

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
LC709004A ONSEMI-LC709004A Datasheet
118Kb / 13P
I/O-Expander for Microcontroller
May, 2013 Ver.0.22
More results


Similar Description - LC709006A

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M66006P MITSUBISHI-M66006P Datasheet
102Kb / 5P
12-BIT I/O EXPANDER
logo
ELAN Microelectronics C...
EM83010 EMC-EM83010 Datasheet
283Kb / 9P
I/O EXPANDER
logo
Mitsubishi Electric Sem...
M60006P MITSUBISHI-M60006P Datasheet
75Kb / 5P
12-bit I/O EXPANDER
logo
ON Semiconductor
JLC1562BE ONSEMI-JLC1562BE Datasheet
90Kb / 9P
I2C Bus I/O Expander
November, 2005 ??Rev. 5
logo
Renesas Technology Corp
M66008P RENESAS-M66008P Datasheet
1Mb / 7P
16-BIT I/O EXPANDER
logo
Analog Devices
ADP5588 AD-ADP5588 Datasheet
522Kb / 28P
Keypad I/O Expander
REV. A
logo
Microchip Technology
MCP25050-I MICROCHIP-MCP25050-I Datasheet
1Mb / 66P
CAN I/O Expander Family
12/08/06
MCP25050-IP MICROCHIP-MCP25050-IP Datasheet
1Mb / 66P
CAN I/O Expander Family
12/08/06
MCP25020-E MICROCHIP-MCP25020-E Datasheet
668Kb / 66P
CAN I/O Expander Family
12/08/06
logo
ON Semiconductor
LC709004A ONSEMI-LC709004A Datasheet
118Kb / 13P
I/O-Expander for Microcontroller
May, 2013 Ver.0.22
More results




About ON Semiconductor


ON Semiconductor is a publicly traded company that designs, develops, and manufactures a wide range of semiconductor products for various applications, including automotive, computing, consumer, industrial, and communications markets.
The company was founded in 1999 and is headquartered in Phoenix, Arizona.
ON Semiconductor offers a broad portfolio of power management, analog, and discrete semiconductors, including power MOSFETs, diodes, rectifiers, and voltage regulators, among others.
The company's products are designed to be energy efficient, reliable, and cost-effective, and are used in a variety of applications, including portable electronics, industrial automation systems, renewable energy systems, and automotive electronics.
ON Semiconductor is dedicated to innovation and customer satisfaction, and is committed to providing its customers with the best semiconductor solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com