Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

LMS34 Datasheet (PDF) - GOOD-ARK Electronics

LMS34 Datasheet PDF - GOOD-ARK Electronics
Part # LMS34
Download  LMS34 Download

File Size   268.46 Kbytes
Page   4 Pages
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description Low Profile Surface Mount Schottky Bridge Rectifiers Reverse Voltage 40V Output Current 3A

LMS34 Datasheet (PDF)

Go To PDF Page Download Datasheet
LMS34 Datasheet PDF - GOOD-ARK Electronics

Part # LMS34
Download  LMS34 Click to download

File Size   268.46 Kbytes
Page   4 Pages
Manufacturer  GOOD-ARK [GOOD-ARK Electronics]
Direct Link  http://www.goodark.com
Logo GOOD-ARK - GOOD-ARK Electronics
Description Low Profile Surface Mount Schottky Bridge Rectifiers Reverse Voltage 40V Output Current 3A

LMS34 Datasheet (HTML) - GOOD-ARK Electronics

LMS34 Datasheet HTML 1Page - GOOD-ARK Electronics LMS34 Datasheet HTML 2Page - GOOD-ARK Electronics LMS34 Datasheet HTML 3Page - GOOD-ARK Electronics LMS34 Datasheet HTML 4Page - GOOD-ARK Electronics


Similar Part No. - LMS34

ManufacturerPart #DatasheetDescription
Shanghai Leiditech Electronic Technology Co., Ltd
Shanghai Leiditech Elec...
LMS3404A LEIDITECH-LMS3404A Datasheet
1Mb / 5P
   N-Channel Enhancement Mode Power MOSFET
More results

Similar Description - LMS34

ManufacturerPart #DatasheetDescription
GOOD-ARK Electronics
GOOD-ARK Electronics
LMS36 GOOD-ARK-LMS36_15 Datasheet
193Kb / 4P
   Low Profile Surface Mount Schottky Bridge Rectifiers Reverse Voltage 60V Output Current 3A
LMS12 GOOD-ARK-LMS12_15 Datasheet
199Kb / 4P
   Low Profile Surface Mount Schottky Bridge Rectifiers Reverse Voltage 20~40V Output Current 1A
LMS22 GOOD-ARK-LMS22_15 Datasheet
194Kb / 4P
   Low Profile Surface Mount Schottky Bridge Rectifiers Reverse Voltage 20~40V Output Current 2A
E9736A GOOD-ARK-E9736A_15 Datasheet
223Kb / 4P
   Low Profile Surface Mount Single Phase Bridge Rectifiers Reverse Voltage 800V Output Current 3A
E9336R GOOD-ARK-E9336R_15 Datasheet
357Kb / 5P
   Low Profile Surface Mount Single Phase Bridge Rectifiers Reverse Voltage 800V Output Current 3A
E9336A GOOD-ARK-E9336A_15 Datasheet
223Kb / 4P
   Low Profile Surface Mount Single Phase Bridge Rectifiers Reverse Voltage 800V Output Current 3A
LMS26 GOOD-ARK-LMS26_15 Datasheet
199Kb / 4P
   Low Profile Surface Mount Schottky Bridge Rectifiers Reverse Voltage 60V Output Current 2A
LMS16 GOOD-ARK-LMS16_15 Datasheet
186Kb / 4P
   Low Profile Surface Mount Schottky Bridge Rectifiers Reverse Voltage 60V Output Current 1A
LMS1B GOOD-ARK-LMS1B_15 Datasheet
187Kb / 4P
   Low Profile Surface Mount Schottky Bridge Rectifiers Reverse Voltage 100V Output Current 1A
LMS220 GOOD-ARK-LMS220_15 Datasheet
196Kb / 4P
   Low Profile Surface Mount Schottky Bridge Rectifiers Reverse Voltage 200V Output Current 2A
More results




About GOOD-ARK Electronics


GOOD-ARK Electronics is a multinational company based in Taiwan that specializes in the design, development, and production of diodes, rectifiers, and transient voltage suppressors (TVS) for various applications. The company was founded in 1990 and has since expanded globally, with subsidiaries and sales offices in Asia, Europe, and the Americas.

GOOD-ARK Electronics' product portfolio includes a wide range of diodes, including standard, high-voltage, high-current, and ultrafast types, as well as TVS devices for ESD and surge protection. The company's products are used in various industries, such as automotive, consumer electronics, telecommunications, and industrial automation.

GOOD-ARK Electronics is committed to quality, reliability, and innovation, and it has obtained numerous certifications, such as ISO 9001, ISO 14001, and IATF 16949. The company's advanced manufacturing facilities and stringent quality control processes ensure that its products meet the highest standards of performance and reliability.

GOOD-ARK Electronics is recognized as one of the leading diode manufacturers in the world, with a strong reputation for providing high-quality and cost-effective solutions to its customers.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com  |   allmanual.com