![]() |
Electronic Components Datasheet Search |
|
PE-W19CP001-20 Datasheet (PDF) - Pasternack Enterprises, Inc. |
PE-W19CP001-20 Datasheet (HTML) - Pasternack Enterprises, Inc. |
PE-W19CP001-20 Datasheet (PDF) |
![]() |
Download Datasheet |
Part No. | PE-W19CP001-20 |
Download | PE-W19CP001-20 Click to view |
File Size | 522.17 Kbytes |
Page | 6 Pages |
Maker | PASTERNACK [Pasternack Enterprises, Inc.] |
Homepage | http://www.pasternack.com/ |
Logo | |
Description | WR-19 20 dB Directional Waveguide Coupler With UG-383 - U Flange and H-Plane Coupled Port From 40 GHz to 60 GHz U Band |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Alldatasheet API | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn |