Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RG174 Datasheet (PDF) - Crystek Corporation

RG174 Datasheet PDF - Crystek Corporation
Part # RG174
Download  RG174 Download

File Size   1046.8 Kbytes
Page   2 Pages
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation
Description RG174 50 Ohm Coaxial Cables

RG174 Datasheet (PDF)

Go To PDF Page Download Datasheet
RG174 Datasheet PDF - Crystek Corporation

Part # RG174
Download  RG174 Click to download

File Size   1046.8 Kbytes
Page   2 Pages
Manufacturer  CRYSTEKCRYSTAL [Crystek Corporation]
Direct Link  http://www.crystekcrystals.com/crystal/default.asp
Logo CRYSTEKCRYSTAL - Crystek Corporation
Description RG174 50 Ohm Coaxial Cables

RG174 Datasheet (HTML) - Crystek Corporation




Similar Part No. - RG174

ManufacturerPart #DatasheetDescription
logo
Harwin Plc
RG174 HARWIN-RG174 Datasheet
442Kb / 14P
   Component Specification M80 & M83 Series Rectangular Connectors
November 2022
logo
ITT Industries
RG174/U ITT-RG174/U Datasheet
452Kb / 39P
   RF Coaxial Connectors
logo
Pasternack Enterprises,...
RG174A-U PASTERNACK-RG174A-U Datasheet
636Kb / 3P
   Flexible RG174 Coax Cable Single Shielded with Black PVC Jacket
logo
List of Unclassifed Man...
RG174AU ETC2-RG174AU Datasheet
152Kb / 1P
   50 Coaxial Cable
RG174AU100M ETC2-RG174AU100M Datasheet
152Kb / 1P
   50 Coaxial Cable
More results


Similar Description - RG174

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CCSMA-MM-RG316DS-6P CRYSTEKMICROWAVE-CCSMA-MM-RG316DS-6P Datasheet
846Kb / 1P
   RG316DS 50 Ohm Coaxial Cables
CCMX-MM-RG178-6 CRYSTEKMICROWAVE-CCMX-MM-RG178-6 Datasheet
884Kb / 2P
   RG178 50 Ohm MMCX Coaxial Cables
CCMX-MM-RG316-6 CRYSTEKMICROWAVE-CCMX-MM-RG316-6 Datasheet
867Kb / 2P
   RG316 50 Ohm MMCX Coaxial Cables
CCSMA-MM-SS402-6 CRYSTEKMICROWAVE-CCSMA-MM-SS402-6 Datasheet
360Kb / 1P
   SS402 50 Ohm 18GHz Precision Coaxial Cables
CCESMA-MM-SS402-12 CRYSTEKMICROWAVE-CCESMA-MM-SS402-12 Datasheet
935Kb / 1P
   SS402 50 Ohm 18G Hz Precision Coaxial Cables
CCSMA-MM-LL142-12 CRYSTEKMICROWAVE-CCSMA-MM-LL142-12 Datasheet
684Kb / 5P
   LL142 50 Ohm 18GHz Low Loss Coaxial Cables
CCASMA-MM-LL142-24 CRYSTEKMICROWAVE-CCASMA-MM-LL142-24 Datasheet
563Kb / 4P
   Armored 50 Ohm 18GHz Low Loss Coaxial Cables
CCSMA18-MM-086F-12 CRYSTEKMICROWAVE-CCSMA18-MM-086F-12 Datasheet
1Mb / 3P
   086 Flexible 50 Ohm 18 GHz Coaxial Cables
CCSMA-MM-LL335-36 CRYSTEKMICROWAVE-CCSMA-MM-LL335-36 Datasheet
1Mb / 2P
   LL335 50 Ohm 18 GHz Low Loss Coaxial Cables
CCSMA-MM-086-3 CRYSTEKMICROWAVE-CCSMA-MM-086-3 Datasheet
904Kb / 1P
   50 Ohm DC-12 GHz Hand Formable Coaxial Cables
More results




About Crystek Corporation


Crystek Corporation is a company that designs and manufactures high-performance frequency control and timing products for a wide range of industries, including aerospace, defense, telecommunications, and medical equipment.

The company's product portfolio includes crystal oscillators, VCXOs (voltage-controlled crystal oscillators), TCXOs (temperature-compensated crystal oscillators), OCXOs (oven-controlled crystal oscillators), and RF/microwave components such as filters, mixers, and amplifiers.

Crystek Corporation was founded in 1958 and is based in Fort Myers, Florida, USA. The company has a strong focus on research and development, and it works closely with its customers to provide customized solutions to meet their specific requirements. Crystek is also known for its high-quality manufacturing processes and rigorous testing procedures, which help to ensure the reliability and performance of its products.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com