Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VJ5105W240GXCMT Datasheet (PDF) - Vishay Siliconix

VJ5105W240GXCMT Datasheet PDF - Vishay Siliconix
Part # VJ5105W240GXCMT_15
Download  VJ5105W240GXCMT Download

File Size   325.58 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface Mount Ceramic Chip Antennas for 2.4 GHz

VJ5105W240GXCMT Datasheet (PDF)

Go To PDF Page Download Datasheet
VJ5105W240GXCMT Datasheet PDF - Vishay Siliconix

Part # VJ5105W240GXCMT_15
Download  VJ5105W240GXCMT Click to download

File Size   325.58 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Surface Mount Ceramic Chip Antennas for 2.4 GHz

VJ5105W240GXCMT Datasheet (HTML) - Vishay Siliconix

VJ5105W240GXCMT_15 Datasheet HTML 1Page - Vishay Siliconix VJ5105W240GXCMT_15 Datasheet HTML 2Page - Vishay Siliconix VJ5105W240GXCMT_15 Datasheet HTML 3Page - Vishay Siliconix VJ5105W240GXCMT_15 Datasheet HTML 4Page - Vishay Siliconix VJ5105W240GXCMT_15 Datasheet HTML 5Page - Vishay Siliconix VJ5105W240GXCMT_15 Datasheet HTML 6Page - Vishay Siliconix



Similar Part No. - VJ5105W240GXCMT_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ5105W240GXCMT VISHAY-VJ5105W240GXCMT Datasheet
335Kb / 6P
   Surface Mount Ceramic Chip Antennas for 2.4 GHz
01-Jan-2022
More results


Similar Description - VJ5105W240GXCMT_15

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VJ5103W240GXCMT VISHAY-VJ5103W240GXCMT Datasheet
375Kb / 6P
   Surface Mount Ceramic Chip Antennas for 2.4 GHz
01-Jan-2022
VJ5105W240GXCMT VISHAY-VJ5105W240GXCMT Datasheet
335Kb / 6P
   Surface Mount Ceramic Chip Antennas for 2.4 GHz
01-Jan-2022
VJ5104W240GXCMT VISHAY-VJ5104W240GXCMT Datasheet
404Kb / 6P
   Surface Mount Ceramic Chip Antennas for 2.4 GHz
01-Jan-2022
VJ5103W240GXCMT VISHAY-VJ5103W240GXCMT_15 Datasheet
378Kb / 6P
   Surface Mount Ceramic Chip Antennas for 2.4 GHz
Revision: 26-Apr-13
VJ5106W240GXCMT VISHAY-VJ5106W240GXCMT_15 Datasheet
392Kb / 6P
   Surface Mount Ceramic Chip Antennas for 2.4 GHz
Revision: 26-Apr-13
VJ5106W240GXCMT VISHAY-VJ5106W240GXCMT Datasheet
401Kb / 6P
   Surface Mount Ceramic Chip Antennas for 2.4 GHz
01-Jan-2022
VJ5120W500GXCMT VISHAY-VJ5120W500GXCMT Datasheet
362Kb / 6P
   Surface Mount Ceramic Chip Antennas for 5.0 GHz
01-Jan-2022
VJ5101W157GXCMT VISHAY-VJ5101W157GXCMT_15 Datasheet
374Kb / 6P
   Surface Mount Ceramic Chip Antennas for 1.575 GHz
Revision: 30-Apr-13
VJ5120W500GXCMT VISHAY-VJ5120W500GXCMT_15 Datasheet
353Kb / 6P
   Surface Mount Ceramic Chip Antennas for 5.0 GHz
Revision: 26-Apr-13
VJ5101W157GXCMT VISHAY-VJ5101W157GXCMT Datasheet
371Kb / 6P
   Surface Mount Ceramic Chip Antennas for 1.575 GHz
01-Jan-2022
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com