Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37272M6H Datasheet (PDF) - Mitsubishi Electric Semiconductor

M37272M6H Datasheet PDF - Mitsubishi Electric Semiconductor
Part # M37272M6H
Download  M37272M6H Download

File Size   1297.97 Kbytes
Page   131 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????

M37272M6H Datasheet (PDF)

Go To PDF Page Download Datasheet
M37272M6H Datasheet PDF - Mitsubishi Electric Semiconductor

Part # M37272M6H
Download  M37272M6H Click to download

File Size   1297.97 Kbytes
Page   131 Pages
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor
Description SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????

M37272M6H Datasheet (HTML) - Mitsubishi Electric Semiconductor

Back Button M37272M6H Datasheet HTML 1Page - Mitsubishi Electric Semiconductor M37272M6H Datasheet HTML 2Page - Mitsubishi Electric Semiconductor M37272M6H Datasheet HTML 3Page - Mitsubishi Electric Semiconductor M37272M6H Datasheet HTML 4Page - Mitsubishi Electric Semiconductor M37272M6H Datasheet HTML 5Page - Mitsubishi Electric Semiconductor M37272M6H Datasheet HTML 6Page - Mitsubishi Electric Semiconductor M37272M6H Datasheet HTML 7Page - Mitsubishi Electric Semiconductor M37272M6H Datasheet HTML 8Page - Mitsubishi Electric Semiconductor M37272M6H Datasheet HTML 9Page - Mitsubishi Electric Semiconductor M37272M6H Datasheet HTML 10Page - Mitsubishi Electric Semiconductor Next Button 

M37272M6H Product details

DESCRIPTION
The M37272M6H/M8H/MAH/MFH-XXXSP/FP are single-chip microcomputers designed with CMOS silicon gate technology. They have a OSD, data slicer, and I2C-BUS interface, so it is useful for a channel selection system for TV with a closed caption decoder.

FEATURES
● Number of basic instructions .................................................... 71
● Memory size
   ROM .............. 24K bytes
      (M37272M6H-XXXSP/FP)
      32K bytes
      (M37272M8H-XXXSP/FP, M37272E8SP/FP)
      40K bytes
      (M37272MAH-XXXSP/FP)
      60K bytes
      (M37272MFH-XXXSP/FP, M37272EFSP/FP)
   RAM ............... 1024 bytes
      (M37272M6H-XXXSP/FP)
      1152 bytes
      (M37272M8H-XXXSP/FP, M37272E8SP/FP)
      1472 bytes
      (M37272MAH-XXXSP/FP, M37272MFH- .
      XXXSP/FP, M37272EFSP/FP)
      (*ROM correction memory included)
● Minimum instruction execution time
   ......................................... 0.5 µs (at 8 MHz oscillation frequency)
● Power source voltage ................................................. 5 V ± 10 %
● Subroutine nesting ............................................. 128 levels (Max.)
● Interrupts ....................................................... 17 types, 16 vectors
● 8-bit timers .................................................................................. 6
● Programmable I/O ports (Ports P0, P1, P2, P30, P31) ............. 26
● Input ports (Ports P50, P51) ........................................................ 2
● Output ports (Ports P52–P55) ..................................................... 4
● 12 V withstand ports ................................................................... 6
● LED drive ports ........................................................................... 4
● Serial I/O ............................................................ 8-bit ✕ 1 channel
● Multi-master I2C-BUS interface .............................. 1 (2 systems)
● A-D comparator (6-bit resolution) ................................ 6 channels
● PWM output circuit ......................................................... 8-bit ✕ 6
● Power dissipation
   In high-speed mode ......................................................... 165 mW
   (at VCC = 5.5V, 8 MHz oscillation frequency, OSD on, and Data
   slicer on)
   In low-speed mode ......................................................... 0.33 mW
   (at VCC = 5.5V, 32 kHz oscillation frequency)
●  ROM correction function ................................................ 2 vectors
●  Closed caption data slicer
● OSD function
   Display characters ................................... 32 characters ✕ 2 lines
      (It is possible to display 3 lines or more by software)
   Kinds of characters ........................................................ 254 kinds
   Character display area ............................ CC mode: 16 ✕ 26 dots
      OSD mode: 16 ✕ 20 dots
   Kinds of character sizes ..................................... CC mode: 1 kind
      OSD mode: 8 kinds
   Kinds of character colors .................................. 8 colors (R, G, B)
   Coloring unit ................... character, character background, raster
   Display position
      Horizontal: 128 levels Vertical: 512 levels
   Attribute ........................................................................................
      CC mode: smooth italic, underline, flash, automatic solid space
      OSD mode: border
   Smoth roll-up
   Window function

APPLICATION
   TV with a closed caption decoder




Similar Part No. - M37272M6H

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37272M6H RENESAS-M37272M6H Datasheet
1Mb / 132P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
More results


Similar Description - M37272M6H

ManufacturerPart #DatasheetDescription
logo
Mitsubishi Electric Sem...
M37274EFSP MITSUBISHI-M37274EFSP Datasheet
1Mb / 147P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
M37271MF MITSUBISHI-M37271MF Datasheet
1Mb / 97P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
M37267 MITSUBISHI-M37267 Datasheet
5Mb / 80P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER WITH CLOSED CAPTION DECODER AND ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M3727GM6 RENESAS-M3727GM6_15 Datasheet
1Mb / 131P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37266ME-XXXSP MITSUBISHI-M37266ME-XXXSP Datasheet
5Mb / 79P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Renesas Technology Corp
M37273MFH RENESAS-M37273MFH Datasheet
1Mb / 130P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37270MF MITSUBISHI-M37270MF Datasheet
1Mb / 94P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER???
M37274MA MITSUBISHI-M37274MA Datasheet
2Mb / 131P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
logo
Renesas Technology Corp
M3727GM6 RENESAS-M3727GM6 Datasheet
1Mb / 129P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
M37281EKSP RENESAS-M37281EKSP Datasheet
1Mb / 172P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER
logo
Mitsubishi Electric Sem...
M37273M8 MITSUBISHI-M37273M8 Datasheet
1Mb / 138P
   SINGLE-CHIP 8-BIT CMOS MICROCOMPUTER with CLOSED CAPTION DECODER and ON-SCREEN DISPLAY CONTROLLER??????
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com