Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

A62S6308A Datasheet (PDF) - AMIC Technology

A62S6308A Datasheet PDF - AMIC Technology
Part # A62S6308A
Download  A62S6308A Download

File Size   168.39 Kbytes
Page   16 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 64K X 8 BIT LOW VOLTAGE CMOS SRAM

A62S6308A Datasheet (PDF)

Go To PDF Page Download Datasheet
A62S6308A Datasheet PDF - AMIC Technology

Part # A62S6308A
Download  A62S6308A Click to download

File Size   168.39 Kbytes
Page   16 Pages
Manufacturer  AMICC [AMIC Technology]
Direct Link  http://www.amictechnology.com
Logo AMICC - AMIC Technology
Description 64K X 8 BIT LOW VOLTAGE CMOS SRAM

A62S6308A Datasheet (HTML) - AMIC Technology

Back Button A62S6308A Datasheet HTML 1Page - AMIC Technology A62S6308A Datasheet HTML 2Page - AMIC Technology A62S6308A Datasheet HTML 3Page - AMIC Technology A62S6308A Datasheet HTML 4Page - AMIC Technology A62S6308A Datasheet HTML 5Page - AMIC Technology A62S6308A Datasheet HTML 6Page - AMIC Technology A62S6308A Datasheet HTML 7Page - AMIC Technology A62S6308A Datasheet HTML 8Page - AMIC Technology A62S6308A Datasheet HTML 9Page - AMIC Technology A62S6308A Datasheet HTML 10Page - AMIC Technology Next Button 

A62S6308A Product details

General Description
The A62S6308A is a low operating current 524,288-bit static random access memory organized as 65,536 words by 8 bits and operates on a low power supply voltage from 2.7V to 3.6V.
Inputs and three-state outputs are TTL compatible and allow for direct interfacing with common system bus structures.
Two chip enable inputs are provided for POWER-DOWN and a device enable and an output enable input are included for easy interfacing.
Data retention is guaranteed at a power supply voltage as low as 2V.

Features
■ Power supply range: 2.7V to 3.6V
■ Access times:55/70 ns (max.)
■ Current: A62S6308A series: Operating: 30mA (max.) Standby: 5μA (max.)
■ Extended operating temperature range: 0°C to 70°C for -S series, -40°C to +85°C for -SU series
■ Full static operation, no clock or refreshing required
■ All inputs and outputs are directly TTL-compatible
■ Common I/O using three-state output
■ Output enable and two chip enable inputs for easy application
■ Data retention voltage: 2V (min.)
■ Available in 32-pin SOP, TSOP, sTSOP (8 X 13.4mm) forward type packages
■ All Pb-free (Lead-free) products are RoHS compliant




Similar Part No. - A62S6308A

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A62S6308 AMICC-A62S6308 Datasheet
179Kb / 17P
   64K X 8 BIT LOW VOLTAGE CMOS SRAM
A62S6308G-10S AMICC-A62S6308G-10S Datasheet
179Kb / 17P
   64K X 8 BIT LOW VOLTAGE CMOS SRAM
A62S6308G-10SI AMICC-A62S6308G-10SI Datasheet
179Kb / 17P
   64K X 8 BIT LOW VOLTAGE CMOS SRAM
A62S6308G-70S AMICC-A62S6308G-70S Datasheet
179Kb / 17P
   64K X 8 BIT LOW VOLTAGE CMOS SRAM
A62S6308G-70SI AMICC-A62S6308G-70SI Datasheet
179Kb / 17P
   64K X 8 BIT LOW VOLTAGE CMOS SRAM
More results


Similar Description - A62S6308A

ManufacturerPart #DatasheetDescription
logo
AMIC Technology
A62S6308 AMICC-A62S6308 Datasheet
179Kb / 17P
   64K X 8 BIT LOW VOLTAGE CMOS SRAM
LP62S1664C AMICC-LP62S1664C_15 Datasheet
169Kb / 15P
   64K X 16 BIT LOW VOLTAGE CMOS SRAM
A62S6316 AMICC-A62S6316 Datasheet
148Kb / 15P
   64K X 16 BIT LOW VOLTAGE CMOS SRAM
LP62S1664C AMICC-LP62S1664C Datasheet
148Kb / 15P
   64K X 16 BIT LOW VOLTAGE CMOS SRAM
logo
List of Unclassifed Man...
UT61512 ETC-UT61512 Datasheet
148Kb / 7P
   64K X 8 BIT HIGH SPEED CMOS SRAM
logo
UMC Corporation
UM61512A UMC-UM61512A Datasheet
164Kb / 16P
   64K X 8 BIT HIGH SPEED CMOS SRAM
logo
Brilliance Semiconducto...
BS616LV1010 BSI-BS616LV1010 Datasheet
216Kb / 10P
   Very Low Power/Voltage CMOS SRAM 64K X 16 bit
BS616LV1013 BSI-BS616LV1013 Datasheet
258Kb / 9P
   Very Low Power/Voltage CMOS SRAM 64K X 16 bit
BS616LV1015 BSI-BS616LV1015 Datasheet
254Kb / 9P
   Very Low Power/Voltage CMOS SRAM 64K X 16 bit
BS616LV1011 BSI-BS616LV1011 Datasheet
261Kb / 9P
   Very Low Power/Voltage CMOS SRAM 64K X 16 bit
More results




About AMIC Technology


AMIC Technology Corporation (AMIC) is a semiconductor company that designs and manufactures a range of memory and system-on-chip (SoC) solutions. The company was founded in 1988 and is headquartered in Taipei, Taiwan.

AMIC's product portfolio includes DRAM, SRAM, flash memory, and ROM chips. The company also offers SoC solutions for a range of applications, including communications, consumer electronics, and automotive. These products are used in a variety of devices, including smartphones, tablets, digital cameras, and automotive infotainment systems.

AMIC is known for its commitment to quality and innovation. The company's products are designed to meet the highest standards of performance and reliability, and are manufactured using the latest technology and materials.
AMIC also offers custom design and engineering services to meet the specific needs of its customers.

AMIC has a global presence, with sales offices and representatives located around the world. The company is dedicated to delivering innovative and reliable memory and SoC solutions that meet the evolving needs of the electronics industry. In 2007, AMIC was acquired by fellow Taiwanese semiconductor company TMC Group.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com